Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10T06AC Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part # 10T06AC
Description  TRIACs, 10A Snubberless and Standard
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

10T06AC Datasheet(HTML) 4 Page - Nell Semiconductor Co., Ltd

  10T06AC Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 10T06AC Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 10T06AC Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 10T06AC Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 10T06AC Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 10T06AC Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
0
1
2
3
4
5
6
7
8
P(W)
0
25
50
75
100
125
I
(A)
T(RMS)
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
1E-2
1E-1
1E+0
K=[Z
/R ]
th
th
Zth(j-a)
Zth(j-c)
1
10
100
I
(A)
TM
t (s)
p
SEMICONDUCTOR
10T Series RoHS
RoHS
Fig.1 Maximum power dissipation versus RMS on-state
current (full cycle)
Fig.2 RMS on-state current versus case temperature
(full cycle)
Fig.3 Relative variation of thermal impedance
versus pulse duration
Fig.4 On-state characteristics (maximum values)
1
10
100
1000
0
10
20
30
40
50
60
70
I
(A)
TSM
0.01
0.10
1.00
10.00
10
100
1000
I
(A), I t (A s)
TSM
2
2
Fig.5 Surge peak on-state current versus number
of cycles
Fig.6 Non-repetitive surge peak on-state current
for a sinusoidal pulse with width tp < 10ms.
2
and corresponding value of l t
Page 4 of 6
I
(A)
T(RMS)
TO-220AB
insulated
TO-220AB
T (°C)
c
T =25°C
j
T max
j
V
=0.85V
to
R =40mΩ
d
T =T max
j
j
V
(V)
TM
Non repetitive
T initial=25°C
j
Repetitive
T =95°C
c
Number of cycles
t=20ms
One cycle
Tj initial=25°C
ITSM
l²t
t (ms)
p
dl/dt limitation
50A/µs
9
10
11
12
13
0
1
2
3
4
5
6
7
8
9
10
11
12
1.0
0.5
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
80
90
100
110
0
1
2
3
4
5
6
7
8
9
10
www.nellsemi.com


Similar Part No. - 10T06AC

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
10T0030 NJSEMI-10T0030 Datasheet
59Kb / 1P
   Schottky Rectifiers
10T0030 NJSEMI-10T0030 Datasheet
59Kb / 1P
   Schottky Rectifiers
10T0030 NJSEMI-10T0030 Datasheet
59Kb / 1P
   Schottky Rectifiers
More results

Similar Description - 10T06AC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA24 STMICROELECTRONICS-BTA24_07 Datasheet
133Kb / 12P
   25 A standard and Snubberless triacs
BTA26-700BRG STMICROELECTRONICS-BTA26-700BRG Datasheet
135Kb / 12P
   25 A standard and Snubberless??triacs
BTA25-700B STMICROELECTRONICS-BTA25-700B Datasheet
142Kb / 12P
   25 A standard and Snubberless??triacs
July 2007 Rev 10
BTA26-400BRG STMICROELECTRONICS-BTA26-400BRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTA24-600CW STMICROELECTRONICS-BTA24-600CW Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTA25-400B STMICROELECTRONICS-BTA25-400B Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
BTA26-800BWRG STMICROELECTRONICS-BTA26-800BWRG Datasheet
135Kb / 12P
   25 A standard and Snubberless triacs
logo
Nell Semiconductor Co.,...
4T06A-CW NELLSEMI-4T06A-CW Datasheet
414Kb / 7P
   TRIACs, 4A Snubberless, Logic Level and Standard
6T06A-BW NELLSEMI-6T06A-BW Datasheet
340Kb / 6P
   TRIACs, 6A Snubberless, Logic Level and Standard
8T06A-BW NELLSEMI-8T06A-BW Datasheet
674Kb / 7P
   TRIACs, 8A Snubberless, Logic Level and Standard
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com