Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8T08AF-B Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # 8T08AF-B
Description  TRIACs, 8A Snubberless, Logic Level and Standard
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

8T08AF-B Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  8T08AF-B Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 8T08AF-B Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 8T08AF-B Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 8T08AF-B Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 8T08AF-B Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 8T08AF-B Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 8T08AF-B Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.nellsemi.com
Page 1 of 7
SEMICONDUCTOR
8T Series RoHS
RoHS
DESCRIPTION
The 8T triac series is suitable for general purpose AC
switching. They can be used as an ON/OFF function in
applications such as static relays, heating regulation,
induction motor starting circuits...
or for phase control
operation in light dimmers, motor speed controllers,...
The snubberless and logic level versions are specially
recommended for use on inductive loads, thanks to their
high commutation performances.
By using an internal ceramic pad, the 8T series provides
voltage insulated tab (rated at 2500VRMS) complying
with UL standards (File ref. :E320098)
G
A2
A1
TRIACs, 8A
Snubberless,
and Standard
Logic Level
1
2
3
1
2
3
2
2
A2
1
2
3
TO-220AB (lnsulated)
TO-251 (I-PAK)
TO-252 (D-PAK)
(8TxxF)
(8TxxG)
(8TxxAI)
TO-220AB (non-Insulated)
(8TxxA)
MAIN FEATURES
SYMBOL
VALUE
UNIT
IT(RMS)
V
/V
DRM
RRM
IGT(Q1)
8
A
V
mA
5 to 50
600 to 1000
SYMBOL
IT(RMS)
RMS on-state current (full sine wave)
8
TO-251/TO-252/TO-263/TO-220AB
ITSM
Non repetitive surge peak on-state
current (full cycle, T initial = 25°C)
j
A
I t
2
2
I t Value for fusing
32
2
A s
dI/dt
Critical rate of rise of on-state current
I = 2xl
, t ≤100ns
G
GT
r
50
IGM
Peak gate current
4
PG(AV)
Average gate power dissipation
1
Tstg
Storage temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
ºC
A/µs
A
A
W
UNIT
VALUE
80
84
F =50 Hz
F =60 Hz
t = 20 ms
t = 16.7 ms
t = 10 ms
p
F =100 Hz
T =125ºC
j
T =125ºC
j
T =125ºC
j
T =20 µs
p
Tj
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITIONS
TO-220AB insulated
T = 110ºC
c
T = 100ºC
c
A2
A2
G
A1
2
TO-263 (D PAK)
(8TxxH)


Similar Part No. - 8T08AF-B

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
8T0060 NJSEMI-8T0060 Datasheet
59Kb / 1P
   Schottky Rectifiers
8T0060 NJSEMI-8T0060 Datasheet
59Kb / 1P
   Schottky Rectifiers
8T0060 NJSEMI-8T0060 Datasheet
59Kb / 1P
   Schottky Rectifiers
More results

Similar Description - 8T08AF-B

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
16T06A-BW NELLSEMI-16T06A-BW Datasheet
2Mb / 7P
   TRIACs, 16A Snubberless, Logic Level and Standard
4T06A-CW NELLSEMI-4T06A-CW Datasheet
414Kb / 7P
   TRIACs, 4A Snubberless, Logic Level and Standard
6T06A-BW NELLSEMI-6T06A-BW Datasheet
340Kb / 6P
   TRIACs, 6A Snubberless, Logic Level and Standard
12T06A-BW NELLSEMI-12T06A-BW Datasheet
598Kb / 6P
   TRIACs, 12A Snubberless, Logic Level and Standard
logo
Kersemi Electronic Co.,...
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600B KERSEMI-BTA16-600B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600BW KERSEMI-BTA16-600BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
logo
STMicroelectronics
T1635-700G-TR STMICROELECTRONICS-T1635-700G-TR Datasheet
114Kb / 10P
   16 A Snubberless?? logic level and standard Triacs
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com