Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8PT06A-T Datasheet(PDF) 6 Page - Nell Semiconductor Co., Ltd

Part # 8PT06A-T
Description  Sensitive and Standard SCRs, 8A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

8PT06A-T Datasheet(HTML) 6 Page - Nell Semiconductor Co., Ltd

  8PT06A-T Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 8PT06A-T Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 8PT06A-T Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 8PT06A-T Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 8PT06A-T Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 8PT06A-T Datasheet HTML 6Page - Nell Semiconductor Co., Ltd 8PT06A-T Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SEMICONDUCTOR
RoHS
RoHS
Page6of7
8PTSeries
www.nellsemi.com
Fig.13 On-state characteristics (maximum
values)
Fig.14 Thermal resistance junction to ambient
versuscoppersurfaceundertab(DPAK)
Tj=25 C
°
Tj=max
Tjmax
V =0.85V
t0
Rd=
mΩ
46
V
(V)
TM
0.5
1.0
1.5
2.0
3.0
2.5
3.5
4.0
0.0
0.1
0
1.0
10.0
50.0
EpoxyprintedcircuitboardFR4
copperthickness=35µm
S(cm²)
0
2
4
6
8
10
12
14
16
18
20
0
20
40
60
80
100
I
(A)
TM
R (j-a)( C/W)
th
°
CaseStyle
4T
6.4(0.52)
6.6(0.26)
5.2(0.204)
5.4(0.212)
1.5(0.059)
1.37(0.054)
9.4(0.37)
9(0.354)
16.3(0.641)
15.9(0.626)
4.6(0.181)
4.4(0.173)
0.85(0.033)
0.76(0.03)
0.65(0.026)
0.55(0.021)
1.9(0.075)
1.8(0.071)
2.4(0.095)
2.2(0.086)
0.62(0.024)
0.48(0.019)
0.62(0.024)
0.45(0.017)
6.2(0.244)
6(0.236)
TO-251
(I-PAK)
2.87 (0.113)
2.62(0.103)
9.40(0.370)
9.14(0.360)
10.54(0.415)
.
MAX
16.13(0.635)
15.87 (0.625)
PIN
4.06(0.160)
3.56(0.140)
1.45(0.057)
1.14(0.045)
2.67(0.105)
2.41(0.095)
2.65(0.104)
2.45(0.096)
5.20(0.205)
4.95(0.195)
0.90(0.035)
0.70(0.028)
3.91(0.154)
3.74(0.148)
1
3
2
4.70(0.185)
4.44 0.1754
(
)
1.39(0.055)
1.14 (0.045)
3.68(0.145)
3.43(0.135)
8.89(0.350)
8.38(0.330)
29.16(1.148)
28.40 (1.118)
14.22(0.560)
13.46(0.530)
0.56(0.022)
0.36(0.014)
2.79(0.110)
2.54(0.100)
15.32(0.603)
14.55(0.573)
TO-220AB
(G)3
1(A1)
(A2)
2


Similar Part No. - 8PT06A-T

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
8PT NELLSEMI-8PT Datasheet
413Kb / 7P
   Sensitive and Standard SCRs, 8A
8PTxxA NELLSEMI-8PTxxA Datasheet
414Kb / 7P
   Sensitive and Standard SCRs, 8A
8PTxxA-S NELLSEMI-8PTxxA-S Datasheet
414Kb / 7P
   Sensitive and Standard SCRs, 8A
8PTxxA-T NELLSEMI-8PTxxA-T Datasheet
414Kb / 7P
   Sensitive and Standard SCRs, 8A
8PTxxF NELLSEMI-8PTxxF Datasheet
414Kb / 7P
   Sensitive and Standard SCRs, 8A
More results

Similar Description - 8PT06A-T

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
8PT NELLSEMI-8PT Datasheet
413Kb / 7P
   Sensitive and Standard SCRs, 8A
8PT NELLSEMI-8PT_14 Datasheet
414Kb / 7P
   Sensitive and Standard SCRs, 8A
12PT NELLSEMI-12PT_18 Datasheet
978Kb / 7P
   Sensitive and Standard SCRs
12PT NELLSEMI-12PT_14 Datasheet
3Mb / 7P
   Sensitive and Standard SCRs, 12A
12PT NELLSEMI-12PT Datasheet
3Mb / 7P
   Sensitive and Standard SCRs, 12A
12PT06AI-S NELLSEMI-12PT06AI-S Datasheet
1Mb / 7P
   Sensitive and Standard SCRs, 12A
logo
STMicroelectronics
TN12 STMICROELECTRONICS-TN12_07 Datasheet
153Kb / 12P
   Sensitive and Standard 12 A SCRS
TN805 STMICROELECTRONICS-TN805_10 Datasheet
153Kb / 12P
   Sensitive and standard 8 A SCRs
TS1220-600T STMICROELECTRONICS-TS1220-600T Datasheet
156Kb / 13P
   Sensitive and standard 12 A SCRs
September 2011 Rev 7
TYN412RG STMICROELECTRONICS-TYN412RG Datasheet
156Kb / 13P
   Sensitive and standard 12 A SCRs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com