Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6T10F-B Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part # 6T10F-B
Description  TRIACs, 6A Snubberless, Logic Level and Standard
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

6T10F-B Datasheet(HTML) 4 Page - Nell Semiconductor Co., Ltd

  6T10F-B Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 6T10F-B Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 6T10F-B Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 6T10F-B Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 6T10F-B Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 6T10F-B Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.nellsemi.com
Page 4 of 6
0
1
2
3
4
5
6
0
1
2
3
4
5
6
7
8
P(W)
I
(A)
T(RMS)
0
25
50
75
100
125
0
1
2
3
4
5
6
7
I
(A)
T(RMS)
T (°C)
C
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
1E-2
1E-1
1E+0
K=[Z /R ]
th
th
Zth(j-a)
Zth(j-c)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1
10
100
I
(A)
TM
V
(V)
TM
T max.
V = 0.85V
R = 60 m
j
t0
d
T =
j
T max.
j
t (s)
p
SEMICONDUCTOR
6T Series RoHS
RoHS
Fig.1 Maximum power dissipation versus RMS on-state
current (full cycle)
Fig.2 RMS on-state current versus case temperature
(full cycle)
Fig.3 Relative variation of thermal impedance
versus pulse duration.
Fig.4 On-state characteristics (maximum values).
ORDERING INFORMATION SCHEME
Triac series
Current
Voltage
6 = 6A
06 = 600V
08 = 800V
B = 50mA Standard
BW = 50mA Snubberless
C = 25mA Standard
CW = 35mA Snubberless
SW = 10mA Logic Level
TW = 5mA Logic Level
6
T 06
A - BW
Package type
10 = 1000V
A = TO-220AB (non-insulated)
AI = TO-220AB ( insulated)
AF= TO-220F(ISOWAT TO-220AB, insulated)
F = TO-251 (I-PAK)
G = TO-252 (D-PAK)
I
Sensitivity
GT
TO-220AB
(Insulated)
TO-251/TO-252
TO-220AB


Similar Part No. - 6T10F-B

ManufacturerPart #DatasheetDescription
logo
Marathon Special Produc...
6T100AXB MARATHON-6T100AXB Datasheet
353Kb / 3P
   Approved for 200,000 Amp Withstand Rating
10/27/2023
More results

Similar Description - 6T10F-B

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
8T06A-BW NELLSEMI-8T06A-BW Datasheet
674Kb / 7P
   TRIACs, 8A Snubberless, Logic Level and Standard
16T06A-BW NELLSEMI-16T06A-BW Datasheet
2Mb / 7P
   TRIACs, 16A Snubberless, Logic Level and Standard
4T06A-CW NELLSEMI-4T06A-CW Datasheet
414Kb / 7P
   TRIACs, 4A Snubberless, Logic Level and Standard
12T06A-BW NELLSEMI-12T06A-BW Datasheet
598Kb / 6P
   TRIACs, 12A Snubberless, Logic Level and Standard
logo
Kersemi Electronic Co.,...
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600B KERSEMI-BTA16-600B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600BW KERSEMI-BTA16-600BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
logo
STMicroelectronics
T1635-700G-TR STMICROELECTRONICS-T1635-700G-TR Datasheet
114Kb / 10P
   16 A Snubberless?? logic level and standard Triacs
BTA12-700SWRG STMICROELECTRONICS-BTA12-700SWRG Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com