Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62702-P1822 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # Q62702-P1822
Description  IR-Empfanger fur Fernbedienungen fur kurze Burst IR-Receiver for Remote Control Systems for Short Burst
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-P1822 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  Q62702-P1822 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-P1822 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-P1822 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-P1822 Datasheet HTML 4Page - Siemens Semiconductor Group Q62702-P1822 Datasheet HTML 5Page - Siemens Semiconductor Group Q62702-P1822 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SFH 507
Semiconductor Group
5
0
E
OHF00219
0.7
f
0.2
0.4
0.6
0.8
1.0
0.8
0.9
1.0
1.1
1.2
1.3
e min /
e
E
/
f
0
Vertical directivity
ϕ
y
Horizontal directivity
ϕ
x
Relative sensitivity Ee min/Ee = f (f / f0)
f = f0 ± 5 %, ∆f (3 dB) = f0/7
OHF00246
ϕ
0.2
-10
0
-20
-30
-40
-50
-60
-70
-80
-90
20
30
40
50
60
70
80
90
10
0
0.6
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-0.2
-0.4
-0.6
0.2
0.4
OHF00247
ϕ
0.2
-10
0
-20
-30
-40
-50
-60
-70
-80
-90
20
30
40
50
60
70
80
90
10
0
0.6
0.4
0.6
0.8
1.0
1.2
1.4
1.6
-0.2
-0.4
-0.6
0.2
0.4
Sensitivity vs. electric field disturbance
Ee min = f (E), field strength of disturbance,
f = f0
Relative luminous sensitivity
Srel = f (λ), TA = 25
oC
Output pulse
Ton, Toff = f(Ee)
0
E
OHF00217
0
mW/m
2
e min
E
0.4
0.8
1.2
kV/m
2.0
0.2
0.4
0.6
0.8
1.0
0
f
f (E) =
(E) = 10 kHz
f
0.0
S
rel
OHF02193
800
λ
850
900
950 1000 1050 nm 1150
0.2
0.4
0.6
0.8
1.0
T
on,
ms
T
e
mW/m
10
0.0
OHF00245
E
-1
10
10
10
012
4
10
on
off
T
2
off
T
= 950 nm
λ
0.2
0.4
0.6
0.8
1.0
Sensitivity vs. bright ambient
Ee min = f (E)
Sensitivity vs. supply volt. disturbances,
Ee min = f (∆VS RMS)
Sensitivity vs. dark ambient
Tp out = f (Ee)
10
E
OHF00215
E
-1
0
10
1
10
2
10
mW/m
-2
10
10
-1
0
10
1
10
2
10
2
W/m 2
e min
Ambient, = 950 nm
λ
Correlation with ambient light sources
(disturbance effect) : 10 W/m
2
1.4 klx
~_ 8.2 klx
(stand. illum. A, T= 2855 K)
(daylight, T = 5900 K)
_
_
~_
10
E
OHF00214
V
-1
mW/m
-1
10
2
mV
e min
s RMS
2
10
1
10
0
10
10
3
10
-2
0
10
10
1
f 0
f =
10 kHz
1 kHz
100 Hz
0
T
OHF00216
p out
E
-1
10
mW/m 2
50
100
150
200
300
s
µ
Input burst duration
e
250
10
0
10
1
10
2
10
4
λ = 950 nm


Similar Part No. - Q62702-P1822

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-P1821 SIEMENS-Q62702-P1821 Datasheet
58Kb / 6P
   GaAs-IR-Lumineszenzdioden 950 nm GaAs Infrared Emitters 950 nm
Q62702-P1826 SIEMENS-Q62702-P1826 Datasheet
42Kb / 5P
   Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
Q62702-P1829 SIEMENS-Q62702-P1829 Datasheet
48Kb / 5P
   Silizium-PIN-Fotodiode mit Tageslichtsperrfilter
More results

Similar Description - Q62702-P1822

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH5410 OSRAM-SFH5410 Datasheet
75Kb / 8P
   IR-Empfanger fur Fernbedienungen
SFH5110 OSRAM-SFH5110 Datasheet
144Kb / 9P
   IR-Empfanger fur Fernbedienungen IR-Receiver for Remote Control Systems Lead (Pb) Free Product - RoHS Compliant
logo
List of Unclassifed Man...
SHF5110 ETC-SHF5110 Datasheet
64Kb / 7P
   IR-Receiver for Remote Control Systems
logo
Infineon Technologies A...
SFH5110 INFINEON-SFH5110 Datasheet
48Kb / 7P
   IR-Receiver for Remote Control Systems
2000-01-01
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 6, 15-Oct-2002
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP331 VISHAY-TSOP331 Datasheet
490Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP361 VISHAY-TSOP361 Datasheet
654Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP53230 VISHAY-TSOP53230 Datasheet
479Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 13-Mar-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com