Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4PT08A-05 Datasheet(PDF) 2 Page - Nell Semiconductor Co., Ltd

Part # 4PT08A-05
Description  Sensitive gate SCRs, 4A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

4PT08A-05 Datasheet(HTML) 2 Page - Nell Semiconductor Co., Ltd

  4PT08A-05 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 4PT08A-05 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 4PT08A-05 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 4PT08A-05 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 4PT08A-05 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd 4PT08A-05 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page2of6
SEMICONDUCTOR
4PTSeries RoHS
RoHS
4PTxxxx
Unit
IGT
VGD
IH
mA
dV dt
/
VTM
IDRM
IRRM
mA
IL
V =12V,R =30
D
L
V =V
,R =3.3K
D
DRM
L
R
=220 ,T =125°C
GK
j
I =50mA,
T
R
=1K
GK
I =1mA,
G
R
=1K
GK
V =67%V
,
,T =125°C
D
DRM
j
R
=1K
GK
0.8
0.1
5
6
10
µA
V
V
mA
V/µs
I =8A,
T
t =380µs
P
T =125°C
j
T =25°C
j
T =25°C
j
V
µA
ELECTRICAL SPECIFICATIONS
(TJ = 25
)
unless otherwise specified
ºC
TESTCONDITIONS
SYMBOL
V =V
,V =V
D
DRM
R
RRM
1.6
5
0.5
R
=220
GK
Min.
Max.
Max.
Min.
Max.
Min.
Min.
Max.
Max.
Max.
10
200
THERMAL RESISTANCE
Rth j c
( - )
Junction to case DC
(
)
Rth j a
( - )
Junction to ambient
2.8
60
°C/W
°C/W
UNIT
VALUE
SYMBOL
Parameter
IPAK/DPAK/TO-220AB
TO-252(D-PAK)
TO-220AB
TO-251(I-PAK)
70
100
S=0.5cm2
VGT
PRODUCT SELECTOR
PART NUMBER
VOLTAGE
x x
(
)
SENSITIVITY
600 V
A
70~200
µ
1000 V
4PTxxA-S/4PTxxAl-S
4PTxxF-S
4PTxxG-S
V
V
V
V
V
V
800 V
V
V
V
PACKAGE
TO-220AB
I-PAK
D-PAK
www.nellsemi.com
V
V
V
V
V
V
V
V
V
V
V
V
4PTxxA-03/4PTxxAl-03
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
4PTxxA-05/4PTxxAl-05
4PTxxF-03
4PTxxF-05
4PTxxF-06
4PTxxF-08
4PTxxG-03
4PTxxG-05
4PTxxG-06
4PTxxG-08
4PTxxA-06/4PTxxAl-06
4PTxxA-08/4PTxxAl-08
D-PAK
D-PAK
D-PAK
D-PAK
I-PAK
I-PAK
I-PAK
I-PAK
TO-220AB
TO-220AB
TO-220AB
TO-220AB
A
10~30
µ
A
20~30
µ
A
30~60
µ
A
50~80
µ
A
70~200
µ
A
10~30
µ
A
20~30
µ
A
30~60
µ
A
50~80
µ
A
70~200
µ
A
10~30
µ
A
20~30
µ
A
30~60
µ
A
50~80
µ


Similar Part No. - 4PT08A-05

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
4PT08A-05 NELLSEMI-4PT08A-05 Datasheet
758Kb / 7P
   Sensitive gate SCRs
More results

Similar Description - 4PT08A-05

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT Datasheet
474Kb / 7P
   Sensitive gate SCRs, 4A
4PT NELLSEMI-4PT_14 Datasheet
475Kb / 7P
   Sensitive gate SCRs, 4A
logo
JIEJIE MICROELECTRONICS...
JX04 JIEJIE-JX04 Datasheet
461Kb / 4P
   4A SENSITIVE SCRs
logo
Nell Semiconductor Co.,...
1PT NELLSEMI-1PT_18 Datasheet
1Mb / 5P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX011 JIEJIE-JX011 Datasheet
314Kb / 4P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
2PT NELLSEMI-2PT Datasheet
761Kb / 6P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX014 JIEJIE-JX014 Datasheet
321Kb / 4P
   Sensitive gate SCRs
JX020 JIEJIE-JX020 Datasheet
305Kb / 5P
   Sensitive gate SCRs
JX075 JIEJIE-JX075 Datasheet
427Kb / 6P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT_18 Datasheet
758Kb / 7P
   Sensitive gate SCRs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com