Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1T08E-A Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part # 1T08E-A
Description  Standard TRIACs, 1A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

1T08E-A Datasheet(HTML) 4 Page - Nell Semiconductor Co., Ltd

  1T08E-A Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 1T08E-A Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 1T08E-A Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 1T08E-A Datasheet HTML 4Page - Nell Semiconductor Co., Ltd 1T08E-A Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.nellsemi.com
Page 4 of 5
SEMICONDUCTOR
1T Series RoHS
RoHS
Fig.5 Relative variation of holding current and
latching current versus junction temperature
(typ. values)
Fig.6 Relative variation of gate trigger current (l
)
GT
and voltage(V
) versus junction temperature
GT
-50
-25
0
25
125
100
75
0.0
0.5
1.0
1.5
2.0
2.5
Fig.9 On-state characteristics (maximum values)
(l
= f(V
))
TM
TM
Fig.10 Relative variation of critical rate of
of main current versus
decrease
(dV/dt)c
Fig.7 Surge peak on-state current versus
number of cycles
Fig.8 Non-repetitive surge peak on-state current
2
and corresponding value of l t sinusoidal
pulse width
l ,l [T ] / l ,l [T =25°C]
H L
j
H L
j
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
0.1
1.0
10.0
100.0
50
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
0
1
2
3
4
5
6
Fig.11 Relative variation of critical rate of decrease
of main current (dl/dt) versus junction
temperature
(dl/dt)c [T ] / (dl/dt)c [T Specified]
j
j
Fig.12 Relative variation of static dV/dt immunity
versus junction temperature (gate open)
Tj(
°C)
lL
lH
l
,V
[T ] / l
,V
[T =25°C]
GT
GT
j
GT
GT
j
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50
-25
0
25
125
100
75
50
l
(A)
TSM
T initial=25°C
j
Repetitive
T
=95°C
amb
Number of cycles
Non repetitive
t=20ms
One cycle
1
10
100
1000
0
1
2
3
4
5
6
7
8
9
l
Q1-Q2
GT
l
Q3
GT
l
Q4
GT
V
Q1-Q2-Q3-Q4
GT
1
20
100
10
0.01
0.10
1.00
10.00
dl/dt limitation:
20A/µs
t (ms)
P
2
2
l
(A), l t(A s)
TSM
T initial = 25°C
j
lTSM
2
l t
0
25
50
75
100
125
Tj(
°C)
10.0
1.0
0.1
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
T = max.
j
V = 0.95V
to
R = 400mΩ
d
T =
j
T max.
j
T = 25°C
j
V
(V)
TM
0.0
2.6
T
D
S
A
(dV/dt)c (V/µs)
0
1
2
3
4
5
6
(dV/dt)c [T ] / (dV/dt)c [T = 125°C]
j
j
25
50
75
100
125
Tj(
°C)
l
(A)
TM
V =V =402V
D
R


Similar Part No. - 1T08E-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1T08 ETC2-1T08 Datasheet
126Kb / 7P
   through-hole or SMD
More results

Similar Description - 1T08E-A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01 Datasheet
130Kb / 12P
   Standard 1A Triacs
logo
Kersemi Electronic Co.,...
Z0103MN KERSEMI-Z0103MN Datasheet
1Mb / 10P
   Standard 1A Triacs
logo
Tiger Electronic Co.,Lt...
Z0103MA TGS-Z0103MA Datasheet
153Kb / 1P
   1A TRIACS
logo
JIEJIE MICROELECTRONICS...
ACJT1 JIEJIE-ACJT1 Datasheet
376Kb / 5P
   1A TRIACs
logo
STMicroelectronics
Z01 STMICROELECTRONICS-Z01 Datasheet
74Kb / 8P
   1A TRIACS
logo
JIEJIE MICROELECTRONICS...
JST131 JIEJIE-JST131 Datasheet
257Kb / 5P
   1A TRIACs
JST01 JIEJIE-JST01 Datasheet
416Kb / 4P
   1A TRIACs
logo
Unisonic Technologies
UZ0103 UTC-UZ0103 Datasheet
166Kb / 3P
   1A TRIACS
logo
STMicroelectronics
BTA10B STMICROELECTRONICS-BTA10B Datasheet
88Kb / 5P
   STANDARD TRIACS
March 1995
T2512MH STMICROELECTRONICS-T2512MH Datasheet
306Kb / 5P
   STANDARD TRIACS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com