Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZX75BP-942+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # ZX75BP-942+
Description  Bandpass Filter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZX75BP-942+ Datasheet(HTML) 1 Page - Mini-Circuits

  ZX75BP-942+ Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 The Design Engineers Search Engine
Provides ACTUAL Data Instantly at
TM
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications
and performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to
Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard
Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
For detailed performance specs
& shopping online see web site
minicircuits.com
IF/RF MICROWAVE COMPONENTS
Page 1
The Big Deal
Product Overview
Feature
Advantages
Outstanding close-in rejection
Using high Q ceramic resonators enables this filter to support applications where tight rejection
performance is required.
Rejection band extended to 7 GHz
Integrated "clean up" low pass filter enables excellent rejection up to 7 GHz eliminating the need
for additional external filters.
High Power Handling, 10W
Ability to withstand high power signals allows operation in many lab and integrated assembly
applications, or for use in field applications as a quick-fix filter solution.
Excellent Temperature Stability
±0.2 dB insertion loss over the full temperature range.
Compact Versatile Case
Case Body: 1.2"x0.75"x0.46"
With connectors and flanges: 2.05"x1.18"x0.46"
Connectors: SMA Female (1), SMA Male (1)
Key Features
CASE STYLE: HY1238
50Ω
875 to 1010 MHz
Ceramic Resonator
ZX75BP-942+
Bandpass Filter
The Mini-Circuits ZX75BP-942+ ceramic coaxial resonator based filter offers outstanding close-in rejection in
the GSM bands. Built using Mini-Circuits proven unibody construction which integrates the RF connectors with
the case body, the ZX75BP-942+ takes very little space, and includes a multi-section low pass filter to prevent
second harmonic re-entry that is characteristic of typical ceramic resonator filters.
• LowInsertionLoss,1.1dB
• ExcellentRejection
750 MHz, 1160 MHz, 30 dB
690 MHz, 1250 MHz, 49 dB
• Rejectionbandextendsto7GHz
Click
here for
data sheet
New Product Announcement!
Pricing:
$59.95 (QTY 1-9)


Similar Part No. - ZX75BP-942+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZX75BP-915 MINI-ZX75BP-915 Datasheet
617Kb / 3P
   Bandpass Filter
ZX75BP-915++ MINI-ZX75BP-915+ Datasheet
617Kb / 3P
   Bandpass Filter
ZX75BP-915-S++ MINI-ZX75BP-915-S+ Datasheet
617Kb / 3P
   Bandpass Filter
More results

Similar Description - ZX75BP-942+

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF6007 XFMRS-XF6007_15 Datasheet
76Kb / 1P
   BANDPASS FILTER
logo
KR Electronics, Inc.
1905A-1 KR-1905A-1 Datasheet
21Kb / 1P
   Bandpass Filter
logo
PCA ELECTRONICS INC.
EPB5162G PCA-EPB5162G Datasheet
18Kb / 1P
   Bandpass Filter
logo
XFMRS Inc.
XF6003 XFMRS-XF6003 Datasheet
42Kb / 1P
   BANDPASS FILTER
XF6006S XFMRS-XF6006S Datasheet
67Kb / 2P
   BANDPASS FILTER
XFVDSLCO1 XFMRS-XFVDSLCO1 Datasheet
62Kb / 1P
   BANDPASS FILTER
XFVDSLCPE1 XFMRS-XFVDSLCPE1 Datasheet
62Kb / 1P
   BANDPASS FILTER
logo
Integrated Technology F...
250457B ITF-250457B Datasheet
196Kb / 5P
   Bandpass Filter
logo
KR Electronics, Inc.
2157-17.25-5-50 KR-2157-17.25-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-20-5-50 KR-2157-20-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
2157-51.75-5-50 KR-2157-51.75-5-50 Datasheet
22Kb / 2P
   Bandpass Filter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com