Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A103KDAV2Q0Q Datasheet(PDF) 6 Page - Tyco Electronics

Part # A103KDAV2Q0Q
Description  Toggle Switches, A Series, Part Number Matrix
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

A103KDAV2Q0Q Datasheet(HTML) 6 Page - Tyco Electronics

Back Button A103KDAV2Q0Q Datasheet HTML 2Page - Tyco Electronics A103KDAV2Q0Q Datasheet HTML 3Page - Tyco Electronics A103KDAV2Q0Q Datasheet HTML 4Page - Tyco Electronics A103KDAV2Q0Q Datasheet HTML 5Page - Tyco Electronics A103KDAV2Q0Q Datasheet HTML 6Page - Tyco Electronics A103KDAV2Q0Q Datasheet HTML 7Page - Tyco Electronics A103KDAV2Q0Q Datasheet HTML 8Page - Tyco Electronics A103KDAV2Q0Q Datasheet HTML 9Page - Tyco Electronics A103KDAV2Q0Q Datasheet HTML 10Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
C27
C
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Gemini Series
Toggle Switches, A Series, Vertical, Wire Lug, Long Bat Actuator
A101SYZQ
DPDT
SPDT
.500
(12.7)
.265
(6.70)
.080
(2.05)
TYP.
KEYWAY
1.12
(28.40)
REF.
.350
(8.90)
.358
(9.09)
.410
(10.41)
25
°
.118
(3.00)
DIA.
1/4-40 NS
EPOXY
SEAL
.030
(0.76)
TYP.
.185
(4.70)
TYP.
.155
(3.94)
TYP.
A201SYZQ
Tyco
Alcoswitch
Type Act. Code P.M5
Electronics
Silver Contacts
5-1437554-0
A101SYZQ
SPDT
1
On None On
7-1437554-7
A103SYZQ
SPDT
5
On Off On
9-1437554-6
A105SYZQ
SPDT
5
(On) Off (On)
1437555-9
A107SYZQ
SPDT
5
On Off (On)
2-1437555-0
A108SYZQ
SPDT
1
On None (On)
Gold Contacts
4-1437554-9
A101SYZB
SPDT
1
On None On
7-1437554-6
A103SYZB
SPDT
5
On Off On
9-1437554-5
A105SYZB
SPDT
5
(On) Off (On)
A107SYZB
SPDT
5
On Off (On)
Tyco
Alcoswitch
Type Act. Code P.M5
Electronics
Silver Contacts
4-1437555-9
A201SYZQ
DPDT
2
On None
On
6-1437555-2
A203SYZQ
DPDT
6
On
Off
On
7-1437555-0
A205SYZQ
DPDT
6
(On) Off
(On)
7-1437555-6
A207SYZQ
DPDT
6
On
Off
(On)
8-1437555-5
A208SYZQ
DPDT
2
On None
(On)
1437556-1
A211SYZQ
SP3T
11
On
On
On
1437556-4
A213SYZQ
SP3T
11
On
On
(On)
1437556-7
A215SYZQ
SP3T
11
(On) On
(On)
.500
(12.70)
.040
(1.02)
.028
(0.71)
.350
(8.90)
.358
(9.09)
.410
(10.41)
1.12
REF.
.450
(11.43)
25
°
1/4-40 THREAD
.030
(0.76)
TYP.
.185
(4.70)
.155
(3.94)
.060
(1.52)
.050
(1.27)
.040
(1.02)
.190
(4.83)
KEYWAY
* Refer to Pages C22-C26 for
Additional Options *
SEE PAGE C22 FOR PRODUCT SPECIFICATIONS


Similar Part No. - A103KDAV2Q0Q

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
A103K15X7RF5TAA VISHAY-A103K15X7RF5TAA Datasheet
103Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 16-Aug-12
logo
List of Unclassifed Man...
A103K15X7RF5UAA ETC1-A103K15X7RF5UAA Datasheet
604Kb / 14P
   Leaded ceramic multilayer capacitors
A103K15X7RH5UAA ETC1-A103K15X7RH5UAA Datasheet
604Kb / 14P
   Leaded ceramic multilayer capacitors
logo
Vishay Siliconix
A103K20C0GF5TAA VISHAY-A103K20C0GF5TAA Datasheet
102Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose
Revision: 16-Aug-12
More results

Similar Description - A103KDAV2Q0Q

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437555-5 MACOM-2-1437555-5 Datasheet
959Kb / 13P
   Toggle Switches, A Series, Part Number Matrix
2-1437555-0 MACOM-2-1437555-0 Datasheet
959Kb / 13P
   Toggle Switches, A Series, Part Number Matrix
2-1437554-9 MACOM-2-1437554-9 Datasheet
959Kb / 13P
   Toggle Switches, A Series, Part Number Matrix
TT11EGRA1 MACOM-TT11EGRA1 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
TT-SERIES MACOM-TT-SERIES Datasheet
947Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437561-5 MACOM-2-1437561-5 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437561-7 MACOM-2-1437561-7 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437562-1 MACOM-2-1437562-1 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437562-4 MACOM-2-1437562-4 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
2-1437561-3 MACOM-2-1437561-3 Datasheet
936Kb / 11P
   Toggle Switches, Tiny, Part Number Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com