Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

591-2301-207 Datasheet(PDF) 11 Page - Dialight Corporation

Part # 591-2301-207
Description  Prism짰 CBI짰 LED Circuit Board Indicators Micro LED짰 Surface Mount LEDs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

591-2301-207 Datasheet(HTML) 11 Page - Dialight Corporation

Back Button 591-2301-207 Datasheet HTML 7Page - Dialight Corporation 591-2301-207 Datasheet HTML 8Page - Dialight Corporation 591-2301-207 Datasheet HTML 9Page - Dialight Corporation 591-2301-207 Datasheet HTML 10Page - Dialight Corporation 591-2301-207 Datasheet HTML 11Page - Dialight Corporation 591-2301-207 Datasheet HTML 12Page - Dialight Corporation 591-2301-207 Datasheet HTML 13Page - Dialight Corporation 591-2301-207 Datasheet HTML 14Page - Dialight Corporation 591-2301-207 Datasheet HTML 15Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
0603 Single Color (Fig 2)
0805 Single Color (Fig 6)
1206 Single Color (Fig 8)
0606 Bi-Color (Fig 3)
0606 Tri-Color (Fig 4)
Drawings
Micro LED
® SMD LED
0603 Single Color (Fig 1)
0805 Single Color (Fig 5)
1206 Single Color (Fig 7)
1206 Single Color with Lens (Fig 9)
1208 Single Color with Reflector (Fig 10)
1210 Bi-Color (Fig 11)
www.dialight.com
.012
(0,3)
CATHODE
MARK
.031
(0,8)
.011
(0,28)
.028
(0,7)
.008
(0,2)
.012
(0,3)
CATHODE
POLARITY MARK
ANODE
.047
(1,2)
.043
(1,1)
.063
(1,6)
.080
(0,031)
.070
(0,028)
R0.35
(R0,014)
1.10
(0,043)
1
2
1.60
(0,063)
0.90
(0,035)
0.30
(0,012)
4
3
2
1
1.10
(0,043)
1.60
(0,063)
0.30
(0,012)
4
2(R)
1(G)
3(B)
0.90
(0,035)
1.10
(0,043)
.049
.079
.051 .047
CATHODE MARK
.031
.012
.014
.014
R0.20
(R0,011)
POLARITY
MARK
2.00
(0,079)
2
1.40
(0,055)
1.20
(0,047)
2
1
2
1
1,2
(.047)
0,5 TYP
(.020)
3,2
(.126)
RO ,25 TYP
(.010)
CATHODE ID
1,6
(.063)
LED DIE
0,8
(.031)
1,6
(.063)
2
(.079)
1,1
(.043)
0,5
(.020)
3,20
(.0126)
2
1
1
2
2.00
(.0079)
0.75
(.030)
1
2
2.00
(.0079)
.036
(0,91)
.118
(3)
.079
(2,01)
.071
(1,8)
.024
(0,6)
.059
(1,5)
.063
(1,6)
.051
(1,3)
.079
(2) .063
(1,6)
.118
(3)
.91
(2,3)
.051
(1,3)
.020
(0,5)
CATHODE MARK
LED DIE
.067
(1,7)
.063
(1,6)
1.00
(.039)
3.20
(.126)
2.70
(.106)
1.60
(.062)
REF.
LED
DIE
.252
CATHODE
1.00 TYP
(.039)
BOTTOM VIEW
TOP VIEW
1.38
(.054)
11


Similar Part No. - 591-2301-207

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
591-2301-002 DIALIGHT-591-2301-002 Datasheet
151Kb / 1P
   SURFACE MOUNT CBI - ROUND LENS
591-2301-002 DIALIGHT-591-2301-002 Datasheet
29Kb / 2P
   3mm Prism CBI Circuit Board Indicator
591-2301-002F DIALIGHT-591-2301-002F Datasheet
29Kb / 2P
   3mm Prism CBI Circuit Board Indicator
591-2301-002F DIALIGHT-591-2301-002F Datasheet
213Kb / 1P
   SURFACE MOUNT CBI - ROUND LENS RoHS COMPLIANT
591-2301-002F DIALIGHT-591-2301-002F Datasheet
1Mb / 17P
   Surface Mount LED Selector Guide
More results

Similar Description - 591-2301-207

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
592-3030-013F DIALIGHT-592-3030-013F Datasheet
161Kb / 2P
   3mm Bi-level Prism짰 CBI짰 Surface Mount LED BI-COLOR
595-2401-007F DIALIGHT-595-2401-007F Datasheet
23Kb / 1P
   2mm Prism짰 CBI짰Circuit Board Indicator Surface Mount LED
595-2301-007F DIALIGHT-595-2301-007F Datasheet
23Kb / 1P
   2mm Prism짰 CBI짰Circuit Board Indicator Surface Mount LED
550-3010 DIALIGHT-550-3010 Datasheet
37Kb / 3P
   5mm LED CBI짰 Circuit Board Indicator For Backlighting
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-A2-XX-XXXXX AVAGO-HSMX-A2-XX-XXXXX Datasheet
298Kb / 16P
   Surface Mount LED Indicators, PLCC-4 SMT LEDs
logo
Dialight Corporation
551-0607F DIALIGHT-551-0607F Datasheet
78Kb / 9P
   3mm LED CBI짰 Circuit Board Indicator .200??High LED Centerline
logo
Visual Communications C...
CM1015 VCC-CM1015 Datasheet
101Kb / 1P
   Circuit Board Indicators
logo
Dialight Corporation
571-0112-100F DIALIGHT-571-0112-100F Datasheet
36Kb / 2P
   2mm LED CBI짰 Circuit Board Indicator (DIN 41494 Compatible), Bi-Level
598-8610-302F DIALIGHT-598-8610-302F Datasheet
1Mb / 2P
   Micro LED짰 SMD LED ??98 SERIES??1210 PACKAGE
5988020107F DIALIGHT-5988020107F Datasheet
1Mb / 2P
   Micro LED짰 SMD LED ??98 SERIES??0603 PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com