Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

558-1301-007F Datasheet(PDF) 2 Page - Dialight Corporation

Part # 558-1301-007F
Description  558 Series Snap-in LED - .156??Mounting Hole
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

558-1301-007F Datasheet(HTML) 2 Page - Dialight Corporation

  558-1301-007F Datasheet HTML 1Page - Dialight Corporation 558-1301-007F Datasheet HTML 2Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.dialight.com
MDEL558CX001_A
Dialight reserves the right to make changes at any time in order to supply the best product possible.
The most current version of this document will always be available at:
www.dialight.com/Assets/Brochures_And_Catalogs/Illumination/MDEL558CX001.pdf
558- XXX X - 0 X
X F
LED Code
Wire Code
RoHS Compliant
Termination
Code
Wire
Code
Wire Type
0
Standard
2
PVC Free
Termination
Code
Termination
Type
1
Straight Terminals
3
24 AWG 6" wire leads
7
24 AWG 14" wire leads
558 Series Snap-in LED - .156” Mounting Hole Panel Mount Indicators
Ordering Information
LED
Code
Color
Peak
Wavelength
(nm)
Intensity
Typ.
(mcd)
If
Typ.
(mA)
Vf Typ.
(V)
Viewing
Angle
Max DC
Forward
Current (mA)
Type
Operating Temp
DIM "A"
DIM "B"
0102
Red
635
29
12
5
60
7.5
5V Integral Resistor
-40°C to +85°C
0.101
0.381
0202
Green
565
19
12
5
60
7.5
5V Integral Resistor
-40°C to +85°C
0.101
0.381
0302
Yellow
585
12.6
12
5
60
7.5
5V Integral Resistor
-40°C to +85°C
0.101
0.381
3001
Red/Green
630/565
5.6/8.7
@10mA
10/2
0
1.9/2.0
@20mA
200
30 / 30
Bi-Color
-55°C to +100°C
0.101
0.381
3101
Red/Green
660 / 565
12.6 / 3.7 20
1.8 / 2.1
200
40 / 30
Bi-Color
-55°C to +100°C
0.101
0.381
3201
Yellow/Green
585 / 565
5.8/12.3
10
2.1 / 2.1
80
20 / 30
Bi-Color
-55°C to +100°C
0.101
0.381
0101
Red
650
10
10
2
40
20
High Efficiency Diffused
-25°C to +85°C
0.111
0.391
0201
Green
563
16
10
2.1
40
25
High Efficiency Diffused
-25°C to +85°C
0.111
0.391
0301
Yellow
585
16
10
2.1
40
20
High Efficiency Diffused
-25°C to +85°C
0.111
0.391
0401
Orange
600
7
10
1.9
60
25
High Efficiency Diffused
-55°C to +100°C
0.101
0.381
1801
Red
660
60
20
1.8
60
40
High Efficiency Diffused
-40°C to +100°C
0.101
0.381
0803
Blue
468
57
10
3.2
100
100
High Efficiency Diffused
-40°C to +85°C
0.107
0.387
1101
Red
635
2.3
2
1.7
60
7
Low Current Diffused
-55°C to +100°C
0.101
0.381
1201
Yellow
585
1.4
2
1.8
60
7
Low Current Diffused
-40°C to +100°C
0.101
0.381
1301
Green
565
1.6
2
1.9
60
7
Low Current Diffused
-55°C to +100°C
0.101
0.381
0501
Green
565
70
20
2.1
45
30
Non-Tinted/Non-Diffused -55°C to +100°C
0.101
0.381
0601
Yellow
592
200
20
1.9
45
50
Non-Tinted/Non-Diffused -40°C to +100°C
0.101
0.381
0701
Red
660
170
20
1.8
45
40
Non-Tinted/Non-Diffused -40°C to +100°C
0.101
0.381
6003
Blue
468
520
20
3.3
45
30
Non-Tinted/Non-Diffused
-40°C to +85°C
0.101
0.381
6403
White
X=.31
Y=.32
3000
20
3.3
45
30
Non-Tinted/Non-Diffused
-40°C to +85°C
0.101
0.381
1501
Green
565
40
10
2.1
45
30
Tinted/Non-Diffused
-55°C to +100°C
0.101
0.381
1601
Yellow
585
70
20
2.1
45
20
Tinted/Non-Diffused
-55°C to +100°C
0.101
0.381
1701
Red
660
170
20
1.8
45
40
Tinted/Non-Diffused
-40°C to +100°C
0.101
0.381
6203
Green
518
270
10
3
100
100
White Diffused
-45°C to +85°C
0.101
0.381


Similar Part No. - 558-1301-007F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
558-1301-007F DIALIGHT-558-1301-007F Datasheet
135Kb / 2P
   Low Current & High Efficiency Snap-in LED Panel Mount Indicators
More results

Similar Description - 558-1301-007F

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
558-3001-001F DIALIGHT-558-3001-001F Datasheet
102Kb / 2P
   Snap-in LED - .156' Mounting Hole Panel Mount Indicators
558-0102-001F DIALIGHT-558-0102-001F Datasheet
126Kb / 2P
   5V Integral Resistor Snap-in LED - .156' Mounting Hole Panel Mount Indicators
559-5501-001F DIALIGHT-559-5501-001F_12 Datasheet
206Kb / 2P
   559 Series Snap-in LED - .250??Mounting Hole
559-5901-001F DIALIGHT-559-5901-001F Datasheet
134Kb / 2P
   Snap-in LED - .250' Mounting Hole Panel Mount Indicators
559-1101-001F DIALIGHT-559-1101-001F Datasheet
104Kb / 2P
   Snap-in LED (.250' Mounting Hole) Panel Mount Indicators
559-3001-001F DIALIGHT-559-3001-001F Datasheet
182Kb / 2P
   Snap-in LED - .250' Mounting Hole Panel Mount Indicators
559-0102-001F DIALIGHT-559-0102-001F Datasheet
146Kb / 2P
   Snap-in LED - .250' Mounting Hole Panel Mount Indicators
515-0006F DIALIGHT-515-0006F Datasheet
199Kb / 1P
   3mm LED Snap-In Mounting Clip
logo
Delta Electronics, Inc.
06A2D DELTA-06A2D Datasheet
2Mb / 3P
   SNAP-IN MOUNTING
logo
ZF Friedrichshafen AG
E65 ZFSWITCHES-E65 Datasheet
357Kb / 3P
   Snap in mounting
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com