Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR10100CT Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SBR10100CT
Description  SUPER BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR10100CT Datasheet(HTML) 3 Page - Diodes Incorporated

  SBR10100CT Datasheet HTML 1Page - Diodes Incorporated SBR10100CT Datasheet HTML 2Page - Diodes Incorporated SBR10100CT Datasheet HTML 3Page - Diodes Incorporated SBR10100CT Datasheet HTML 4Page - Diodes Incorporated SBR10100CT Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SBR is a registered trademark of Diodes Incorporated.
SBR10100
Document number: DS30961 Rev. 11- 2
3 of 5
www.diodes.com
June 2012
© Diodes Incorporated
SBR10100CT
SBR10100CTFP
0
1
2
3
4
5
6
7
8
02
4
6
8
10
Fig. 1 Forward Power Dissipation
I
, AVERAGE FORWARD CURRENT (A)
F(AV)
T = 150°C
A
0
100
200
300
400
500
600
700
800
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
Fig. 2 Typical Forward Characteristics
F
0.001
1
10
100
0.1
0.01
020
40
60
80
100
1
10
100
1,000
10,000
0.1
Fig. 3 Typical Reverse Characteristics
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
0
1
2
3
4
5
6
25
50
75
100
125
150
Fig. 4 Forward Current Derating Curve
T , AMBIENT TEMPERATURE ( C)
A
°
010
20
30
40
50
60
70
80
90 100
Fig. 5 Operating Temperature Derating
V , DC REVERSE VOLTAGE (V)
R
0
25
50
75
100
125
150
175


Similar Part No. - SBR10100CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR10100CT DIODES-SBR10100CT Datasheet
178Kb / 3P
   10A SBR Super Barrier Rectifier
SBR10100 Rev. 2
SBR10100CT DIODES-SBR10100CT Datasheet
165Kb / 3P
   10A SBR짰 SUPER BARRIER RECTIFIER
DS30961 Rev. 5 - 2
logo
Sangdest Microelectroni...
SBR10100CT SMC-SBR10100CT Datasheet
217Kb / 6P
   SCHOTTKY RECTIFIER
logo
Diodes Incorporated
SBR10100CT DIODES-SBR10100CT Datasheet
170Kb / 5P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR10100CT DIODES-SBR10100CT Datasheet
515Kb / 5P
   10A SBR SUPER BARRIER RECTIFIER
More results

Similar Description - SBR10100CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR20A150CT DIODES-SBR20A150CT_08 Datasheet
166Kb / 3P
   SUPER BARRIER RECTIFIER
DS30967 Rev. 3 - 2
logo
List of Unclassifed Man...
SBR20A40CTF ETC1-SBR20A40CTF Datasheet
61Kb / 2P
   SUPER BARRIER RECTIFIER
logo
Diodes Incorporated
SBR1045CTL DIODES-SBR1045CTL Datasheet
79Kb / 4P
   SUPER BARRIER RECTIFIER
logo
List of Unclassifed Man...
SBR20150CT ETC-SBR20150CT Datasheet
136Kb / 3P
   SUPER BARRIER RECTIFIER
SBR40U60PT ETC1-SBR40U60PT Datasheet
80Kb / 2P
   Super barrier rectifier
SBR40U100PT ETC1-SBR40U100PT Datasheet
80Kb / 2P
   Super barrier rectifier
SBR60A60CT ETC-SBR60A60CT Datasheet
77Kb / 2P
   Super barrier rectifier
SBR60A100CT ETC-SBR60A100CT Datasheet
78Kb / 2P
   Super barrier rectifier
SBR60A150CT ETC-SBR60A150CT Datasheet
77Kb / 2P
   Super barrier rectifier
SBR10150CT ETC1-SBR10150CT Datasheet
88Kb / 3P
   Super barrier rectifier
SBR2040CT ETC2-SBR2040CT Datasheet
93Kb / 3P
   Super Barrier Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com