Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A-41815-0643 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # A-41815-0643
Description  KK 156 HOUSING PCB 41815 SERIES
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

A-41815-0643 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

Back Button A-41815-0643 Datasheet HTML 2Page - Molex Electronics Ltd. A-41815-0643 Datasheet HTML 3Page - Molex Electronics Ltd. A-41815-0643 Datasheet HTML 4Page - Molex Electronics Ltd. A-41815-0643 Datasheet HTML 5Page - Molex Electronics Ltd. A-41815-0643 Datasheet HTML 6Page - Molex Electronics Ltd. A-41815-0643 Datasheet HTML 7Page - Molex Electronics Ltd. A-41815-0643 Datasheet HTML 8Page - Molex Electronics Ltd. A-41815-0643 Datasheet HTML 9Page - Molex Electronics Ltd. A-41815-0643 Datasheet HTML 10Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
KK 156 PCB ASSY 2-15 CKT
41815
SERIES
REV:
ECR/ECN INFORMATION:
TITLE:
KK 156 HOUSING ASSY PCB
41815 SERIES DWG
SHEET No.
AN1
EC NO.
UCP2012-3600
- 6 -
DATE:
5/14/2012
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA-41815
MMSTROH
MKIPPER
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
Assy. Proc:
RIGHT ANGLE
Assy. Proc:
BOTTOM ENTRY
Assy. Proc:
Assy. Proc:
TOP ENTRY
Housing No:
41815-N-AN
Housing No:
41815-N-DN
Housing No:
Housing No:
41815-N-DN
Options
WITH RAMP
Options
NO RAMPS
Options
Options
NO RAMPS
Terminal No:
2144-AA-A1AA-228B
Terminal No:
2188-P909
Terminal No:
Terminal No:
2144-AA-A1AA-P909B
Term Matl:
BRASS
Term Matl:
BRASS
Term Matl:
Term Matl:
BRASS
Plating:
228 – GOLD
Plating:
P909 – TIN
Plating:
Plating:
P909 – TIN
Dim C:
(3.68) / .145
Dim C:
(4.06) / .160
Dim C:
Dim C:
(3.05) / .120
Voids:
NONE
Voids:
NONE
Voids:
Voids:
NONE
Hooks Cut:
NO
Hooks Cut:
YES
Hooks Cut:
Hooks Cut:
NO
Packaging:
PK-41815-001 TRAY
Packaging:
PK-41815-001 TRAY
Packaging:
Packaging:
PK-41815-001 TRAY
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
09-48-5023
A-41815-0313
41815-0327
A-41815-0327
41815-0355
A-41815-0355
3
09-48-5033
A-41815-0314
41815-0328
A-41815-0328
41815-0356
A-41815-0356
4
09-48-5043
A-41815-0315
41815-0329
A-41815-0329
09-48-2047
A-41815-0357
5
09-48-5053
A-41815-0316
09-48-2056
A-41815-0330
41815-0358
A-41815-0358
6
09-48-5063
A-41815-0317
41815-0331
A-41815-0331
41815-0359
A-41815-0359
7
09-48-5073
A-41815-0318
41815-0332
A-41815-0332
41815-0360
A-41815-0360
8
09-48-5083
A-41815-0319
09-48-2086
A-41815-0333
41815-0361
A-41815-0361
9
09-48-5093
A-41815-0320
41815-0334
A-41815-0334
41815-0362
A-41815-0362
10
09-48-5103
A-41815-0321
09-48-2106
A-41815-0335
09-48-2107
A-41815-0363
11
09-48-5113
A-41815-0322
41815-0336
A-41815-0336
41815-0364
A-41815-0364
12
09-48-5123
A-41815-0323
41815-0337
A-41815-0337
41815-0365
A-41815-0365
13
09-48-5133
A-41815-0324
41815-0338
A-41815-0338
41815-0366
A-41815-0366
14
09-48-5143
A-41815-0325
41815-0339
A-41815-0339
41815-0367
A-41815-0367
15
09-48-5153
A-41815-0326
41815-0340
A-41815-0340
41815-0368
A-41815-0368


Similar Part No. - A-41815-0643

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-41815-0002 MOLEX1-A-41815-0002 Datasheet
338Kb / 13P
   3.96mm (.156") Pitch KK짰 PC Board Connector, Right Angle, Polyester Connector, 5.0關m (200關") Tin (Sn), 2 Circuits
A-41815-0002 MOLEX-A-41815-0002 Datasheet
343Kb / 11P
   KK 156 HOUSING PCB 41815 SERIES
1987/01/28
A-41815-0003 MOLEX1-A-41815-0003 Datasheet
338Kb / 13P
   3.96mm (.156") Pitch KK짰 PC Board Connector, Right Angle, Polyester Connector,5.0關m (200關") Tin (Sn), 3 Circuits
A-41815-0003 MOLEX-A-41815-0003 Datasheet
343Kb / 11P
   KK 156 HOUSING PCB 41815 SERIES
1987/01/28
A-41815-0004 MOLEX1-A-41815-0004 Datasheet
338Kb / 13P
   3.96mm (.156") Pitch KK짰 PC Board Connector, Right Angle, Polyester Connector, 5.0關m (200關") Tin (Sn), 4 Circuits
More results

Similar Description - A-41815-0643

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
009481024 MOLEX-009481024 Datasheet
343Kb / 11P
   KK 156 HOUSING PCB 41815 SERIES
1987/01/28
09-52-1026 MOLEX11-09-52-1026 Datasheet
200Kb / 6P
   KK 156 PCB ASSY 2145 RIGHT ANGLE SERIES
09-62-6024 MOLEX11-09-62-6024 Datasheet
186Kb / 4P
   KK 156 PCB ASSY 2145 BOTTOM ENTRY SERIES
09-52-1023 MOLEX11-09-52-1023 Datasheet
183Kb / 4P
   KK 156 HOUSING ASSY PC TAIL TOP ENTRY
09-50-8021-P MOLEX11-09-50-8021-P Datasheet
261Kb / 2P
   (3.96)/.156 CENTERLINE CONNECTOR HOUSING FOR KK CRIMP TERMINALS
09-50-8020 MOLEX11-09-50-8020 Datasheet
263Kb / 1P
   (3.96) /.156 CENTERLINE CONNECTOR HOUSING FOR KK CRIMP TERMINAL
logo
Adam Technologies, Inc.
LHB12SA1 ADAM-TECH-LHB12SA1 Datasheet
129Kb / 1P
   .156 HEADER & HOUSING .156 [3.96] CENTERLINE
logo
Molex Electronics Ltd.
0026034030 MOLEX3-0026034030 Datasheet
424Kb / 4P
   3.96mm (.156") Pitch KK Crimp Terminal Housing - Use With Trifurcon Terminals, Friction Ramp
0026033181 MOLEX3-0026033181 Datasheet
424Kb / 4P
   3.96mm (.156") Pitch KK Crimp Terminal Housing - Use With Trifurcon Terminals, 18 Circuits
0026033221 MOLEX3-0026033221 Datasheet
424Kb / 4P
   3.96mm (.156") Pitch KK Crimp Terminal Housing - Use With Trifurcon Terminals, 22 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com