Electronic Components Datasheet Search |
|
SBR10U100CTFP-G Datasheet(PDF) 4 Page - Diodes Incorporated |
|
SBR10U100CTFP-G Datasheet(HTML) 4 Page - Diodes Incorporated |
4 / 5 page SBR is a registered trademark of Diodes Incorporated. SBR10U100 Document number: DS30953 Rev. 9 - 2 4 of 5 www.diodes.com June 2012 © Diodes Incorporated SBR10U100CT SBR10U100CTFP Package Outline Dimensions ITO-220AB Dim Min Typ Max A 4.50 4.70 4.90 A1 3.04 3.24 3.44 A2 2.56 2.76 2.96 b 0.50 0.60 0.75 b1 1.10 1.20 1.35 c 0.50 0.60 0.70 D 15.67 15.87 16.07 D1 8.99 9.19 9.39 e 2.54 E 9.91 10.11 10.31 L 9.45 9.75 10.05 L1 15.80 16.00 16.20 P 2.98 3.18 3.38 Q 3.10 3.30 3.50 All Dimensions in mm TO-220AB Dim Min Typ Max A 3.56 - 4.82 A1 0.51 - 1.39 A2 2.04 - 2.92 b 0.39 0.81 1.01 b2 1.15 1.24 1.77 c 0.356 - 0.61 D 14.22 - 16.51 D1 8.39 - 9.01 e 2.54 e1 5.08 E 9.66 - 10.66 H1 5.85 - 6.85 L 12.70 - 14.73 L1 - - 6.35 P 3.54 - 4.08 Q 2.54 - 3.42 All Dimensions in mm ITO-220AB Alternate Dim Min Max A 4.36 4.77 A1 2.54 3.1 A2 2.54 2.8 b 0.55 0.75 b1 1.2 1.5 c 0.38 0.68 D 14.5 15.5 D1 8.38 8.89 E 9.72 10.27 e 2.41 2.67 L 9.87 10.67 L1 15.8 17 ØP 3.08 3.39 Q 2.6 3.0 All Dimensions in mm 5° 5° 5° 5° 10° E Q D D1 L1 3 x b1 3 x b 2 x e L ØP A A1 A2 c 12 3 A A1 c D E b e1 b2 P H1 Q L1 A2 e D1 *Guaranteed by TO-220AB leadframe design E ØP Q b1 L1 b e A1 D L c + A D1 A2 |
Similar Part No. - SBR10U100CTFP-G |
|
Similar Description - SBR10U100CTFP-G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |