Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR05U20LP-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SBR05U20LP-7
Description  SURFACE MOUNT SUPER BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR05U20LP-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  SBR05U20LP-7 Datasheet HTML 1Page - Diodes Incorporated SBR05U20LP-7 Datasheet HTML 2Page - Diodes Incorporated SBR05U20LP-7 Datasheet HTML 3Page - Diodes Incorporated SBR05U20LP-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SBR05U20LP
Document number: DS31001 Rev. 5 - 2
3 of 4
www.diodes.com
January 2011
© Diodes Incorporated
SBR05U20LP
SBR is a registered trademark of Diodes Incorporated.
Fig. 3 Typical Reverse Characteristics
0.01
0.1
1
10
100
1,000
10,000
0
5
10
15
20
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
T = -65°C
A
T = 25°C
A
T = 75°C
A
T = 125°C
A
T = 150°C
A
Fig. 4 Total Capacitance vs. Reverse Voltage
0
40
80
120
160
200
0
5
10
15
20
V , DC REVERSE VOLTAGE (V)
R
f = 1.0MHz
Fig. 5 Forward Current Derating Curve
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0
25
50
75
100
125
150
175
T , AMBIENT TEMPERATURE (°C)
A
Fig. 6 Operating Temperature Derating
0
25
50
75
100
125
150
175
0
2
4
6
8
10
12
14
16
18
20
V , DC REVERSE VOLTAGE (V)
R
Package Outline Dimensions
DFN1006-2
Dim
Min
Max
Typ
A
0.47
0.53
0.50
A1
0
0.05
0.03
b
0.45
0.55
0.50
D
0.95
1.075
1.00
E
0.55
0.675
0.60
e
-
-
0.40
L
0.20
0.30
0.25
R
0.05
0.15
0.10
All Dimensions in mm
L
E
b
R
e
D
A1
A


Similar Part No. - SBR05U20LP-7

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SBR05U20LP-7 IRF-SBR05U20LP-7 Datasheet
223Kb / 3P
   Surface Mount Super Barrier Rectifier
logo
Diodes Incorporated
SBR05U20LP-7 DIODES-SBR05U20LP-7 Datasheet
131Kb / 4P
   0.5A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR05U20LP-7B DIODES-SBR05U20LP-7B Datasheet
131Kb / 4P
   0.5A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
More results

Similar Description - SBR05U20LP-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR2U150SA-13 DIODES-SBR2U150SA-13 Datasheet
222Kb / 5P
   SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR1U150SAQ DIODES-SBR1U150SAQ Datasheet
420Kb / 5P
   SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR1U150SA-13 DIODES-SBR1U150SA-13 Datasheet
107Kb / 5P
   SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR02U100LP DIODES-SBR02U100LP_11 Datasheet
105Kb / 5P
   SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR05U20SN DIODES-SBR05U20SN Datasheet
96Kb / 4P
   SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR02U100LP DIODES-SBR02U100LP_15 Datasheet
378Kb / 5P
   SURFACE MOUNT SUPER BARRIER RECTIFIER
logo
International Rectifier
SBR05U20LP IRF-SBR05U20LP Datasheet
223Kb / 3P
   Surface Mount Super Barrier Rectifier
logo
Diodes Incorporated
SBR2U150SA DIODES-SBR2U150SA_15 Datasheet
222Kb / 5P
   2.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR0240LP DIODES-SBR0240LP_15 Datasheet
101Kb / 4P
   SURFACE MOUNT SUPER BARRIER RECTIFIER 0.2A SBR짰
SBR2U10LP DIODES-SBR2U10LP_15 Datasheet
223Kb / 4P
   2A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com