Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR05M100BLP Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SBR05M100BLP
Description  SUPER BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR05M100BLP Datasheet(HTML) 3 Page - Diodes Incorporated

  SBR05M100BLP Datasheet HTML 1Page - Diodes Incorporated SBR05M100BLP Datasheet HTML 2Page - Diodes Incorporated SBR05M100BLP Datasheet HTML 3Page - Diodes Incorporated SBR05M100BLP Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SBR05M100BLP
Document number: DS31109 Rev. 8 - 2
3 of 4
www.diodes.com
June 2010
© Diodes Incorporated
SBR05M100BLP
SBR is a registered trademark of Diodes Incorporated.
Ordering Information (Note 6)
Part Number
Case
Packaging
SBR05M100BLP-7
DFN3030-4
3000/Tape & Reel
Notes:
6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Date Code Key
Year
2007
2008
2009
2010
2011
2012
2013
2014
2015
Code
U
V
W
X
Y
Z
A
B
C
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Package Outline Dimensions
DFN3030-4
Dim
Min
Max
Typ
A
0.57
0.63
0.60
A1
0
0.05
0.02
A3
-
-
0.15
b
0.35
0.45
0.40
D
2.90
3.10
3.00
D1
1.075 1.275 1.175
D2
0.925 1.125 1.025
D3
1.075 1.275 1.175
E
2.90
3.10
3.00
e
-
-
1.30
E1
0.615 0.815 0.715
E2
1.78
1.98
1.88
E3
0.715 0.915 0.815
H
0.05
0.15
0.10
I
0.20
0.30
0.25
J
0.185 0.285 0.235
K
0.065 0.165 0.115
L
0.30
0.60
0.45
M
0.05
0.15
0.10
Z
-
-
0.65
All Dimensions in mm
DA = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: U = 2007)
M = Month (ex: 9 = September)
DFN3030-4
N/C
E
E3
D3
E2
D2
L
D
E1
D1
Side View
Bottom View
A1
A3
e
b
Z
H
M
I
K
A
J


Similar Part No. - SBR05M100BLP

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SBR05M100BLP KEXIN-SBR05M100BLP Datasheet
1Mb / 3P
   Bridge Rectifiers
logo
Diodes Incorporated
SBR05M100BLP DIODES-SBR05M100BLP Datasheet
280Kb / 5P
   0.5A SBR BRIDGE SUPER BARRIER RECTIFIER
SBR05M100BLP-7 DIODES-SBR05M100BLP-7 Datasheet
280Kb / 5P
   0.5A SBR BRIDGE SUPER BARRIER RECTIFIER
SBR05M100BLP DIODES-SBR05M100BLP_15 Datasheet
100Kb / 4P
   0.5A SBR짰 BRIDGE SUPER BARRIER RECTIFIER
SBR05M100BLP DIODES-SBR05M100BLP_16 Datasheet
280Kb / 5P
   0.5A SBR BRIDGE SUPER BARRIER RECTIFIER
More results

Similar Description - SBR05M100BLP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR20A150CT DIODES-SBR20A150CT_08 Datasheet
166Kb / 3P
   SUPER BARRIER RECTIFIER
DS30967 Rev. 3 - 2
logo
List of Unclassifed Man...
SBR20A40CTF ETC1-SBR20A40CTF Datasheet
61Kb / 2P
   SUPER BARRIER RECTIFIER
logo
Diodes Incorporated
SBR1045CTL DIODES-SBR1045CTL Datasheet
79Kb / 4P
   SUPER BARRIER RECTIFIER
logo
List of Unclassifed Man...
SBR20150CT ETC-SBR20150CT Datasheet
136Kb / 3P
   SUPER BARRIER RECTIFIER
SBR40U60PT ETC1-SBR40U60PT Datasheet
80Kb / 2P
   Super barrier rectifier
SBR40U100PT ETC1-SBR40U100PT Datasheet
80Kb / 2P
   Super barrier rectifier
SBR60A60CT ETC-SBR60A60CT Datasheet
77Kb / 2P
   Super barrier rectifier
SBR60A100CT ETC-SBR60A100CT Datasheet
78Kb / 2P
   Super barrier rectifier
SBR60A150CT ETC-SBR60A150CT Datasheet
77Kb / 2P
   Super barrier rectifier
SBR10150CT ETC1-SBR10150CT Datasheet
88Kb / 3P
   Super barrier rectifier
SBR2040CT ETC2-SBR2040CT Datasheet
93Kb / 3P
   Super Barrier Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com