Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP-300-5 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # MSP-300-5
Description  300W Single Output Medical Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

MSP-300-5 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  MSP-300-5 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. MSP-300-5 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. MSP-300-5 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. MSP-300-5 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Theremotesensingcompensatesvoltagedroponthe
loadwiringupto0.5V.
1.RemoteSense
Fig1.1
Fig2.1
1
1
7
7
2
2
8
8
CN100
CN100
Senselinesshould
betwistedinpairs
AUX
AUX
AUXG
AUXG
DC-OK
DC-OK
GND
GND
RC-
RC-
RC+
RC+
+S
+S
-S
-S
300WSingleOutputMedical Type
FileName:MSP-300-SPEC 2012-05-29
FunctionDescriptionofCN100
FunctionManual
BetweenDC-OK(pin6)andGND(pin4)
3.3~5.6V
0~1V
OutputStatus
ON
OFF
2.DC-OKSignal
DC-OKsignalisa TTL levelsignal.HighwhenPSUturnson.
M S P - 3 0 0 series
PinNo. Function Description
7
7
1
1
8
8
2
2
1
1
2
2
3
3
4
4
5
5
6
6
7
7
CN100
CN100
LOAD
-
+
+S
(Pin7)
-S
(Pin8)
7
6
+S
RC+
Turnstheoutputonandoffbyelectricalordrycontactbetweenpin4(RC-),Short:PowerOFF,Open:PowerON.
Positivesensing. The+Ssignalshouldbeconnectedtothepositiveterminaloftheload. The+Sand-Sleadsshouldbetwistedinpairto
minimizenoise pick-upeffect. Themaximumlinedropcompensationis0.5V.
1
AUX
Auxiliaryvoltageoutput,4.75~5.25V,referencetopin2(AUXG). Themaximumloadcurrentis0.3A. Thisoutputhasthebuilt-inoring
diodes andisnotcontrolledbythe"remoteON/OFFcontrol".
8
-S
Negativesensing. The-Ssignalshouldbeconnectedtothenegativeterminaloftheload. The-Sand+Sleadsshouldbetwistedinpairto
minimizenoise pick-upeffect. Themaximumlinedropcompensationis0.5V.
4
RC-
Remotecontrolground.
5
GND
Thispinconnectstothenegativeterminal(-V).ReturnforDC-OKsignaloutput.
3
DC-OK DC-OKsignalisa TTL levelsignal,referencedtopin5(DC-OKGND).HighwhenPSUturnson.
2
AUXG Auxiliaryvoltageoutputground. Thesignalreturnisisolatedfromtheoutputterminals(+V&-V).


Similar Part No. - MSP-300-5

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
MSP-3-01 RICHCO-MSP-3-01 Datasheet
57Kb / 1P
   MINATURE SUPPORT POST
MSP-3-19 RICHCO-MSP-3-19 Datasheet
57Kb / 1P
   MINATURE SUPPORT POST
More results

Similar Description - MSP-300-5

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
RPS-300 MEANWELL-RPS-300 Datasheet
1Mb / 2P
   300W Single Output Medical Type
logo
Total Power Internation...
MPS-65 TOTAL-POWER-MPS-65 Datasheet
343Kb / 2P
   65W Single Output Medical Type
MPS-45 TOTAL-POWER-MPS-45 Datasheet
345Kb / 2P
   45W Single Output Medical Type
logo
Mean Well Enterprises C...
MSP-450 MEANWELL-MSP-450 Datasheet
98Kb / 3P
   450W Single Output Medical Type
RPS-160 MEANWELL-RPS-160 Datasheet
412Kb / 2P
   160W Single Output Medical Type
MPS-65 MEANWELL-MPS-65 Datasheet
335Kb / 2P
   65W Single Output Medical Type
RPS-60 MEANWELL-RPS-60 Datasheet
287Kb / 2P
   60W Single Output Medical Type
MPS-45_1112 MEANWELL-MPS-45_1112 Datasheet
321Kb / 2P
   45W Single Output Medical Type
RPS-45 MEANWELL-RPS-45 Datasheet
102Kb / 4P
   45W Single Output Medical Type
RPS-160 MEANWELL-RPS-160_12 Datasheet
404Kb / 2P
   160W Single Output Medical Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com