Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPS-25-15 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # EPS-25-15
Description  25W Single Output Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

EPS-25-15 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  EPS-25-15 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. EPS-25-15 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
MODEL
EPS-25-3.3
EPS-25-12
EPS-25-5
EPS-25-7.5
EPS-25-15
EPS-25-24
EPS-25-27
EPS-25-48
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
Note.5
FREQUENCY RANGE
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT (Typ.)
LEAKAGECURRENT
SAFETY STANDARDS
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVERVOLTAGE
3.3V
12V
5V
7.5V
15V
24V
27V
48V
5A
2.1A
5A
3.4A
1.7A
1.05A
0.95A
0.53A
0~5.5A
0~2.34A
0~5.5A
0~3.74A
0~1.87A
0~1.17A
0~1.05A
0~0.59A
16.5W
25.2W
25W
25.5W
25.5W
25.2W
25.65W
25.44W
60mVp-p
100mVp-p
60mVp-p
80mVp-p
100mVp-p
180mVp-p
180mVp-p
240mVp-p
3.1~3.6V
10.8~13.5V
4.75~5.5V
7.13~8.25V
13.5~16.5V 21.6~27V
24.3~29.7V
43.2~52.8V
2.0%
0.5%
1.0%
1000ms,30ms/230VAC1000ms,30ms/115VAC atfullload
50ms/230VAC16ms/115VAC atfullload
85~264VAC120~370VDC
47~63Hz
3.7~4.6V
5.6~6.75V
8.63~10.5V
14~17V
17.25~20.25V 27.6~32.4V 31.05~36.45V 39.7~46.8V 53.3~64.8V
79%
86%
81%
83%
87%
88%
89%
90%
0.6A/115VAC0.4A/230VAC
COLDSTART 35A/230VAC
115~170% ratedoutputpower
CompliancetoEN55022(CISPR22)ClassB,EN61000-3-2,-3
-30~+70
(Referto"DeratingCurve")
20~90%RH non-condensing
-40~+85
,10~95%RH
0.03%/
(0~50
)
10~500Hz,2G10min./1cycle,periodfor 60min.eachalongX, Y,Zaxes
655.3Khrsmin.MIL-HDBK-217F(25
)
76.2*50.8*24mm(L*W*H)
25WSingleOutputSwitchingPowerSupply
E P S - 2 5 series
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC/25
/70%RH
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Derating may be needed under low input voltage. Please check the static characteristics for more details.
6. 33% Duty cycle maximum within every 30 seconds. Average output power should not exceed the rated power.
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
Protectiontype:Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
UL60950-1, TUVEN60950-1approved
Complianceto
,heavyindustrylevel,criteria A
EN61000-4-2,3,4,5,6,8,11,EN55024
<1mA/240VAC
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
0.081Kg;120pcs/10.7Kg/0.97CUFT
2.0%
2.0%
0.5%
0.5%
1.0%
1.0%
1.0%
0.5%
0.5%
1.0%
0.5%
0.5%
1.0%
1.0%
0.5%
0.5%
0.5%
0.5%
1.0%
0.5%
0.5%
EPS-25-36
36V
0.7A
0~0.78A
25.2W
200mVp-p
32.4~39.6V
1.0%
0.5%
0.5%
89%
Features :
Universal AC input / Full range
Protections: Short circuit / Overload / Over voltage
Cooling by free air convection
3" 2" compact size
3 years warranty
High efficiency up to 90%
LED indicator for power on
No load power consumption<0.3W
18.15W
28.08W
27.5W
28.05W
28.05W
28.08W
28.35W
28.32W
28.08W
PEAKLOAD(10sec.)
Note.6
FileName:EPS-25-SPEC2012-04-20
EMCIMMUNITY
EMCEMISSION


Similar Part No. - EPS-25-15

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
EPS-120 MEANWELL-EPS-120 Datasheet
581Kb / 4P
   120W Single Output Switching Power Supply
EPS-15 MEANWELL-EPS-15 Datasheet
925Kb / 2P
   15W SINGLE OUTPUT SWITCHING POWER SUPPLY
EPS-15 MEANWELL-EPS-15_13 Datasheet
926Kb / 3P
   15W SINGLE OUTPUT SWTICHING POWER SUPPLY
EPS-35 MEANWELL-EPS-35 Datasheet
195Kb / 2P
   35W Single Output Switching Power Supply
EPS-35-12 MEANWELL-EPS-35-12 Datasheet
195Kb / 2P
   35W Single Output Switching Power Supply
More results

Similar Description - EPS-25-15

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
RS-25 ASTRODYNE-RS-25 Datasheet
363Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
S-25 MEANWELL-S-25_10 Datasheet
427Kb / 2P
   25W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-25 RSG-RS-25 Datasheet
146Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-25 MEANWELL-PS-25_11 Datasheet
349Kb / 2P
   25W Single Output Switching Power Supply
logo
Total Power Internation...
RS-25 TOTAL-POWER-RS-25 Datasheet
297Kb / 2P
   25W Single Output Switching Power Supply
logo
XP Power Limited
PS-25-3.3 XPPOWER-PS-25-3.3 Datasheet
1Mb / 6P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
PS-25 MEANWELL-PS-25 Datasheet
345Kb / 2P
   25W Single Output Switching Power Supply
logo
Total Power Internation...
PS-25 TOTAL-POWER-PS-25 Datasheet
401Kb / 2P
   25W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
APC-25 MEANWELL-APC-25 Datasheet
73Kb / 2P
   25W Single Output Switching Power Supply
logo
Astrodyne Corporation
PS25 ASTRODYNE-PS25 Datasheet
321Kb / 4P
   25W Single Output Switching Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com