Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBXDC Datasheet(PDF) 6 Page - Dialight Corporation

Part # HBXDC
Description  DuroSite짰 Series LED High Bay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

HBXDC Datasheet(HTML) 6 Page - Dialight Corporation

  HBXDC Datasheet HTML 1Page - Dialight Corporation HBXDC Datasheet HTML 2Page - Dialight Corporation HBXDC Datasheet HTML 3Page - Dialight Corporation HBXDC Datasheet HTML 4Page - Dialight Corporation HBXDC Datasheet HTML 5Page - Dialight Corporation HBXDC Datasheet HTML 6Page - Dialight Corporation HBXDC Datasheet HTML 7Page - Dialight Corporation HBXDC Datasheet HTML 8Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DuroSite
® Series LED High Bay Fixture
Options and Accessories
www.dialight.com
6
Part Number
Description
Kit Includes
No Part Number
Pendant Mount
(Conduit supplied by installer)
Conduit supplied by installer
HBXW2
Swivel Bracket and Cable Gland
Swivel Bracket
Bracket to fixture hardware
Cable Gland (1/2”)
Reducer (3/4” to 1/2”)
HBXW3
Swivel Bracket
Swivel Bracket
Bracket to Fixture Hardware
HBXCU
Ceiling Mount
Swivel Hanger Cover
3" Conduit Nipple
HBXCG
Cable Gland
Cable Gland (1/2”)
Reducer (3/4” to 1/2”)
HBXL
Loop
Hanger Loop
(GE LOOPM353)
HBXH
Hook
Hanger Hook
(GE HOOKM353)
HBXT2
Junction Box with Transformer
347-480VAC to 240VAC
NEMA Box with
Integrated Transformer
HBXLENGC
Tempered Glass
Lens, replacement clips, screws, gasket
HBXLENAC
Acrylic Lens, Clear
Lens, replacement screws, gasket
HBXLENAD
Acrylic Lens, Diffused
HBXLENPC
Polycarbonate Lens, Clear
Lens, replacement screws, gasket
HBXLENPD
Polycarbonate Lens, Diffused
LBXLENP
Dome Lens
(Use only on Polycarbonate lens models)
Lens, replacement screws, gasket
HBXREF22
22” Acrylic Reflector
(Must be ordered with High Bay,
not a retrofit option)
Reflector, brackets, screws
HBXDC
Dust Cover
Dust cover, clamp, spacer


Similar Part No. - HBXDC

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
HBX RUBYCON-HBX Datasheet
176Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
List of Unclassifed Man...
HBX-110-6500 ETC2-HBX-110-6500 Datasheet
472Kb / 9P
   LED High Bay Lamp
logo
P-tec Corporation
HBX-2071 P-TEC-HBX-2071 Datasheet
704Kb / 5P
   LED globe lamp, 60W incandescent equivalent
logo
CommScope Inc.
HBX-3319DS-A1M COMMSCOPE-HBX-3319DS-A1M Datasheet
367Kb / 4P
   2-port sector antenna, 2x 1710–2180 MHz, 33° HPBW, RET compatible
November 1, 2021
HBX-3319DS-VTM COMMSCOPE-HBX-3319DS-VTM Datasheet
367Kb / 4P
   2-port sector antenna, 2x 1710–2180 MHz, 33° HPBW, RET compatible
November 1, 2021
More results

Similar Description - HBXDC

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
HBGCMP-70C DIALIGHT-HBGCMP-70C Datasheet
303Kb / 2P
   DuroSite짰 LED High Bay
LBW1C1A DIALIGHT-LBW1C1A Datasheet
439Kb / 4P
   DuroSite짰 Series LED Low Bay
HBGC4P-EU DIALIGHT-HBGC4P-EU Datasheet
433Kb / 4P
   DuroSite짰 Series LED High Bay Luminaire - CE Approved
RTO0W07001 DIALIGHT-RTO0W07001 Datasheet
147Kb / 2P
   DuroSite짰 Series LED Downlight
HBDGCMN DIALIGHT-HBDGCMN Datasheet
450Kb / 4P
   SafeSite짰 Series LED High Bay
LPK22-2C3DIF DIALIGHT-LPK22-2C3DIF Datasheet
158Kb / 2P
   DuroSite짰 LPK LED Langfeldleuchte
STW8A2N DIALIGHT-STW8A2N Datasheet
287Kb / 2P
   DuroSite짰 LED Area Light
STW2C2N DIALIGHT-STW2C2N Datasheet
288Kb / 2P
   DuroSite짰 LED Area Light
HBA9C4M DIALIGHT-HBA9C4M Datasheet
247Kb / 2P
   SafeSite Series LED High Bay Luminaire
HB2C4M-EU DIALIGHT-HB2C4M-EU Datasheet
339Kb / 2P
   DuroSite Series LED High Bay Luminaire
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com