Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBXREF22 Datasheet(PDF) 4 Page - Dialight Corporation

Part # HBXREF22
Description  DuroSite짰 Series LED High Bay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

HBXREF22 Datasheet(HTML) 4 Page - Dialight Corporation

  HBXREF22 Datasheet HTML 1Page - Dialight Corporation HBXREF22 Datasheet HTML 2Page - Dialight Corporation HBXREF22 Datasheet HTML 3Page - Dialight Corporation HBXREF22 Datasheet HTML 4Page - Dialight Corporation HBXREF22 Datasheet HTML 5Page - Dialight Corporation HBXREF22 Datasheet HTML 6Page - Dialight Corporation HBXREF22 Datasheet HTML 7Page - Dialight Corporation HBXREF22 Datasheet HTML 8Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.dialight.com
DuroSite® LED High Bay Fixture Options
Occupancy Sensor Version
Dimensions in Inches [mm]
Mechanical, Electrical and Photometric information is the same
as on page 3 except where detail is provided
Fixture Weight:
19lbs (11.34kg)
Container Weight:
25lbs (8.62kg)
Sensor Mounting:
Attached to the base of the neck using
a semi-rigid flexible conduit
Occupancy Sensor:
Dry location Leviton OSFHU - CTW (120 - 347V AC)
or C4W (480V AC)
Wet location Wattstopper HB350W (120 – 347V AC)
or HB340W (480V AC)
Sensor Timing:
30 seconds to 20 minutes
Sensor Lens Options:
Comes complete with interchangeable lenses
for multiple mounting heights
Operating Temperature
Leviton models:
-14°F to +149°F (-10°C to +65°C)
Wattstopper models:
-40°F to +149°F (-40°C to +65°C)
4
Features and Benefits
No additional electrical connections required for installation
Flexible conduit permitting the positioning of the occupancy senso
for optimal coverage
Interchangeable sensor lens for high bay, low bay, or aisle
applications
Mechanical, Electrical and Photometric information is the same
as on page 3 except where detail is provided
Variable Dimming Cable:
Two conductor cable
Power Cable:
Three conductor cable
Dimming Cable Position:
Side of the neck through a cable gland
Variable Dimming Control: 0-10 V DC active
Dimming Range:
10 V DC = 100% light output
0 V DC = 15% light output
Variable Dimming (0-10 VDC) & STEP Dimming
Dimensions in Inches [mm]
8.00
(203,2)
1.91
(48,6)
10’ (3.05m)
Power Cord
10’ (3.05m)
DIMMIMG CABLE
5/16” - 18 X .75”
THREADED HOLE (2)
1/4” - 20 SELF - TAPPING
SCREW HOLE (6)
Ø 16.0
(406)
3.13
(79,4)
STEP Dimming Mode
The variable dimming High Bays may also be configured to operate
in a single STEP Dimming configuration. When the dimming control
conductors are connected together, the light output will be reduced
to approximately 15% of the maximum light output. The total fixture
power consumption will also be reduced to approximately 20% (30
W). Connecting the leads together can be accomplished with a
common wall switch.
Features and Benefits
10’ plenum rated dimming control cable pre-installed
Dimming cabling independent of fixture wiring
Multiple High Bays can be connected to the same dimmer
May also be configured to operate in a single STEP Dimming
configuration


Similar Part No. - HBXREF22

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
HBXREF2 DIALIGHT-HBXREF2 Datasheet
433Kb / 4P
   DuroSite짰 Series LED High Bay Luminaire - CE Approved
HBXREF2 DIALIGHT-HBXREF2 Datasheet
303Kb / 2P
   DuroSite짰 LED High Bay
More results

Similar Description - HBXREF22

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
HBGCMP-70C DIALIGHT-HBGCMP-70C Datasheet
303Kb / 2P
   DuroSite짰 LED High Bay
LBW1C1A DIALIGHT-LBW1C1A Datasheet
439Kb / 4P
   DuroSite짰 Series LED Low Bay
HBGC4P-EU DIALIGHT-HBGC4P-EU Datasheet
433Kb / 4P
   DuroSite짰 Series LED High Bay Luminaire - CE Approved
RTO0W07001 DIALIGHT-RTO0W07001 Datasheet
147Kb / 2P
   DuroSite짰 Series LED Downlight
HBDGCMN DIALIGHT-HBDGCMN Datasheet
450Kb / 4P
   SafeSite짰 Series LED High Bay
LPK22-2C3DIF DIALIGHT-LPK22-2C3DIF Datasheet
158Kb / 2P
   DuroSite짰 LPK LED Langfeldleuchte
STW8A2N DIALIGHT-STW8A2N Datasheet
287Kb / 2P
   DuroSite짰 LED Area Light
STW2C2N DIALIGHT-STW2C2N Datasheet
288Kb / 2P
   DuroSite짰 LED Area Light
HBA9C4M DIALIGHT-HBA9C4M Datasheet
247Kb / 2P
   SafeSite Series LED High Bay Luminaire
HB2C4M-EU DIALIGHT-HB2C4M-EU Datasheet
339Kb / 2P
   DuroSite Series LED High Bay Luminaire
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com