Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC847BQ-7-F Datasheet(PDF) 5 Page - Diodes Incorporated

Part # BC847BQ-7-F
Description  NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC847BQ-7-F Datasheet(HTML) 5 Page - Diodes Incorporated

  BC847BQ-7-F Datasheet HTML 1Page - Diodes Incorporated BC847BQ-7-F Datasheet HTML 2Page - Diodes Incorporated BC847BQ-7-F Datasheet HTML 3Page - Diodes Incorporated BC847BQ-7-F Datasheet HTML 4Page - Diodes Incorporated BC847BQ-7-F Datasheet HTML 5Page - Diodes Incorporated BC847BQ-7-F Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BC846A – BC848C
Document Number: DS11108 Rev. 23 - 2
5 of 6
www.diodes.com
August 2011
© Diodes Incorporated
BC846A-BC848C
Package Outline Dimensions
Suggested Pad Layout
SOT23
Dim
Min
Max
Typ
A
0.37
0.51
0.40
B
1.20
1.40
1.30
C
2.30
2.50
2.40
D
0.89
1.03
0.915
F
0.45
0.60
0.535
G
1.78
2.05
1.83
H
2.80
3.00
2.90
J
0.013
0.10
0.05
K
0.903
1.10
1.00
K1
-
-
0.400
L
0.45
0.61
0.55
M
0.085
0.18
0.11
α
-
All Dimensions in mm
Dimensions
Value (in mm)
Z
2.9
X
0.8
Y
0.9
C
2.0
E
1.35
A
M
J
L
D
F
B C
H
K
G
K1
X
E
Y
C
Z


Similar Part No. - BC847BQ-7-F

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
BC847BQ YANGJIE-BC847BQ Datasheet
253Kb / 5P
   NPN General Purpose Amplifier
logo
Nexperia B.V. All right...
BC847BQA NEXPERIA-BC847BQA Datasheet
1Mb / 15P
   45 V, 100 mA NPN general-purpose transistors
BC847BQA NEXPERIA-BC847BQA Datasheet
1Mb / 15P
   45 V, 100 mA NPN general-purpose transistors
Rev. 1 - 26 August 2015
BC847BQA NEXPERIA-BC847BQA Datasheet
1Mb / 15P
   45 V, 100 mA PNP general-purpose transistors
Rev. 1 - 26 August 2015
BC847BQB NEXPERIA-BC847BQB Datasheet
241Kb / 13P
   45 V, 100 mA NPN general-purpose transistor
Rev. 2 - 8 September 2021
More results

Similar Description - BC847BQ-7-F

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
BC846A BWTECH-BC846A Datasheet
388Kb / 5P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
logo
Diodes Incorporated
DS11207 DIODES-DS11207 Datasheet
194Kb / 7P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
MMBTA05 DIODES-MMBTA05_15 Datasheet
256Kb / 7P
   NPN SMALL SIGNAL TRANSISTOR IN SOT23
logo
Bruckewell Technology L...
BC856A BWTECH-BC856A Datasheet
405Kb / 5P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
logo
Diodes Incorporated
BC846A DIODES-BC846A_15 Datasheet
304Kb / 7P
   NPN SMALL SIGNAL TRANSISTOR IN SOT23
MMBT4403 DIODES-MMBT4403_15 Datasheet
155Kb / 6P
   40V PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR IN SOT23
MMBT2222A DIODES-MMBT2222A_15 Datasheet
303Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN SOT23
MMBT4401 DIODES-MMBT4401_15 Datasheet
263Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC817-16W DIODES-BC817-16W_15 Datasheet
144Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC817 DIODES-BC817_15 Datasheet
394Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com