Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FLS-2B01-001 Datasheet(PDF) 8 Page - Dialight Corporation

Part # FLS-2B01-001
Description  SafeSit짰 LED Signaling for Hazardous Locations
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

FLS-2B01-001 Datasheet(HTML) 8 Page - Dialight Corporation

  FLS-2B01-001 Datasheet HTML 1Page - Dialight Corporation FLS-2B01-001 Datasheet HTML 2Page - Dialight Corporation FLS-2B01-001 Datasheet HTML 3Page - Dialight Corporation FLS-2B01-001 Datasheet HTML 4Page - Dialight Corporation FLS-2B01-001 Datasheet HTML 5Page - Dialight Corporation FLS-2B01-001 Datasheet HTML 6Page - Dialight Corporation FLS-2B01-001 Datasheet HTML 7Page - Dialight Corporation FLS-2B01-001 Datasheet HTML 8Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Dialight reserves the right to make changes at any time in order to supply the best product possible.
The most current version of this document will always be available at:
http://www.dialight.com/Assets/Brochures_And_Catalogs/Illumination/MDTFSFSTBROCHURE.pdf
www.dialight.com
MDTFSFSTBROCHURE_D
SafeSite® FLS Series LED
Flashing Visual Signal Lights
for Supervised Alarm Systems
Dimensions in Inches [mm]
Certifications & Ratings:
w Class I, Div 2, Groups A, B, C, D hazardous environments T4 rated
w Certified to UL844 / UL1598A / DL1598
w IP66 / NEMA 4X rated
Features & Benefits:
w Uses 90% less energy than an incandescent
w Weather/corrosion resistant lamp assembly and housing
w Resistant to shock and vibration
w Unique optically designed lens to enhance LED operation and
provide 360
º visibility
w 5 year warranty
Mechanical Information:
Container Dimensions:
16” X 9” X 8”
406mm x 229mm x 203mm
Container Weight:
7.14 lbs (3.24 kg)
Mounting:
Threaded 1” NPT
Electrical specifications:
Operating Voltage:
12-48 VDC (nom)
Input Power:
1.5 W
Operating Temp:
-40°C to +65°C
On:Off Time:
100:900ms
Material:
Housing:
Powder coated cast aluminum
Lens:
Glass
Hardware:
Stainless steel
Included Accessories:
Threaded 3/4” NPT reducer
Threaded 1” NPT plug
Stainless steel cage
11.18
[289.9]
REF
US Patent # 6,425,678
Application:
Dialight's newest addition to their line of Class I, Division 2 Visual Signal
Lights, the FLS Series Flashing Signals are used in a wide range of
industries for visual indication in hazardous environments. The FLS series
incorporates a 4 wire connection for incorporation into a DC supervised
alarm systems.
Class I, Div 2 - Single Units
FLS-2R09-001
Red
FLS-2W09-001
White
FLS-2G09-001
Green
FLS-2Y09-001
Yellow
FLS-2B09-001
Blue
Order Codes:
Ø5.79
[147.0]
REF
8


Similar Part No. - FLS-2B01-001

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
FLS-24 SYNERGY-FLS-24 Datasheet
320Kb / 3P
   LOW PASS FILTER
More results

Similar Description - FLS-2B01-001

ManufacturerPart #DatasheetDescription
logo
Multi-Tech Systems, Inc...
86002235 MULTITECH-86002235 Datasheet
362Kb / 3P
   Industrial Cellular Router for Hazardous Locations
2021-08
logo
List of Unclassifed Man...
HZDFC2N ETC1-HZDFC2N Datasheet
1Mb / 12P
   SafeSite® LED Area Light for Indoor and Outdoor Hazardous Locations
logo
Dialight Corporation
LSD3C4M2PHE DIALIGHT-LSD3C4M2PHE Datasheet
613Kb / 8P
   SafeSite LED Linear Fixture - UL 844 for Indoor and Outdoor Hazardous Locations
logo
PHOENIX CONTACT
2968 PHOENIX-2968 Datasheet
444Kb / 20P
   Intrinsically safe inline temperature input terminal for hazardous locations
logo
Littelfuse
0259.062MX913 LITTELFUSE-0259.062MX913 Datasheet
397Kb / 2P
   PICO 259-UL913 Series Intrinsically Safe Fuse for Hazardous Locations
logo
PHOENIX CONTACT
2869911 PHOENIX-2869911 Datasheet
515Kb / 14P
   Intrinsically safe Inline digital I/O terminal for hazardous locations
2869912 PHOENIX-2869912 Datasheet
534Kb / 27P
   Intrinsically safe Inline analog I/O terminal for hazardous locations
2825 PHOENIX-2825 Datasheet
829Kb / 7P
   Power supply for intrinsically safe Inline terminals used in hazardous locations
logo
OSRAM GmbH
LAE63F OSRAM-LAE63F Datasheet
594Kb / 22P
   Signaling
logo
Endress+Hauser Group Se...
CM42 EH-CM42 Datasheet
4Mb / 48P
   Two-wire transmitter for hazardous and non-hazardous areas
2020-02-29
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com