Electronic Components Datasheet Search |
|
FLS-2Y01-001 Datasheet(PDF) 8 Page - Dialight Corporation |
|
FLS-2Y01-001 Datasheet(HTML) 8 Page - Dialight Corporation |
8 / 8 page Dialight reserves the right to make changes at any time in order to supply the best product possible. The most current version of this document will always be available at: http://www.dialight.com/Assets/Brochures_And_Catalogs/Illumination/MDTFSFSTBROCHURE.pdf www.dialight.com MDTFSFSTBROCHURE_D SafeSite® FLS Series LED Flashing Visual Signal Lights for Supervised Alarm Systems Dimensions in Inches [mm] Certifications & Ratings: w Class I, Div 2, Groups A, B, C, D hazardous environments T4 rated w Certified to UL844 / UL1598A / DL1598 w IP66 / NEMA 4X rated Features & Benefits: w Uses 90% less energy than an incandescent w Weather/corrosion resistant lamp assembly and housing w Resistant to shock and vibration w Unique optically designed lens to enhance LED operation and provide 360 º visibility w 5 year warranty Mechanical Information: Container Dimensions: 16” X 9” X 8” 406mm x 229mm x 203mm Container Weight: 7.14 lbs (3.24 kg) Mounting: Threaded 1” NPT Electrical specifications: Operating Voltage: 12-48 VDC (nom) Input Power: 1.5 W Operating Temp: -40°C to +65°C On:Off Time: 100:900ms Material: Housing: Powder coated cast aluminum Lens: Glass Hardware: Stainless steel Included Accessories: Threaded 3/4” NPT reducer Threaded 1” NPT plug Stainless steel cage 11.18 [289.9] REF US Patent # 6,425,678 Application: Dialight's newest addition to their line of Class I, Division 2 Visual Signal Lights, the FLS Series Flashing Signals are used in a wide range of industries for visual indication in hazardous environments. The FLS series incorporates a 4 wire connection for incorporation into a DC supervised alarm systems. Class I, Div 2 - Single Units FLS-2R09-001 Red FLS-2W09-001 White FLS-2G09-001 Green FLS-2Y09-001 Yellow FLS-2B09-001 Blue Order Codes: Ø5.79 [147.0] REF 8 |
Similar Part No. - FLS-2Y01-001 |
|
Similar Description - FLS-2Y01-001 |