Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL3C4CLGH Datasheet(PDF) 3 Page - Dialight Corporation

Part # SL3C4CLGH
Description  StreetSenseTM Series LED Street Light
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

SL3C4CLGH Datasheet(HTML) 3 Page - Dialight Corporation

  SL3C4CLGH Datasheet HTML 1Page - Dialight Corporation SL3C4CLGH Datasheet HTML 2Page - Dialight Corporation SL3C4CLGH Datasheet HTML 3Page - Dialight Corporation SL3C4CLGH Datasheet HTML 4Page - Dialight Corporation SL3C4CLGH Datasheet HTML 5Page - Dialight Corporation SL3C4CLGH Datasheet HTML 6Page - Dialight Corporation SL3C4CLGH Datasheet HTML 7Page - Dialight Corporation SL3C4CLGH Datasheet HTML 8Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
High grade aluminum alloy A360 construction for superior
strength and durability
In contrast with horizontal or planer heat sinking systems,
the deep troughs between heat sink fins are wide and
angled to achieve a self-cleaning design and prevent
debris build-up
Exclusive physical design gives rise to an exceptional passive
thermal management system
Vent openings in light engine casting paired with fins are
optimized for increased air flow velocity and thermal
plume assureing a minimum operating temperature of the
LEDs and driver
www.dialight.com
StreetSenseLED Street Light
Features and Benefits
Innovative Design
Designed for new construction and easily retrofits with existing HID fixtures.
Metal clad PCBs used in light engine are secured directly to the cast
aluminum housing for superior thermal transfer and low in-situ temperature
(board level temperature)
Thermal overload protection circuitry prevent internal temperatures from
reaching high levels thereby increasing long term reliability and allowing
operation up to 74°C
Rugged cast aluminum housing is subjected to a multistage (cleaning
and sealing) per process AAMA 2604 and top coated with a super
durable, polyester powder coated finish that is available in 5 standard colors
Finish is resistant to blistering, excessive fading or corrosion during warranty
period
Terminal block sized to allow for wire gauges from #14 AWG to #6 AWG and
is accessible from under side of fixture
Salt spray tested for corrosion - 3,000 hours per ASTM B117-97
Withstands shock & vibration to Caltrans 611 levels – 3.0G peak-to-peak, 2 million
cycles
Stainless steel, SAE, captive hardware
Large, easy to read two axis bubble level allow installer to quickly and efficiently
level fixture during installation
Rugged heavy gauge, 4 bolt, aluminum clamp with stainless steel hardware
secures fixture to pole arm
Adjustable pole mount connection can accommodate a 2” IP (2.375” OD)
pipe with provision for adjustment of ± 5° at 2.5° increments
Unique hinged polycarbonate bottom cover provides tool-less access to terminal
blocks and pole arm via a single trigger-latch for quick and easy luminaire
mounting
3


Similar Part No. - SL3C4CLGH

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
SL3C4CLGH DIALIGHT-SL3C4CLGH Datasheet
481Kb / 3P
   StreetSense Series LED Street Light
More results

Similar Description - SL3C4CLGH

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
SL3C4CLGH DIALIGHT-SL3C4CLGH Datasheet
481Kb / 3P
   StreetSense Series LED Street Light
logo
PARA LIGHT ELECTRONICS ...
PARA-LPL-70WA220VQ-NJA-WW PARALIGHT-PARA-LPL-70WA220VQ-NJA-WW Datasheet
207Kb / 4P
   70W LED Street Light
logo
List of Unclassifed Man...
VTP9812FH ETC2-VTP9812FH Datasheet
640Kb / 4P
   Street light switching
logo
Ledil, Inc.
C16702 LEDIL-C16702 Datasheet
3Mb / 3P
   Narrow caternary street light beam
logo
TE Connectivity Ltd
2-1773982-5 TEC-2-1773982-5 Datasheet
7Mb / 26P
   LUMAWISE STREET LIGHT DIMMING AND CONTROL
logo
HB Electronic Component...
E12PW3C-O HB-E12PW3C-O Datasheet
55Kb / 2P
   Special LED to street lamp
E12PW6C-O HB-E12PW6C-O Datasheet
54Kb / 2P
   Special LED to street lamp
logo
Lumileds Lighting Compa...
WP14 LUMILEDS-WP14 Datasheet
684Kb / 7P
   LEDs: coming soon to a street light near you
logo
Ledil, Inc.
C14750 LEDIL-C14750 Datasheet
5Mb / 20P
   Catenary street light beam optimized for EN13201 M-classes
logo
STMicroelectronics
AN4461 STMICROELECTRONICS-AN4461 Datasheet
1Mb / 70P
   100 W LED street lighting application using STLUX385A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com