Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB1C4J Datasheet(PDF) 3 Page - Dialight Corporation

Part # HB1C4J
Description  DuroSite짰 Series LED High Bay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

HB1C4J Datasheet(HTML) 3 Page - Dialight Corporation

  HB1C4J Datasheet HTML 1Page - Dialight Corporation HB1C4J Datasheet HTML 2Page - Dialight Corporation HB1C4J Datasheet HTML 3Page - Dialight Corporation HB1C4J Datasheet HTML 4Page - Dialight Corporation HB1C4J Datasheet HTML 5Page - Dialight Corporation HB1C4J Datasheet HTML 6Page - Dialight Corporation HB1C4J Datasheet HTML 7Page - Dialight Corporation HB1C4J Datasheet HTML 8Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.dialight.com
DuroSite
® LED High Bay Fixture
Mechanical Information
Fixture Weight:
17 lbs (7.7 kg)
Shipping Weight:
23 lbs (10.43 kg)
Mounting:
(1) 3/4” NPT
(2) 5/16”-18 x .75” UNC
Cabling:
10' (3.5m) SOOW Power Cord
Electrical specifications
Operating Voltage:
100 – 277V AC for models up to 12,000lm
120 – 277V AC for 14,500lm & 17,500lm
Total System
Power Consumption:
See table
Operating Temp:
-40°F to +149°F (-40°C to +65°C)
Harmonics:
IEC 61000-3-2
Transient Protection:
1 kV line to line
2 kV line to ground
Power Factor:
> 0.9
Fusing:
Internal on black wire
Construction
Housing:
Powder coated aluminum
Finish:
Polyester / epoxy powder coat gray RAL 7040
for superior corrosion resistance
Lens:
Acrylic - UL1598 dry location
Polycarbonate - UL1598A wet location
Polycarbonate dome lens
Tempered glass
Photometric Information
CRI:
72
CCT:
5,650K (cool white)
4,300K (neutral white)
All values typical unless otherwise stated
Dimensions in Inches [mm]
6.88
[174.75]
1.88 [47.75]
16.00
[406.40]
10’ [3.05m]
Cord
16.00
[406.40]
5/16”-18 X .75” THREADED (2)
3.00
[76.20]
1.95
[49.53]
Application:
Dialight’s DuroSite
®
LED High Bay fixture was designed specifically to
replace conventional lighting in a wide variety of industrial applications;
both indoor and outdoor. Its low profile light weight design and versatile
mounting options make it ideal for many applications such as warehouse,
garage, aisle, cold storage, bridge, tunnel and general area lighting.
All of Dialight’s long life LED luminaires are designed to meet the most
demanding specification criteria while offering maximum energy
savings, reduced maintenance costs, and a superior quality of light.
3
Meets Buy American
For projects requiring Buy American certification,
consult factory for additional information and details
Certifications & Ratings
UL-1598 (acrylic lens models)
UL-1598A (polycarbonite lens and tempered glass)
CSA 22 #250
FCC Title 47
NEMA - 4X
IP-66
Dark Sky Compliant
Candela Plots
Circular Pattern
Aisle Pattern
Examples shown are 11,500 lumen models, HB6C4M - aisle pattern and HB2C4M - circular
3/4” NPT THREADED


Similar Part No. - HB1C4J

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
HB1C4N-EU DIALIGHT-HB1C4N-EU Datasheet
433Kb / 4P
   DuroSite짰 Series LED High Bay Luminaire - CE Approved
HB1C4N-EUD DIALIGHT-HB1C4N-EUD Datasheet
433Kb / 4P
   DuroSite짰 Series LED High Bay Luminaire - CE Approved
HB1C4N-EUOS DIALIGHT-HB1C4N-EUOS Datasheet
433Kb / 4P
   DuroSite짰 Series LED High Bay Luminaire - CE Approved
More results

Similar Description - HB1C4J

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
HBGCMP-70C DIALIGHT-HBGCMP-70C Datasheet
303Kb / 2P
   DuroSite짰 LED High Bay
LBW1C1A DIALIGHT-LBW1C1A Datasheet
439Kb / 4P
   DuroSite짰 Series LED Low Bay
HBGC4P-EU DIALIGHT-HBGC4P-EU Datasheet
433Kb / 4P
   DuroSite짰 Series LED High Bay Luminaire - CE Approved
RTO0W07001 DIALIGHT-RTO0W07001 Datasheet
147Kb / 2P
   DuroSite짰 Series LED Downlight
HBDGCMN DIALIGHT-HBDGCMN Datasheet
450Kb / 4P
   SafeSite짰 Series LED High Bay
LPK22-2C3DIF DIALIGHT-LPK22-2C3DIF Datasheet
158Kb / 2P
   DuroSite짰 LPK LED Langfeldleuchte
STW8A2N DIALIGHT-STW8A2N Datasheet
287Kb / 2P
   DuroSite짰 LED Area Light
STW2C2N DIALIGHT-STW2C2N Datasheet
288Kb / 2P
   DuroSite짰 LED Area Light
HBA9C4M DIALIGHT-HBA9C4M Datasheet
247Kb / 2P
   SafeSite Series LED High Bay Luminaire
HB2C4M-EU DIALIGHT-HB2C4M-EU Datasheet
339Kb / 2P
   DuroSite Series LED High Bay Luminaire
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com