Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH4515 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # SFH4515
Description  GaAs-IR-Lumineszenzdioden 950 nm GaAs Infrared Emitters 950 nm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH4515 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  SFH4515 Datasheet HTML 1Page - Siemens Semiconductor Group SFH4515 Datasheet HTML 2Page - Siemens Semiconductor Group SFH4515 Datasheet HTML 3Page - Siemens Semiconductor Group SFH4515 Datasheet HTML 4Page - Siemens Semiconductor Group SFH4515 Datasheet HTML 5Page - Siemens Semiconductor Group SFH4515 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Semiconductor Group
6
1998-11-12
SFH 4510
SFH 4515
Relative spectral emission
Irel = f (λ)
Forward current
IF = f (VF), single pulse, tp = 20 µs
OHRD1938
λ
rel
Ι
0
880
920
960
1000
nm
1060
20
40
60
80
%
100
10
OHR01554
F
V
-3
-2
10
-1
10
0
10
1
10
01
2
3
4
5
6
V
8
A
Ι
F
Radiantintensity
Single pulse,
t
p = 20 µs
Permissible pulse handling capability
IF = f (τ), TA = 25 °C,
duty cycle D = parameter
Ie
Ie 100 mA
= f (I
F)
OHR01551
10 -3
Ι
F
-2
10
10 -1
10 0
10 1
10 2
Ι
e 100 mA
e
Ι
-2
10
-1
10
0
10
1
10
A
A
t
OHR00860
p
-5
10
10
2
Ι
F
10
3
10
4
5
DC
0.2
0.5
0.1
0.005
0.01
0.02
0.05
t p
T
Ι
F
t p
T
D =
5
mA
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
s
D =
Max. permissible forward current
IF = f (TA)
OHF00387
0
F
Ι
0
T
A
20
40
60
80
100
120
20
40
60
80
100
120
mA
˚C
Radiation characteristics I
rel = f (ϕ)
OHF00265
020
40
60
80
100
120
0.4
0.6
0.8
1.0
100
90
80
70
60
50
0
10
20
30
40
0
0.2
0.4
0.6
0.8
1.0


Similar Part No. - SFH4515

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4510 OSRAM-SFH4510 Datasheet
77Kb / 7P
   GaAs Infrared Emitters (950 nm) in SMR짰 Package
SFH4510 OSRAM-SFH4510_02 Datasheet
77Kb / 7P
   GaAs Infrared Emitters (950 nm) in SMR짰 Package
SFH4511 OSRAM-SFH4511 Datasheet
228Kb / 8P
   GaAs-IR-Lumineszenzdiode GaAs Infrared Emitter Lead (Pb) Free Product - RoHS Compliant
SFH4512 OSRAM-SFH4512 Datasheet
160Kb / 11P
   Spectral match with silicon photodetectors
SFH4516 OSRAM-SFH4516 Datasheet
183Kb / 11P
   UL version available
More results

Similar Description - SFH4515

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SFH4200 INFINEON-SFH4200 Datasheet
81Kb / 7P
   Schnelle GaAs-IR-Lumineszenzdiode (950 nm),High-Speed GaAs Infrared Emitter (950 nm)
2000-01-01
logo
OSRAM GmbH
SFH4510 OSRAM-SFH4510_02 Datasheet
77Kb / 7P
   GaAs Infrared Emitters (950 nm) in SMR짰 Package
logo
Vishay Siliconix
TSUS4300 VISHAY-TSUS4300_15 Datasheet
110Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.9, 20-Oct-15
TSKS5400 VISHAY-TSKS5400_13 Datasheet
144Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 2.4, 03-Sep-13
CQY37N VISHAY-CQY37N_V01 Datasheet
281Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
01-Jan-2022
TSUS5200 VISHAY-TSUS5200_09 Datasheet
112Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 2.2, 29-Jun-09
TSUS6202 VISHAY-TSUS6202 Datasheet
109Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.0, 29-Sep-15
TSUS5200 VISHAY-TSUS5200_11 Datasheet
109Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 2.3, 24-Aug-11
TSUS4400 VISHAY-TSUS4400_V01 Datasheet
113Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
01-Jan-2021
CQY37N VISHAY-CQY37N_11 Datasheet
278Kb / 5P
   Infrared Emitting Diode, 950 nm, GaAs
Rev. 1.7, 08-Mar-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com