Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

860-2R01-001 Datasheet(PDF) 4 Page - Dialight Corporation

Part # 860-2R01-001
Description  SafeSit짰 LED Signaling for Hazardous Locations
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

860-2R01-001 Datasheet(HTML) 4 Page - Dialight Corporation

  860-2R01-001 Datasheet HTML 1Page - Dialight Corporation 860-2R01-001 Datasheet HTML 2Page - Dialight Corporation 860-2R01-001 Datasheet HTML 3Page - Dialight Corporation 860-2R01-001 Datasheet HTML 4Page - Dialight Corporation 860-2R01-001 Datasheet HTML 5Page - Dialight Corporation 860-2R01-001 Datasheet HTML 6Page - Dialight Corporation 860-2R01-001 Datasheet HTML 7Page - Dialight Corporation 860-2R01-001 Datasheet HTML 8Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SafeSite® 860 Series LED Steady
Burn Visual Signal Lights
US Patent # 6,425,678
Dimensions in Inches [mm]
Certifications & Ratings:
w Class I, Div 2, Groups A, B, C, D hazardous environments T4 rated
w ATEX certified, equipment group II (surface industries), category 3
(Zone 2), T4 rated
w IP65 / IP66 / NEMA 4X rated
w ETL Listed in compliance with UL1598 and UL844 for use in Class I, Div
2 hazardous locations
Features & Benefits:
w Uses 90% less energy than an incandescent
w Weather/corrosion resistant lamp assembly and housing
w Resistant to shock and vibration
w Available as a single or dual unit
w Unique optically designed lens to enhance LED operation and
provide 360
º visibility
w 5 year warranty
Lens
Assembly
Dual Wire
Housing
Lens
Assembly
Shield
14.21
[360.8]
15.54
[394.7]
14.77
[375.2]
BI-DIRECTIONAL
WIRE HOUSING
Shield
11.77
[298.9]
REF
5.79 [147]
REF
11.21
[284.6]
REF
Application:
Dialight's steady burn LED Based Class I, Division 2 Visual Signals are used
in a wide range of industries for visual indication in hazardous
environments. Versions of this fixture are available in 120VAC or 230VAC.
ATEX versions available - consult factory
Class I, Div 2 - Single Units
Class I, Div 2 - Dual Units
860-2R01-001
Class I, Div 2 Red 120 VAC
860-2R01-002
Class I, Div 2 Red 120 VAC
860-2W01-001
Class I, Div 2 White 120 VAC
860-2W01-002
Class I, Div 2 White 120 VAC
860-2G01-001
Class I, Div 2 Green 120 VAC
860-2G01-002
Class I, Div 2 Green 120 VAC
860-2Y01-001
Class I, Div 2 Yellow 120 VAC
860-2Y01-002
Class I, Div 2 Yellow 120 VAC
860-2B01-001
Class I, Div 2 Blue 120 VAC
860-2B01-002
Class I, Div 2 Blue 120 VAC
860-2R02-001
Class I, Div 2 Red 230 VAC
860-2R02-002
Class I, Div 2 Red 230 VAC
860-2W02-001
Class I, Div 2 White 230 VAC
860-2W02-002
Class I, Div 2 White 230 VAC
860-2G02-001
Class I, Div 2 Green 230 VAC
860-2G02-002
Class I, Div 2 Green 230 VAC
860-2Y02-001
Class I, Div 2 Yellow 230 VAC
860-2Y02-002
Class I, Div 2 Yellow 230 VAC
860-2B02-001
Class I, Div 2 Blue 230 VAC
860-2B02-002
Class I, Div 2 Blue 230 VAC
Order Codes:
Mechanical Information:
Single Units:
Container Dimensions:
16” X 9” X 8”
406mm x 229mm x 203mm
Container Weight:
7.14 lbs (3.24 kg)
Mounting:
Threaded 1” NPT and 3/4” NPT
bottom hub for mounting
Dual Units:
Container Dimensions:
22” X 17” X 9”
559mm x 432mm x 229mm
Container Weight:
16.06 lbs (7.28 kg)
Mounting:
Threaded 1” NPT and 3/4” NPT
bottom hub for mounting
Electrical specifications: (Per Light):
Volt Amps:
44 VA (120 VAC Units)
67 VA (230 VAC Units)
Input Power:
14.5 W (120 VAC Units)
16.0 W (230 VAC Units)
Operating Temp:
-67ºF to +131ºF (-55ºC to +55ºC)
Material:
Housing:
Cast aluminum
Lens:
Glass
Accessories (Hardware):
Stainless steel
4
www.dialight.com


Similar Part No. - 860-2R01-001

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
860-02-001 QUALTEK-860-02-001 Datasheet
253Kb / 1P
   EMI FILTER
860-02-006 QUALTEK-860-02-006 Datasheet
255Kb / 1P
   EMI FILTER
860-02001 QUALTEK-860-02001 Datasheet
255Kb / 1P
   EMI FILTER
860-02006 QUALTEK-860-02006 Datasheet
256Kb / 1P
   Qualtek Electronics Corp
860-03-008 QUALTEK-860-03-008 Datasheet
251Kb / 1P
   EMI FILTER
More results

Similar Description - 860-2R01-001

ManufacturerPart #DatasheetDescription
logo
Multi-Tech Systems, Inc...
86002235 MULTITECH-86002235 Datasheet
362Kb / 3P
   Industrial Cellular Router for Hazardous Locations
2021-08
logo
List of Unclassifed Man...
HZDFC2N ETC1-HZDFC2N Datasheet
1Mb / 12P
   SafeSite® LED Area Light for Indoor and Outdoor Hazardous Locations
logo
Dialight Corporation
LSD3C4M2PHE DIALIGHT-LSD3C4M2PHE Datasheet
613Kb / 8P
   SafeSite LED Linear Fixture - UL 844 for Indoor and Outdoor Hazardous Locations
logo
PHOENIX CONTACT
2968 PHOENIX-2968 Datasheet
444Kb / 20P
   Intrinsically safe inline temperature input terminal for hazardous locations
logo
Littelfuse
0259.062MX913 LITTELFUSE-0259.062MX913 Datasheet
397Kb / 2P
   PICO 259-UL913 Series Intrinsically Safe Fuse for Hazardous Locations
logo
PHOENIX CONTACT
2869911 PHOENIX-2869911 Datasheet
515Kb / 14P
   Intrinsically safe Inline digital I/O terminal for hazardous locations
2869912 PHOENIX-2869912 Datasheet
534Kb / 27P
   Intrinsically safe Inline analog I/O terminal for hazardous locations
2825 PHOENIX-2825 Datasheet
829Kb / 7P
   Power supply for intrinsically safe Inline terminals used in hazardous locations
logo
OSRAM GmbH
LAE63F OSRAM-LAE63F Datasheet
594Kb / 22P
   Signaling
logo
Endress+Hauser Group Se...
CM42 EH-CM42 Datasheet
4Mb / 48P
   Two-wire transmitter for hazardous and non-hazardous areas
2020-02-29
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com