Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM67A618BFN15 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MCM67A618BFN15
Description  64K x 18 Bit Asynchronous/ Latched Address Fast Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM67A618BFN15 Datasheet(HTML) 2 Page - Motorola, Inc

  MCM67A618BFN15 Datasheet HTML 1Page - Motorola, Inc MCM67A618BFN15 Datasheet HTML 2Page - Motorola, Inc MCM67A618BFN15 Datasheet HTML 3Page - Motorola, Inc MCM67A618BFN15 Datasheet HTML 4Page - Motorola, Inc MCM67A618BFN15 Datasheet HTML 5Page - Motorola, Inc MCM67A618BFN15 Datasheet HTML 6Page - Motorola, Inc MCM67A618BFN15 Datasheet HTML 7Page - Motorola, Inc MCM67A618BFN15 Datasheet HTML 8Page - Motorola, Inc MCM67A618BFN15 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MCM67A618B
2
MOTOROLA FAST SRAM
BLOCK DIAGRAM
A0 – A15
DQ0 – DQ17
MEMORY ARRAY
64K x 18
E
WRITE AMP
OUTPUT
BUFFER
CONTROL
16
18
AL
LW
UW
G
16
18
18
LATCH
DL
18
9
9
LATCH
LATCH
TRUTH TABLE
E
LW
UW
AL*
DL*
G
Mode
Supply
Current
I/O
Status
H
X
X
X
X
X
Deselected Cycle
ISB
High–Z
L
X
X
L
X
X
Read or Write Using Latched Addresses
ICC
L
X
X
H
X
X
Read or Write Using Unlatched Addresses
ICC
L
H
H
X
X
L
Read Cycle
ICC
Data Out
L
H
H
X
X
H
Read Cycle
ICC
High–Z
L
L
L
X
L
X
Write Both Bytes Using Latched Data In
ICC
High–Z
L
L
L
X
H
X
Write Both Bytes Using Unlatched Data In
ICC
High–Z
L
L
H
X
X
X
Write Cycle, Lower Byte
ICC
High–Z
L
H
L
X
X
X
Write Cycle, Lower Byte
ICC
High–Z
*E and Addresses satisfy the specified setup and hold times for the falling edge of AL. Data–in satisfies the specified setup
*and hold times for falling edge of DL.
NOTE: This truth table shows the application of each function. Combinations of these functions are valid.
ABSOLUTE MAXIMUM RATINGS (Voltages Referenced to VSS = 0)
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
– 0.5 to 7.0
V
Voltage Relative to VSS for Any
Pin Except VCC
Vin, Vout
– 0.5 to VCC + 0.5
V
Output Current (per I/O)
Iout
± 30
mA
Power Dissipation
PD
1.6
W
Temperature Under Bias
Tbias
– 10 to + 85
°C
Ambient Temperature
TA
0 to + 70
°C
Storage Temperature
Tstg
– 55 to + 125
°C
NOTE: Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are
exceeded. Functional operation should be restricted to RECOMMENDED OPER-
ATING CONDITIONS. Exposure to higher than recommended voltages for
extended periods of time could affect device reliability.
This device contains circuitry to protect the
inputs against damage due to high static
voltages or electric fields; however, it is advised
that normal precautions be taken to avoid
application of any voltage higher than maxi-
mum rated voltages to this high–impedance
circuit.
This BiCMOS memory circuit has been
designed to meet the dc and ac specifications
shown in the tables, after thermal equilibrium
has been established.
This device contains circuitry that will ensure
the output devices are in High–Z at power up.


Similar Part No. - MCM67A618BFN15

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM67A618 MOTOROLA-MCM67A618 Datasheet
202Kb / 12P
   64K x 18 Bit Asychronous/Latched Address Fast Static RAM
MCM67A618FN10 MOTOROLA-MCM67A618FN10 Datasheet
202Kb / 12P
   64K x 18 Bit Asychronous/Latched Address Fast Static RAM
MCM67A618FN12 MOTOROLA-MCM67A618FN12 Datasheet
202Kb / 12P
   64K x 18 Bit Asychronous/Latched Address Fast Static RAM
MCM67A618FN15 MOTOROLA-MCM67A618FN15 Datasheet
202Kb / 12P
   64K x 18 Bit Asychronous/Latched Address Fast Static RAM
More results

Similar Description - MCM67A618BFN15

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM67A518 MOTOROLA-MCM67A518 Datasheet
191Kb / 12P
   32K x 18 Bit Asynchronous/Latched Address Fast Static RAM
MCM67A618 MOTOROLA-MCM67A618 Datasheet
202Kb / 12P
   64K x 18 Bit Asychronous/Latched Address Fast Static RAM
MCM6323A MOTOROLA-MCM6323A Datasheet
181Kb / 12P
   64K x 16 Bit 3.3 V Asynchronous Fast Static RAM
MCM67H618A MOTOROLA-MCM67H618A Datasheet
208Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618B MOTOROLA-MCM67C618B Datasheet
201Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67J618B MOTOROLA-MCM67J618B Datasheet
203Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67B618A MOTOROLA-MCM67B618A Datasheet
155Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M618B MOTOROLA-MCM67M618B Datasheet
166Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M618A MOTOROLA-MCM67M618A Datasheet
206Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67C618 MOTOROLA-MCM67C618 Datasheet
228Kb / 12P
   64K x 18 Bit BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com