Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2161-94(516) Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 2161-94(516)
Description  KK.045 SQ PIN LOOSE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

2161-94(516) Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  2161-94(516) Datasheet HTML 1Page - Molex Electronics Ltd. 2161-94(516) Datasheet HTML 2Page - Molex Electronics Ltd. 2161-94(516) Datasheet HTML 3Page - Molex Electronics Ltd. 2161-94(516) Datasheet HTML 4Page - Molex Electronics Ltd. 2161-94(516) Datasheet HTML 5Page - Molex Electronics Ltd. 2161-94(516) Datasheet HTML 6Page - Molex Electronics Ltd. 2161-94(516) Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2161
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2008-3117
AH2
DATE:
7/1/2008
TITLE:
KK .045 SQ PIN
LOOSE
- 4 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 2161-001
GAVERILL
AELHAG
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
GOLD
PART NO:
ENG NO:
PART NO:
ENG NO:
008560501
2161-1(503)
2161-38(503)
008560503
2161-3(503)
2161-40(503)
2161-4(503)
2161-41(503)
2161-5(503)
008560545
2161-45(503)
2161-6(503)
2161-48(503)
2161-7(503)
2161-51(503)
2161-10(503)
008560552
2161-52(503)
2161-11(503)
2161-53(503)
008560512
2161-12(503)
2161-61(503)
2161-13(503)
2161-62(503)
2161-14(503)
2161-63(503)
008560515
2161-15(503)
008560564
2161-64(503)
008560516
2161-16(503)
2161-65(503)
2161-18(503)
2161-66(503)
008560519
2161-19(503)
2161-67(503)
2161-20(503)
008560568
2161-68(503)
008560521
2161-21(503)
2161-69(503)
2161-22(503)
2161-70(503)
008560525
2161-23(503)
2161-71(503)
2161-24(503)
008560589
2161-89(503)
2161-26(503)
2161-91(503)
2161-28(503)
2161-92(503)
008560530
2161-30(503)
2161-93(503)
2161-35(503)
008560594
2161-94(503)
008560536
2161-36(503)
2161-96(503)
008560537
2161-37(503)
2161-99(503)
GOLD
PART NO:
ENG NO:
PART NO:
ENG NO:
008560801
2161-1(505)
2161-38(505)
2161-3(505)
2161-40(505)
2161-4(505)
2161-41(505)
008560805
2161-5(505)
2161-45(505)
2161-6(505)
2161-48(505)
2161-7(505)
2161-51(505)
2161-10(505)
008560852
2161-52(505)
2161-11(505)
2161-53(505)
2161-12(505)
2161-61(505)
2161-13(505)
2161-62(505)
2161-14(505)
2161-63(505)
2161-15(505)
008560864
2161-64(505)
008560816
2161-16(505)
2161-65(505)
2161-18(505)
008560866
2161-66(505)
2161-19(505)
2161-67(505)
2161-20(505)
2161-68(505)
2161-21(505)
2161-69(505)
2161-22(505)
2161-70(505)
2161-23(505)
2161-71(505)
2161-24(505)
2161-89(505)
2161-26(505)
2161-91(505)
2161-28(505)
2161-92(505)
2161-30(505)
2161-93(505)
2161-35(505)
2161-94(505)
008560836
2161-36(505)
2161-96(505)
008560837
2161-37(505)
2161-99(505)


Similar Part No. - 2161-94(516)

ManufacturerPart #DatasheetDescription
logo
Heyco.
2161 HEYCO-2161 Datasheet
106Kb / 1P
   Snap Bushings
logo
Littelfuse
2161.25 LITTELFUSE-2161.25 Datasheet
90Kb / 1P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
2161.25 LITTELFUSE-2161.25 Datasheet
128Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
216100 LITTELFUSE-216100 Datasheet
181Kb / 2P
   5 x 20 mm Fast-Acting Fuse
216100P LITTELFUSE-216100P Datasheet
217Kb / 2P
   5 x 20 mm Fast-Acting Fuse
More results

Similar Description - 2161-94(516)

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-66471 ETC1-C-66471 Datasheet
41Kb / 1P
   PIN CONTACT, CRIMPED, 0.062, .045 x .045 POST M SERIES
logo
Molex Electronics Ltd.
026202031 MOLEX-026202031 Datasheet
162Kb / 1P
   WAFER FLAT MOLDED KK 156 .045 DIAMETER PINS
98/10/09
logo
Harwin Plc
M20-003 HARWIN-M20-003 Datasheet
41Kb / 1P
   LOOSE POLARISING PIN
logo
TRIAD MAGNETICS
FS24-045 TRIAD-FS24-045 Datasheet
44Kb / 1P
   FS24-045
logo
FCI connector
76196-014LF FCI-CONNECTOR-76196-014LF Datasheet
194Kb / 3P
   TRI-PIN LOOSE PIECE
logo
Molex Electronics Ltd.
08-52-1201 MOLEX11-08-52-1201 Datasheet
122Kb / 8P
   TERMINAL PIN 0.64 / .025 SQ. WIRE
logo
FCI connector
48115 FCI-CONNECTOR-48115 Datasheet
134Kb / 2P
   C.T.W. MALE PIN LOOSE PIECE
logo
First Components Intern...
48115 FCI-48115 Datasheet
124Kb / 2P
   C.T.W. MALE PIN LOOSE PIECE
Sep 04, 2009
logo
List of Unclassifed Man...
66182-1 ETC1-66182-1 Datasheet
40Kb / 1P
   PIN ASSEMBLY, LOOSE PIECE, TYPE III
66180-1 ETC1-66180-1 Datasheet
40Kb / 1P
   PIN ASSEMBLY, LOOSE PIECE, TYPE III
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com