Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17044X+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX17044X+
Description  Compact, Low-Cost 1S/2S Fuel Gauges with Low-Battery Alert
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17044X+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX17044X+ Datasheet HTML 1Page - Maxim Integrated Products MAX17044X+ Datasheet HTML 2Page - Maxim Integrated Products MAX17044X+ Datasheet HTML 3Page - Maxim Integrated Products MAX17044X+ Datasheet HTML 4Page - Maxim Integrated Products MAX17044X+ Datasheet HTML 5Page - Maxim Integrated Products MAX17044X+ Datasheet HTML 6Page - Maxim Integrated Products MAX17044X+ Datasheet HTML 7Page - Maxim Integrated Products MAX17044X+ Datasheet HTML 8Page - Maxim Integrated Products MAX17044X+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Compact, Low-Cost 1S/2S Fuel Gauges
with Low-Battery Alert
3
Note 1:
All voltages are referenced to GND.
Note 2:
SDA, SCL = GND; QSTRT, ALRT idle.
Note 3:
The MAX17043/MAX17044 enter Sleep mode 1.75s to 2.5s after (SCL < VIL) AND (SDA < VIL).
Note 4:
Time to enter sleep after Sleep command is sent. Time to exit sleep on rising edge of SCL or SDA.
Note 5:
fSCL must meet the minimum clock low time plus the rise/fall times.
Note 6:
The maximum tHD:DAT has only to be met if the device does not stretch the low period (tLOW) of the SCL signal.
Note 7:
This device internally provides a hold time of at least 75ns for the SDA signal (referred to the VIHMIN of the SCL signal) to
bridge the undefined region of the falling edge of SCL.
Note 8:
Filters on SDA and SCL suppress noise spikes at the input buffers and delay the sampling instant.
Note 9:
CB—total capacitance of one bus line in pF.
Note 10: Applies to 8-pin TDFN-EP package type only.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCL Clock Frequency
fSCL
(Note 5)
0
400
kHz
Bus Free Time Between a STOP
and START Condition
tBUF
1.3
µs
Hold Time (Repeated)
START Condition
tHD:STA
(Note 5)
0.6
µs
Low Period of SCL Clock
tLOW
1.3
µs
High Period of SCL Clock
tHIGH
0.6
µs
Setup Time for a Repeated
START Condition
tSU:STA
0.6
µs
Data Hold Time
tHD:DAT
(Notes 6, 7)
0
0.9
µs
Data Setup Time
tSU:DAT
(Note 6)
100
ns
Rise Time of Both SDA
and SCL Signals
tR
20 +
0.1CB
300
ns
Fall Time of Both SDA
and SCL Signals
tF
20 +
0.1CB
300
ns
Setup Time for STOP Condition
tSU:STO
0.6
µs
Spike Pulse Widths Suppressed
by Input Filter
tSP
(Note 8)
0
50
ns
Capacitive Load for Each
Bus Line
CB
(Note 9)
400
pF
SCL, SDA Input Capacitance
CBIN
60
pF
ELECTRICAL CHARACTERISTICS: 2-WIRE INTERFACE
(2.5V
≤ VDD ≤ 4.5V, TA = -20°C to +70°C.)


Similar Part No. - MAX17044X+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17044X++ MAXIM-MAX17044X+ Datasheet
448Kb / 14P
   Compact, Low-Cost 1S/2S Fuel Gauges with Low-Battery Alert
Rev 4; 8/11
MAX17044X++ MAXIM-MAX17044X+ Datasheet
859Kb / 14P
   1-Cell/2-Cell Fuel Gauge with ModelGauge and Low-Battery Alert
2017
MAX17044X+T10 MAXIM-MAX17044X+T10 Datasheet
448Kb / 14P
   Compact, Low-Cost 1S/2S Fuel Gauges with Low-Battery Alert
Rev 4; 8/11
MAX17044X+T10 MAXIM-MAX17044X+T10 Datasheet
859Kb / 14P
   1-Cell/2-Cell Fuel Gauge with ModelGauge and Low-Battery Alert
2017
More results

Similar Description - MAX17044X+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17043 MAXIM-MAX17043_11 Datasheet
448Kb / 14P
   Compact, Low-Cost 1S/2S Fuel Gauges with Low-Battery Alert
Rev 4; 8/11
MAX17043 MAXIM-MAX17043 Datasheet
318Kb / 14P
   Compact, Low-Cost 1S/2S Fuel Gauges Compact, Low-Cost 1S/2S Fuel Gauges
19-4811; Rev 1; 4/10
MAX17040 MAXIM-MAX17040 Datasheet
349Kb / 13P
   Compact, Low-Cost 1S/2S Fuel Gauges
19-5210; Rev 3; 4/10
MAX17040 MAXIM-MAX17040_11 Datasheet
457Kb / 13P
   Compact, Low-Cost 1S/2S Fuel Gauges
Rev 6; 8/11
MAX17043 MAXIM-MAX17043_V01 Datasheet
859Kb / 14P
   1-Cell/2-Cell Fuel Gauge with ModelGauge and Low-Battery Alert
2017
logo
AAEON Technology
AEC-6800 AAEON-AEC-6800 Datasheet
488Kb / 2P
   Low Cost & Compact
logo
Maxim Integrated Produc...
MAX8730 MAXIM-MAX8730 Datasheet
883Kb / 29P
   Low-Cost Battery Charger
Rev 0; 12/05
logo
STI Vibration Monitorin...
CMCP1100S STI-CMCP1100S Datasheet
600Kb / 2P
   Low-Cost Compact Accelerometer with Integral Cable
CMCP1100C STI-CMCP1100C Datasheet
575Kb / 2P
   Low-Cost Compact Accelerometer with M8 Connector
CMCP1100 STI-CMCP1100 Datasheet
594Kb / 2P
   Low-Cost Compact Accelerometer with Integral Cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com