Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17085B Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX17085B
Description  Integrated Charger, Dual Main Step-Down Controllers, and Dual LDO Regulators
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17085B Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX17085B_12 Datasheet HTML 7Page - Maxim Integrated Products MAX17085B_12 Datasheet HTML 8Page - Maxim Integrated Products MAX17085B_12 Datasheet HTML 9Page - Maxim Integrated Products MAX17085B_12 Datasheet HTML 10Page - Maxim Integrated Products MAX17085B_12 Datasheet HTML 11Page - Maxim Integrated Products MAX17085B_12 Datasheet HTML 12Page - Maxim Integrated Products MAX17085B_12 Datasheet HTML 13Page - Maxim Integrated Products MAX17085B_12 Datasheet HTML 14Page - Maxim Integrated Products MAX17085B_12 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
Integrated Charger, Dual Main Step-Down
Controllers, and Dual LDO Regulators
______________________________________________________________________________________ 11
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, no load on LDO5, LDO3, OUT5, OUT3, and REF, VCC = 5V, ON3 = ON5 = VCC, VDCIN = VLXC = VCSSP = VCSSN
= 19V, VBSTC - VLXC = 5V, VBATT = VCSIP = VCSIN = 12.6V, VVCTL = VISET = 1.8V, CELLS = open, TA = -40°C to +85°C, unless
otherwise noted.) (Note 4)
Note 3: On-time and off-time specifications are measured from 50% point to 50% point at the DH pin with LX = PGND, VBST = 5V,
and a 500pF capacitor from DH to LX to simulate external MOSFET gate capacitance. Actual in-circuit times may be dif-
ferent due to MOSFET switching speeds.
Note 4: Specifications to TA = -40°C are guaranteed by design and not production tested.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT SOURCE-CURRENT REGULATION
Input Source-Current Limit
Threshold
VCSS
VCSSP - VCSSN
58.5
61.5
mV
-2.5
+2.5
%
CSSP/CSSN Input-Voltage Range
5
26
V
IINP Current-Sense Amplifier
Voltage Gain
GIINP
59.9
60.1
V/V
IINP Output-Voltage Range
0
4
V
IINP Accuracy
VCSSP - VCSSN = 60mV
-2
+2
%
VCSSP - VCSSN = 40mV
-3
+3
VCSSP - VCSSN = 20mV
-4
+4
IINP Gain Error
Measured at VCSSP - VCSSN = 60mV and
VCSSP - VCSSN = 20mV
-1.5
+1.5
%
IINP Offset Error
Measured at VCSSP - VCSSN = 60mV and
VCSSP - VCSSN = 20mV
-0.65
+0.65
mV
ACIN, ACOK, AND ACOV
ACOK Detect Threshold
VACINOK
Measured at ACIN rising, hysteresis = 40mV
(typ)
1.47
1.53
V
-2
+2
%
ACOV Detect Threshold
VACINOV
Measured at ACIN rising, hysteresis = 40mV
(typ)
2.05
2.15
V
-2.38
+2.38
%
ACOK Sink Current
VACOK = 0.4V, VACIN = 1.7V
1
mA
ADAPTER PRESENT DETECTION
Adapter Absence Detect
Threshold
VDCIN - VBATT, VDCIN falling
0
200
mV
Adapter Detect Threshold
VDCIN - VBATT, VDCIN rising
300
600
mV
CHARGE-PUMP MOSFET DRIVER
PDSL Gate-Driver Output
Voltage High
VPDSL_H
VDCIN = 19V
VDCIN +
5.3
V


Similar Part No. - MAX17085B_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17085BETL++ MAXIM-MAX17085BETL+ Datasheet
3Mb / 37P
   Integrated Charger, Dual Main Step-Down Controllers, and Dual LDO Regulators
Rev 0; 1/10
MAX17085BETL++ MAXIM-MAX17085BETL+ Datasheet
3Mb / 38P
   Integrated Charger, Dual Main Step-Down Controllers, and Dual LDO Regulators
Rev 2; 3/12
More results

Similar Description - MAX17085B_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17085B MAXIM-MAX17085B Datasheet
3Mb / 37P
   Integrated Charger, Dual Main Step-Down Controllers, and Dual LDO Regulators
Rev 0; 1/10
MAX17085GTL MAXIM-MAX17085GTL Datasheet
3Mb / 38P
   Integrated Charger, Dual Main Step-Down Controllers, and Dual LDO Regulators
Rev 2; 3/12
MAX15022 MAXIM-MAX15022 Datasheet
336Kb / 27P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
Rev 0; 5/08
MAX15022 MAXIM-MAX15022_11 Datasheet
317Kb / 28P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
ev 1; 7/11
MAX8855 MAXIM-MAX8855_11 Datasheet
251Kb / 20P
   Dual, 5A, 2MHz Step-Down Regulators Integrated Boost Diodes
Rev 3; 7/11
logo
Anpec Electronics Corop...
APW7060 ANPEC-APW7060 Datasheet
179Kb / 16P
   Dual Controllers - Step Down Synchronous PWM and Linear Controller
logo
BCD Semiconductor Manuf...
AP2401 BCDSEMI-AP2401_09 Datasheet
829Kb / 22P
   DUAL LDO REGULATORS
AP2401 BCDSEMI-AP2401 Datasheet
747Kb / 22P
   DUAL LDO REGULATORS
logo
STMicroelectronics
PM6681A STMICROELECTRONICS-PM6681A Datasheet
474Kb / 12P
   Dual step-down controller with adjustable LDO
November 2006 Rev 1
logo
NXP Semiconductors
PM823 NXP-PM823 Datasheet
6Mb / 58P
   Dual Synchronous 1.5A/1.5A Step-down Buck Regulators with 525 mA LDO
Rev. 4 ??23 June 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com