Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17043 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX17043
Description  Compact, Low-Cost 1S/2S Fuel Gauges with Low-Battery Alert
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17043 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX17043_12 Datasheet HTML 3Page - Maxim Integrated Products MAX17043_12 Datasheet HTML 4Page - Maxim Integrated Products MAX17043_12 Datasheet HTML 5Page - Maxim Integrated Products MAX17043_12 Datasheet HTML 6Page - Maxim Integrated Products MAX17043_12 Datasheet HTML 7Page - Maxim Integrated Products MAX17043_12 Datasheet HTML 8Page - Maxim Integrated Products MAX17043_12 Datasheet HTML 9Page - Maxim Integrated Products MAX17043_12 Datasheet HTML 10Page - Maxim Integrated Products MAX17043_12 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Compact, Low-Cost 1S/2S Fuel Gauges
with Low-Battery Alert
7
IC Power-Up
When the battery is first inserted into the system, there
is no previous knowledge about the battery’s SOC. The
IC assumes that the battery has been in a relaxed state
for the previous 30min. The first A/D voltage measure-
ment is translated into a best “first guess” for the SOC.
Initial error caused by the battery not being in a relaxed
state fades over time, regardless of cell loading follow-
ing this initial conversion. Because the SOC determina-
tion is convergent rather than divergent (as in a
coulomb counter), this initial error does not have a long-
lasting impact.
Quick-Start
A quick-start allows the MAX17043/MAX17044 to restart
fuel-gauge calculations in the same manner as initial
power-up of the IC. For example, if an application’s
power-up sequence is exceedingly noisy such that
excess error is introduced into the IC’s “first guess” of
SOC, the host can issue a quick-start to reduce the
error. A quick-start is initiated by a rising edge on the
QSTRT pin, or through software by writing 4000h to the
MODE register.
ALERT Interrupt
The MAX17043/MAX17044 have an interrupt feature
that alerts a host microprocessor whenever the cell's
state of charge, as defined by the SOC register, falls
below a predefined alert threshold set at address 0Dh
of the CONFIG register.
When an alert is triggered, the IC drives the ALRT pin to
logic-low and sets the ALRT bit in the CONFIG register
to logic 1. The ALRT pin remains logic-low until the host
software writes the ALRT bit to logic 0 to clear the inter-
rupt. Clearing the ALRT bit while SOC is below the alert
threshold does not generate another interrupt. The SOC
register must first rise above and then fall below the alert
threshold value before another interrupt is generated.
Note that the alert function is not disabled at IC power-
up. If the first SOC calculation is below the threshold
setting, an interrupt is generated. Entering Sleep mode
does not clear the interrupt.
Sleep Mode
Holding both SDA and SCL logic-low forces the
MAX17043/MAX17044 into Sleep mode. While in Sleep
mode, all IC operations are halted and power drain of
the IC is greatly reduced. After exiting Sleep mode,
fuel-gauge operation continues from the point it was
halted. SDA and SCL must be held low for at least 2.5s
to guarantee transition into Sleep mode. Afterwards, a
rising edge on either SDA or SCL immediately transi-
tions the IC out of Sleep mode.
Alternatively, Sleep mode can be entered by setting the
SLEEP bit in the CONFIG register to logic 1 through I2C
communication. If the SLEEP bit is set to logic 1, the
only way to exit Sleep mode is to write SLEEP to logic 0
or power-on reset the IC.
Power-On Reset (POR)
Writing a value of 5400h to the COMMAND register caus-
es the MAX17043/MAX17044 to completely reset as if
power had been removed. The reset occurs when the last
bit has been clocked in. The IC does not respond with an
I2C ACK after this command sequence.
Registers
All host interaction with the MAX17043/MAX17044 is
handled by writing to and reading from register loca-
tions. The MAX17043/MAX17044 have six 16-bit regis-
ters: SOC, VCELL, MODE, VERSION, CONFIG, and
COMMAND. Register reads and writes are only valid if
all 16 bits are transferred. Any write command that is
terminated early is ignored. The function of each regis-
ter is described as follows. All remaining address loca-
tions not listed in Table 1 are reserved. Data read from
reserved locations is undefined.
ADDRESS
(HEX)
REGISTER
DESCRIPTION
READ/
WRITE
DEFAULT
(HEX)
02h–03h
VCELL
Reports 12-bit A/D measurement of battery voltage.
R
04h–05h
SOC
Reports 16-bit SOC result calculated by ModelGauge algorithm.
R
06h–07h
MODE
Sends special commands to the IC.
W
08h–09h
VERSION
Returns IC version.
R
0Ch–0Dh
CONFIG
Battery compensation. Adjusts IC performance based on
application conditions.
R/W
971Ch
FEh–FFh
COMMAND
Sends special commands to the IC.
W
Table 1. Register Summary


Similar Part No. - MAX17043_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17043 MAXIM-MAX17043_11 Datasheet
448Kb / 14P
   Compact, Low-Cost 1S/2S Fuel Gauges with Low-Battery Alert
Rev 4; 8/11
More results

Similar Description - MAX17043_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17043 MAXIM-MAX17043_11 Datasheet
448Kb / 14P
   Compact, Low-Cost 1S/2S Fuel Gauges with Low-Battery Alert
Rev 4; 8/11
MAX17043 MAXIM-MAX17043 Datasheet
318Kb / 14P
   Compact, Low-Cost 1S/2S Fuel Gauges Compact, Low-Cost 1S/2S Fuel Gauges
19-4811; Rev 1; 4/10
MAX17040 MAXIM-MAX17040 Datasheet
349Kb / 13P
   Compact, Low-Cost 1S/2S Fuel Gauges
19-5210; Rev 3; 4/10
MAX17040 MAXIM-MAX17040_11 Datasheet
457Kb / 13P
   Compact, Low-Cost 1S/2S Fuel Gauges
Rev 6; 8/11
MAX17043 MAXIM-MAX17043_V01 Datasheet
859Kb / 14P
   1-Cell/2-Cell Fuel Gauge with ModelGauge and Low-Battery Alert
2017
logo
AAEON Technology
AEC-6800 AAEON-AEC-6800 Datasheet
488Kb / 2P
   Low Cost & Compact
logo
Maxim Integrated Produc...
MAX8730 MAXIM-MAX8730 Datasheet
883Kb / 29P
   Low-Cost Battery Charger
Rev 0; 12/05
logo
STI Vibration Monitorin...
CMCP1100S STI-CMCP1100S Datasheet
600Kb / 2P
   Low-Cost Compact Accelerometer with Integral Cable
CMCP1100C STI-CMCP1100C Datasheet
575Kb / 2P
   Low-Cost Compact Accelerometer with M8 Connector
CMCP1100 STI-CMCP1100 Datasheet
594Kb / 2P
   Low-Cost Compact Accelerometer with Integral Cable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com