Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX14824 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX14824
Description  IO-Link Master Transceiver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14824 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX14824 Datasheet HTML 1Page - Maxim Integrated Products MAX14824 Datasheet HTML 2Page - Maxim Integrated Products MAX14824 Datasheet HTML 3Page - Maxim Integrated Products MAX14824 Datasheet HTML 4Page - Maxim Integrated Products MAX14824 Datasheet HTML 5Page - Maxim Integrated Products MAX14824 Datasheet HTML 6Page - Maxim Integrated Products MAX14824 Datasheet HTML 7Page - Maxim Integrated Products MAX14824 Datasheet HTML 8Page - Maxim Integrated Products MAX14824 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
MAX14824
IO-Link Master Transceiver
(All voltages referenced to GND, unless otherwise specified.)
VCC........................................................................-0.3V to +40V
LDOIN....................................................................-0.3V to +40V
V5.......................0.3V to the lesser of (VLDOIN + 0.3V) and +6V
LDO33 .................... -0.3V to the lesser of (V5 + 0.3V) and +6V
VL.............................................................................-0.3V to +6V
DI............................................................................-40V to +40V
C/Q ........................................................... -0.3V to (VCC + 0.3V)
Logic Inputs
TXC, TXQ, TXEN, A2, CS, SDI, SCLK, WUEN .. -0.3V to (VL + 0.3V)
A3, A1, A0 ...........................................................-0.3V to +6V
Logic Outputs
RX, LI, SDO, IRQ ..................................... -0.3V to (VL + 0.3V)
UV........................................................................-0.3V to +6V
Continuous Current Into Any Logic Pin .......................... Q50mA
Continuous Power Dissipation
TQFN (derate 27.8mW/NC above +70NC)..................2222mW
Operating Temperature Range........................ -40NC to +105NC
Maximum Junction Temperature.....................................+150NC
Storage Temperature Range............................ -65NC to +150NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow) ......................................+260NC
TQFN
Junction-to-Ambient Thermal Resistance (BJA) ..........36NC/W
Junction-to-Case Thermal Resistance (BJC) .................3NC/W
ABSOLUTE MAXIMUM RATINGS
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
PACKAGE THERMAL CHARACTERISTICS (Note 1)
DC ELECTRICAL CHARACTERISTICS
(VCC = 18V to 36V, VL = 2.3V to 5.5V, VGND = 0V; all logic inputs at VL or GND; TA = -40NC to +105NC, unless otherwise noted. Typical
values are at VCC = 24V, VL = 3.3V, and TA = +25NC, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC Supply Voltage
VCC
For driver operation
9
36
V
VCC Supply Current
ICC
VCC = 24V, C/Q as input, no load on V5
or LDO33, LDOIN not connected to VCC,
VLDOIN = 24V
1.3
2.5
mA
VCC Undervoltage Lockout
Threshold
VCCUVLO
VCC falling
6
7.5
9
V
VCC Undervoltage Lockout
Threshold Hysteresis
VCCUVLO_HYST
200
mV
V5 Supply Current
I5_IN
LDOIN shorted to V5, external 5V applied
to V5, no switching, LDO33 disabled
3
mA
V5 Undervoltage Lockout
Threshold
V5UVLO
V5 falling
2.4
V
VL Logic-Level Supply Voltage
VL
2.3
5.5
V
VL Logic-Level Supply Current
IL
All logic inputs at VL or GND
5
F
A
VL Undervoltage Threshold
VLUVLO
VL falling
0.65
0.95
1.3
V
5V LDO (V5)
LDOIN Input Voltage Range
VLDOIN
7
36
V


Similar Part No. - MAX14824

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14824 MAXIM-MAX14824 Datasheet
1Mb / 12P
   IO-Link-Compliant Master Transceiver
Rev 2; 1/13
MAX14824EVKIT MAXIM-MAX14824EVKIT Datasheet
1Mb / 12P
   IO-Link-Compliant Master Transceiver
Rev 2; 1/13
More results

Similar Description - MAX14824

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CM3120 NXP-CM3120 Datasheet
1Mb / 38P
   IO-link master transceiver
Rev. 1.0, 7/2016
logo
Maxim Integrated Produc...
MAX14824EVKIT MAXIM-MAX14824EVKIT Datasheet
1Mb / 12P
   IO-Link-Compliant Master Transceiver
Rev 2; 1/13
logo
Pepperl+Fuchs Inc.
IO-LINK-MASTER02-USB PF-IO-LINK-MASTER02-USB Datasheet
715Kb / 4P
   IO-Link Master
2020-06-30
logo
STMicroelectronics
L6360 STMICROELECTRONICS-L6360 Datasheet
791Kb / 65P
   IO-Link communication master transceiver IC
logo
WAGO Kontakttechnik Gmb...
750-657 WAGO-750-657 Datasheet
555Kb / 13P
   IO-Link Master
logo
Pepperl+Fuchs Inc.
ICE1-8IOL-G30L-V1D PF-ICE1-8IOL-G30L-V1D Datasheet
857Kb / 4P
   IO-Link master
ICE1-8IOL-G60L-V1D PF-ICE1-8IOL-G60L-V1D Datasheet
969Kb / 4P
   IO-Link master
ICE1-8IOL-S2-G60L-V1D PF-ICE1-8IOL-S2-G60L-V1D Datasheet
601Kb / 3P
   IO-Link master
logo
Festo Corporation.
8086604 FESTO-8086604 Datasheet
89Kb / 2P
   IO-Link Master
logo
STMicroelectronics
AN4075 STMICROELECTRONICS-AN4075 Datasheet
415Kb / 23P
   STEVAL-IFP016V2 IO-Link communication master transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com