Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6033AAUT30-T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6033AAUT30-T
Description  Ultra-High-Precision SOT23 Series Voltage Reference
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6033AAUT30-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6033AAUT30-T Datasheet HTML 1Page - Maxim Integrated Products MAX6033AAUT30-T Datasheet HTML 2Page - Maxim Integrated Products MAX6033AAUT30-T Datasheet HTML 3Page - Maxim Integrated Products MAX6033AAUT30-T Datasheet HTML 4Page - Maxim Integrated Products MAX6033AAUT30-T Datasheet HTML 5Page - Maxim Integrated Products MAX6033AAUT30-T Datasheet HTML 6Page - Maxim Integrated Products MAX6033AAUT30-T Datasheet HTML 7Page - Maxim Integrated Products MAX6033AAUT30-T Datasheet HTML 8Page - Maxim Integrated Products MAX6033AAUT30-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Ultra-High-Precision SOT23 Series
Voltage Reference
_______________________________________________________________________________________
5
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = +25°C
7
50
Line Regulation
∆VOUT/
∆VIN
5.2V
≤ VIN ≤ 12.6V
TA = -40
oC to +125oC
100
µV/V
TA = +25°C
0.003
0.1
Load Regulation
∆VOUT/
∆IOUT
-100µA
≤ IOUT
≤ 15mA
TA = -40
oC to +125oC
0.2
mV/mA
IOUT = 1mA
0.02
0.2
Dropout Voltage (Note 2)
VDO
∆VOUT = 0.1%
IOUT = 10mA
0.2
0.4
V
TA = +25°C
40
60
TA = -40
°C to +85°C75
Quiescent Supply Current
IIN
TA = -40
oC to +125oC85
µA
VOUT = 0V
90
Output Short-Circuit Current
ISC
VOUT = VIN
-2
mA
0.1Hz
≤ f ≤ 10Hz
40
µVP-P
Output-Voltage Noise
en
10Hz
≤ f ≤ 1kHz
26
µVRMS
Turn-On Settling Time
tON
VOUT settles to ±0.01% of final value
1000
µs
Temperature Hysteresis
(Note 3)
150
ppm
Long-Term Stability
∆t = 1000hr
40
ppm
ELECTRICAL CHARACTERISTICS—VOUT = 5.000V (continued)
(VIN = 5.5V, COUT = 0.1µF, IOUT = 0A, TA = TMIN to TMAX, unless otherwise specified. Typical values are at TA = +25°C.) (Note 1)
Typical Operating Characteristics
(VIN = 5V, COUT = 0.1µF, IOUT = 0A, TA = +25°C, unless otherwise specified.) (Note 4)
Note 1: MAX6033 is 100% production tested at TA = +25°C and is guaranteed by design for TA = TMIN to TMAX as specified.
Note 2: Dropout Voltage is the minimum input voltage at which VOUT changes ≤ 0.1% from VOUT at VIN = 5V (VIN = 5.5V for
VOUT = 5V).
Note 3: Temperature Hysteresis is defined as the change in +25°C output voltage before and after cycling the device
from TMAX to TMIN.
OUTPUT VOLTAGE vs.
TEMPERATURE (VOUT = 2.5V)
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
2.4982
2.4984
2.4986
2.4988
2.4990
2.4992
2.4994
2.4996
2.4998
2.5000
2.5002
2.5004
2.5006
2.5008
2.5010
2.4980
-40
125
3 TYPICAL UNITS
OUTPUT VOLTAGE vs.
TEMPERATURE (VOUT = 5V)
TEMPERATURE (
°C)
110
95
65 80
-10 5
20 35 50
-25
4.9982
4.9984
4.9986
4.9988
4.9990
4.9992
4.9994
4.9996
4.9998
5.0000
5.0002
5.0004
5.0006
5.0008
5.0010
4.9980
-40
125
3 TYPICAL UNITS
LOAD REGULATION
(VOUT = 2.5V)
OUTPUT CURRENT (mA)
18
16
12 14
2
4
6
8
10
0
2.4995
2.5000
2.5005
2.5010
2.5015
2.5020
2.5025
2.5030
2.5035
2.5040
2.4990
-2
20
TA = +85
°C
TA = +25
°C
TA = -40
°C
TA = +125
°C


Similar Part No. - MAX6033AAUT30-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6033AAUT30 MAXIM-MAX6033AAUT30 Datasheet
450Kb / 11P
   Ultra-High-Precision SOT23 Series Voltage Reference
Rev 2; 6/03
More results

Similar Description - MAX6033AAUT30-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6033 MAXIM-MAX6033 Datasheet
450Kb / 11P
   Ultra-High-Precision SOT23 Series Voltage Reference
Rev 2; 6/03
MAX6043 MAXIM-MAX6043 Datasheet
463Kb / 15P
   Precision High-Voltage Reference in SOT23
Rev 1; 5/04
MAX6043 MAXIM-MAX6043_V01 Datasheet
2Mb / 16P
   Precision High-Voltage Reference in SOT23
2021
MAX6033 MAXIM-MAX6033_V01 Datasheet
1Mb / 13P
   High-Precision, Low-Dropout SOT23 Series Voltage Reference
2021
MAX6035 MAXIM-MAX6035_06 Datasheet
781Kb / 15P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 3; 11/06
MAX6035 MAXIM-MAX6035 Datasheet
717Kb / 14P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 1; 5/03
MAX6010 MAXIM-MAX6010 Datasheet
170Kb / 6P
   Precision, Micropower, 3V Series Voltage Reference in SOT23
Rev 0; 4/09
MAX6126 MAXIM-MAX6126 Datasheet
412Kb / 18P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
Rev 2; 6/03
MAX6126 MAXIM-MAX6126_10 Datasheet
299Kb / 18P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
Rev 5; 12/10
MAX6226 MAXIM-MAX6226 Datasheet
844Kb / 11P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
Rev 1; 4/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com