Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2612ETA+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2612ETA+
Description  40MHz to 4GHz Linear Broadband Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2612ETA+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2612ETA+ Datasheet HTML 1Page - Maxim Integrated Products MAX2612ETA+ Datasheet HTML 2Page - Maxim Integrated Products MAX2612ETA+ Datasheet HTML 3Page - Maxim Integrated Products MAX2612ETA+ Datasheet HTML 4Page - Maxim Integrated Products MAX2612ETA+ Datasheet HTML 5Page - Maxim Integrated Products MAX2612ETA+ Datasheet HTML 6Page - Maxim Integrated Products MAX2612ETA+ Datasheet HTML 7Page - Maxim Integrated Products MAX2612ETA+ Datasheet HTML 8Page - Maxim Integrated Products MAX2612ETA+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
����������������������������������������������������������������� Maxim Integrated Products 4
MAX2612–MAX2616
40MHz to 4GHz Linear Broadband Amplifiers
AC ELECTRICAL CHARACTERISTICS (continued)
(MAX2612/MAX2613/MAX2614/MAX2615/MAX2616 EV Kit, VCC = +5V, TA = -40NC to +85NC, unless otherwise noted. Typical values
are at VRFOUT = +5V, TA = +25NC, unless otherwise noted.) (Note 2)
Note 2: Min and max values are production tested at TA = +85NC. Min and max limits at TA = +25NC and TA = -40NC are
guaranteed by design and characterization.
Note 3: Min and max values are guaranteed by design and characterization at TA = +25NC.
Typical Operating Characteristics
(MAX2612 /MAX2613/MAX2614/MAX2615/MAX2616 EV Kit, VRFOUT = +5V, TA = +25NC .)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RFOUT Output Return Loss
40MHz < fRFOUT <
1000MHz
MAX2612
20
dB
MAX2613
15
MAX2614
12
MAX2615
20
MAX2616
20
1000MHz < fRFOUT <
4000MHz
MAX2612
12
MAX2613
10
MAX2614
10
MAX2615
12
MAX2616
12
MAX2612 SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
50
0
67
68
69
70
66
-50
100
EN PIN UNCONNECTED
VCC = 5V
VCC = 4V
VCC = 3V
MAX2613 SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
50
0
50
51
52
53
49
-50
100
EN PIN UNCONNECTED
VCC = 5V
VCC = 4V
VCC = 3V
MAX2614 SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
50
0
39
40
41
42
38
-50
100
EN PIN UNCONNECTED
VCC = 4V
VCC = 5V
VCC = 3V


Similar Part No. - MAX2612ETA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2612ETA++ MAXIM-MAX2612ETA+ Datasheet
635Kb / 11P
   40MHz to 4GHz Linear Broadband Amplifiers
2019
More results

Similar Description - MAX2612ETA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2612 MAXIM-MAX2612_V01 Datasheet
635Kb / 11P
   40MHz to 4GHz Linear Broadband Amplifiers
2019
logo
RF Micro Devices
NBB-500 RFMD-NBB-500_07 Datasheet
283Kb / 12P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 4GHz
NBB-502 RFMD-NBB-502_1 Datasheet
117Kb / 2P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 4GHz
NBB-500 RFMD-NBB-500 Datasheet
217Kb / 10P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 4GHz
NBB-502 RFMD-NBB-502_13 Datasheet
1Mb / 9P
   Cascadable Broadband GaAs MMIC Amplifier DC to 4GHz
NBB-502 RFMD-NBB-502 Datasheet
213Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 4GHz
NBB-502 RFMD-NBB-502_06 Datasheet
186Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 4GHz
NBB-500 RFMD-NBB-500_13 Datasheet
570Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 4GHz
logo
American Accurate Compo...
IA0520N1120 AAC-IA0520N1120 Datasheet
90Kb / 1P
   Broadband Isolating Amplifiers 0.5 to 18GHz
MA0520N2510A AAC-MA0520N2510A Datasheet
157Kb / 3P
   Broadband Limiting Amplifiers 0.5 to 18GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com