Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2465P+T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS2465P+T
Description  SHA-256 Coprocessor with 1-Wire Master Function
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2465P+T Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS2465P+T Datasheet HTML 1Page - Maxim Integrated Products DS2465P+T Datasheet HTML 2Page - Maxim Integrated Products DS2465P+T Datasheet HTML 3Page - Maxim Integrated Products DS2465P+T Datasheet HTML 4Page - Maxim Integrated Products DS2465P+T Datasheet HTML 5Page - Maxim Integrated Products DS2465P+T Datasheet HTML 6Page - Maxim Integrated Products DS2465P+T Datasheet HTML 7Page - Maxim Integrated Products DS2465P+T Datasheet HTML 8Page - Maxim Integrated Products DS2465P+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
����������������������������������������������������������������� Maxim Integrated Products 4
DS2465
SHA-256 Coprocessor with 1-Wire Master Function
ABRIDGED DATA SHEET
ELECTRICAL CHARACTERISTICS (continued)
(TA = -40NC to +85NC, unless otherwise noted.) (Note 1)
Note 1: Limits are 100% production tested at TA = +25°C and/or TA = +85°C. Limits over the operating temperature range and
relevant supply voltage range are guaranteed by design and characterization. Typical values are not guaranteed.
Note 2: Operating current with 1-Wire write byte sequence followed by continuous read of 1-Wire Master Status register at 400kHz
in overdrive.
Note 3: Guaranteed by design, characterization, and/or simulation only. Not production tested.
Note 4: Active pullup or resistive pullup and range are configurable.
Note 5: The active pullup does not apply to the rising edge of a presence pulse outside of a 1-Wire Reset Pulse command or
during the recovery after a short on the 1-Wire line.
Note 6: All 1-Wire timing specifications are derived from the same timing circuit.
Note 7: Current drawn from VCC during the EEPROM programming interval or SHA-256 computation.
Note 8: Write-cycle endurance is tested in compliance with JESD47G.
Note 9: Not 100% production tested; guaranteed by reliability monitor sampling.
Note 10: Data retention is tested in compliance with JESD47G.
Note 11: Guaranteed by 100% production test at elevated temperature for a shorter time; equivalence of this production test to the
data sheet limit at operating temperature range is established by reliability testing.
Note 12: I2C communication should not take place for the max tOSCWUP or tSWUP time following a power-on reset or a wake-up
from sleep mode.
Note 13: All I2C timing values are referred to VIH(MIN) and VIL(MAX) levels.
Note 14: I/O pins of the DS2465 do not obstruct the SDA and SCL lines if VCC is switched off.
Note 15: The DS2465 provides a hold time of at least 300ns for the SDA signal (referenced to the VIH(MIN) of the SCL signal) to
bridge the undefined region of the falling edge of SCL.
Note 16: The maximum tHD:DAT has only to be met if the device does not stretch the low period (tLOW) of the SCL signal. If the
clock stretches the SCL, the data must be valid by the setup time before it releases the clock (I2C bus specification
Rev. 03, 19 June 2007).
Note 17: A fast-mode I2C bus device can be used in a standard-mode I2C-bus system, but the requirement tSU:DAT R 250ns must
then be met. This is automatically the case if the device does not stretch the low period of the SCL signal. If such a device
does stretch the low period of the SCL signal, it must output the next data bit to the SDA line tR(MAX) + tSU:DAT = 1000 +
250 = 1250ns (according to the standard-mode I2C bus specification) before the SCL line is released. Also the acknowl-
edge timing must meet this setup time (I2C bus specification Rev. 03, 19 June 2007).
Note 18: CB = Total capacitance of one bus line in pF. The maximum bus capacitance allowable may vary from this value depend-
ing on the actual operating voltage and frequency of the application (I2C bus specification Rev. 03, 19 June 2007).
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Capacitance
CI
(Note 3)
10
pF
SCL Clock Frequency
fSCL
0
400
kHz
Hold Time (Repeated) START
Condition; After this Period, the
First Clock Pulse is Generated
tHD:STA (Note 3)
0.6
F
s
Low Period of the SCL Clock
tLOW
(Note 3)
1.3
F
s
High Period of the SCL Clock
tHIGH
(Note 3)
0.6
F
s
Setup Time for a Repeated
START Condition
tSU:STA
(Note 3)
0.6
F
s
Data Hold Time
tHD:DAT (Notes 3, 15, 16)
0.9
F
s
Data Setup Time
tSU:DAT (Notes 3, 17)
250
ns
Setup Time for STOP Condition
tSU:STO (Note 3)
0.6
F
s
Bus Free Time Between a STOP
and START Condition
tBUF
(Note 3)
1.3
F
s
Capacitive Load for Each Bus Line
CB
(Notes 3, 18)
400
pF
Oscillator Warmup Time
tOSCWUP (Note 12)
200
F
s


Similar Part No. - DS2465P+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2465P+T MAXIM-DS2465P+T Datasheet
2Mb / 30P
   DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
Rev 2; 1/13
More results

Similar Description - DS2465P+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2465 MAXIM-DS2465_13 Datasheet
2Mb / 30P
   DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
Rev 2; 1/13
DS2465 MAXIM-DS2465_V01 Datasheet
2Mb / 30P
   DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
219-0017; Rev 3; 9/13
DS24L65 MAXIM-DS24L65 Datasheet
2Mb / 30P
   DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
Rev 1; 9/13
logo
Dallas Semiconductor
DS2460 DALLAS-DS2460 Datasheet
133Kb / 8P
   SHA-1 Coprocessor with EEPROM
logo
Maxim Integrated Produc...
DS2460 MAXIM-DS2460 Datasheet
238Kb / 9P
   SHA-1 Coprocessor with EEPROMAbridged Data Sheet
3/10
DS2705 MAXIM-DS2705 Datasheet
211Kb / 18P
   SHA-1 Authentication Master
050506
DS2705 MAXIM-DS2705_V01 Datasheet
356Kb / 18P
   SHA-1 Authentication Master
2007
logo
Dallas Semiconductor
DS2705 DALLAS-DS2705_07 Datasheet
339Kb / 18P
   SHA-1 Authentication Master
logo
Maxim Integrated Produc...
DS28E25 MAXIM-DS28E25 Datasheet
759Kb / 6P
   1-Wire SHA-256 Secure Authenticator with 4Kb User EEPROM
Rev 0; 7/12
DS28E22 MAXIM-DS28E22 Datasheet
799Kb / 6P
   1-Wire SHA-256 Secure Authenticator with 2Kb User EEPROM
Rev 0; 9/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com