Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1624S+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS1624S+
Description  Digital Thermometer and Memory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1624S+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS1624S+ Datasheet HTML 1Page - Maxim Integrated Products DS1624S+ Datasheet HTML 2Page - Maxim Integrated Products DS1624S+ Datasheet HTML 3Page - Maxim Integrated Products DS1624S+ Datasheet HTML 4Page - Maxim Integrated Products DS1624S+ Datasheet HTML 5Page - Maxim Integrated Products DS1624S+ Datasheet HTML 6Page - Maxim Integrated Products DS1624S+ Datasheet HTML 7Page - Maxim Integrated Products DS1624S+ Datasheet HTML 8Page - Maxim Integrated Products DS1624S+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DS1624
3 of 20
DS1624 FUNCTIONAL BLOCK DIAGRAM Figure 1
2-WIRE SERIAL DATA BUS
The DS1624 supports a bi–directional two–wire bus and data transmission protocol. A device that sends
data onto the bus is defined as a transmitter, and a device receiving data as a receiver. The device that
controls the message is called a “master”. The devices that are controlled by the master are “slaves”. The
bus must be controlled by a master device which generates the serial clock (SCL), controls the bus access,
and generates the START and STOP conditions. The DS1624 operates as a slave on the two–wire bus.
Connections to the bus are made via the open–drain I/O lines SDA and SCL. The following bus protocol
has been defined (See Figure 2):
• Data transfer may be initiated only when the bus is not busy.
• During data transfer, the data line must remain stable whenever the clock line is HIGH. Changes in
the data line while the clock line is high will be interpreted as control signals.
Accordingly, the following bus conditions have been defined:
Bus not busy: Both data and clock lines remain HIGH.
Start data transfer: A change in the state of the data line, from HIGH to LOW, while the clock is HIGH,
defines a START condition.
Stop data transfer: A change in the state of the data line, from LOW to HIGH, while the clock line is
HIGH, defines the STOP condition.
STATUS REGISTER &
CONTROL LOGIC
TEMPERATURE SENSOR
EEPROM MEMORY (256 BYTES)
ADDRESS
AND
I/O CONTROL
VDD
SCL
SDA
A1
A2
A0
GND


Similar Part No. - DS1624S+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1624S++ MAXIM-DS1624S+ Datasheet
423Kb / 14P
   Digital Thermometer and Memory
2015
DS1624S+T&R MAXIM-DS1624S+T&R Datasheet
423Kb / 14P
   Digital Thermometer and Memory
2015
More results

Similar Description - DS1624S+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1624 DALLAS-DS1624 Datasheet
594Kb / 16P
   Digital Thermometer and Memory
logo
Maxim Integrated Produc...
DS1624 MAXIM-DS1624_V01 Datasheet
423Kb / 14P
   Digital Thermometer and Memory
2015
DS1621 MAXIM-DS1621_V01 Datasheet
525Kb / 16P
   Digital Thermometer and
2015
DS7505 MAXIM-DS7505_V01 Datasheet
564Kb / 14P
   Digital Thermometer and Thermostat
2015
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
   Digital Thermometer and Thermostat
051106
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
   Digital Thermometer and Thermostat
053105
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
   Digital Thermometer and Thermostat
2015
DS7505 MAXIM-DS7505 Datasheet
148Kb / 14P
   Digital Thermometer and Thermostat
Rev 1; 3/08
logo
Dallas Semiconductor
DS1621 DALLAS-DS1621 Datasheet
647Kb / 16P
   Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75 MAXIM-DS75 Datasheet
630Kb / 14P
   Digital Thermometer and Thermostat
Rev 1; 2/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com