Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LVL-T8-3WW240-ET2 Datasheet(PDF) 11 Page - P-tec Corporation

Part # LVL-T8-3WW240-ET2
Description  Light Emitting Diode (LED) T8 Series saves energy and lasts a long life.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

LVL-T8-3WW240-ET2 Datasheet(HTML) 11 Page - P-tec Corporation

Back Button LVL-T8-3WW240-ET2 Datasheet HTML 3Page - P-tec Corporation LVL-T8-3WW240-ET2 Datasheet HTML 4Page - P-tec Corporation LVL-T8-3WW240-ET2 Datasheet HTML 5Page - P-tec Corporation LVL-T8-3WW240-ET2 Datasheet HTML 6Page - P-tec Corporation LVL-T8-3WW240-ET2 Datasheet HTML 7Page - P-tec Corporation LVL-T8-3WW240-ET2 Datasheet HTML 8Page - P-tec Corporation LVL-T8-3WW240-ET2 Datasheet HTML 9Page - P-tec Corporation LVL-T8-3WW240-ET2 Datasheet HTML 10Page - P-tec Corporation LVL-T8-3WW240-ET2 Datasheet HTML 11Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
SPECIFICATION
Product Name:LED Downlight
L
- 10 -
the rights of third parties that may result from its use.
Factory is committed to a process of continuous improvements of the quality and the features of its products
and reserves the right to make changes that result in such improvements.
Factory products are not intended for use in applications where extraordinarily high reliability is required to
prevent the loss of human life or where failure could result in bodily injury.
Factory limits the extent of our liability to the initial component cost and will, in the event of a failure, replace a
failed component or refund the purchase price at factory option.


Similar Part No. - LVL-T8-3WW240-ET2

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
LVL-A7-AG1A-E5V1-CG-EMS PF-LVL-A7-AG1A-E5V1-CG-EMS Datasheet
236Kb / 3P
   Vibration Limit Switch
2020-10-05
LVL-A7-BG1A-E5V1-CG-EMS PF-LVL-A7-BG1A-E5V1-CG-EMS Datasheet
237Kb / 3P
   Vibration Limit Switch
2020-10-05
LVL-A7-BG4B-E5PU-CG-EMS PF-LVL-A7-BG4B-E5PU-CG-EMS Datasheet
242Kb / 3P
   Vibration Limit Switch
2020-10-05
More results

Similar Description - LVL-T8-3WW240-ET2

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3020 NTE-NTE3020 Datasheet
20Kb / 3P
   Light Emitting Diode (LED)
NTE3004 NTE-NTE3004 Datasheet
59Kb / 2P
   Light Emitting Diode (LED)
NTE30014 NTE-NTE30014 Datasheet
26Kb / 2P
   Light Emitting Diode (LED)
NTE3025 NTE-NTE3025 Datasheet
19Kb / 2P
   Light Emitting Diode (LED)
NTE3026 NTE-NTE3026 Datasheet
19Kb / 2P
   Light Emitting Diode (LED)
logo
List of Unclassifed Man...
7P301V330J032 ETC2-7P301V330J032 Datasheet
186Kb / 2P
   Photoflash, High-Energy, Long Life, Aluminum
logo
NTE Electronics
NTE30008 NTE-NTE30008 Datasheet
27Kb / 2P
   Light Emitting Diode (LED) Subminiature
logo
Cornell Dubilier Electr...
PF601V500AJ2B CDE-PF601V500AJ2B_13 Datasheet
232Kb / 3P
   High-Energy, Long Life, 500 V, Aluminum
logo
SHENZHEN YONGERJIA INDU...
WEJS51BC-EJ6 WINNERJOIN-WEJS51BC-EJ6 Datasheet
222Kb / 4P
   Light Emitting Diode
WEJS31GC-CJ3 WINNERJOIN-WEJS31GC-CJ3 Datasheet
223Kb / 4P
   Light Emitting Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com