Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2161-51(124) Datasheet(PDF) 7 Page - Molex Electronics Ltd.

Part # 2161-51(124)
Description  KK.045 SQ PIN LOOSE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

2161-51(124) Datasheet(HTML) 7 Page - Molex Electronics Ltd.

  2161-51(124) Datasheet HTML 1Page - Molex Electronics Ltd. 2161-51(124) Datasheet HTML 2Page - Molex Electronics Ltd. 2161-51(124) Datasheet HTML 3Page - Molex Electronics Ltd. 2161-51(124) Datasheet HTML 4Page - Molex Electronics Ltd. 2161-51(124) Datasheet HTML 5Page - Molex Electronics Ltd. 2161-51(124) Datasheet HTML 6Page - Molex Electronics Ltd. 2161-51(124) Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
2161
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2008-3117
AH2
DATE:
7/1/2008
TITLE:
KK .045 SQ PIN
LOOSE
- 7 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 2161-001
GAVERILL
AELHAG
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
TIN
PART NO:
ENG NO:
PART NO:
ENG NO:
50-29-1776
2161-01(154)
50-29-1802 2161-38(154)
50-29-1777
2161-03(154)
50-29-1803 2161-40(154)
50-29-1778
2161-04(154)
50-29-1804 2161-41(154)
50-29-1779
2161-05(154)
50-29-1805 2161-45(154)
50-29-1780
2161-06(154)
50-29-1806 2161-48(154)
50-29-1781
2161-07(154)
50-29-1807 2161-51(154)
50-29-1782
2161-10(154)
50-29-1808 2161-52(154)
50-29-1783
2161-11(154)
50-29-1809 2161-53(154)
50-29-1784
2161-12(154)
50-29-1810 2161-61(154)
50-29-1785
2161-13(154)
50-29-1811 2161-62(154)
50-29-1786
2161-14(154)
50-29-1812 2161-63(154)
50-29-1787
2161-15(154)
50-29-1813 2161-64(154)
50-29-1788
2161-16(154)
50-29-1814 2161-65(154)
50-29-1789
2161-18(154)
50-29-1815 2161-66(154)
50-29-1790
2161-19(154)
50-29-1816 2161-67(154)
50-29-1791
2161-20(154)
50-29-1817 2161-68(154)
50-29-1792
2161-21(154)
50-29-1818 2161-69(154)
50-29-1793
2161-22(154)
50-29-1819 2161-70(154)
50-29-1794
2161-23(154)
50-29-1820 2161-71(154)
50-29-1795
2161-24(154)
50-29-1821 2161-89(154)
50-29-1796
2161-26(154)
50-36-1724 2161-90(154)
50-29-1797
2161-28(154)
50-29-1822 2161-91(154)
50-29-1798
2161-30(154)
50-29-1823 2161-92(154)
50-29-1799
2161-35(154)
50-29-1824 2161-93(154)
50-29-1800
2161-36(154)
50-29-1825 2161-94(154)
50-29-1801
2161-37(154)
50-29-1826 2161-96(154)
50-29-1827 2161-99(154)
PART NO:
ENG NO:
PART NO:
ENG NO:


Similar Part No. - 2161-51(124)

ManufacturerPart #DatasheetDescription
logo
Heyco.
2161 HEYCO-2161 Datasheet
106Kb / 1P
   Snap Bushings
logo
Littelfuse
2161.25 LITTELFUSE-2161.25 Datasheet
90Kb / 1P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
2161.25 LITTELFUSE-2161.25 Datasheet
128Kb / 2P
   Axial Lead and Cartridge Fuses - Designed to IEC Standard
216100 LITTELFUSE-216100 Datasheet
181Kb / 2P
   5 x 20 mm Fast-Acting Fuse
216100P LITTELFUSE-216100P Datasheet
217Kb / 2P
   5 x 20 mm Fast-Acting Fuse
More results

Similar Description - 2161-51(124)

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-66471 ETC1-C-66471 Datasheet
41Kb / 1P
   PIN CONTACT, CRIMPED, 0.062, .045 x .045 POST M SERIES
logo
Molex Electronics Ltd.
026202031 MOLEX-026202031 Datasheet
162Kb / 1P
   WAFER FLAT MOLDED KK 156 .045 DIAMETER PINS
98/10/09
logo
Harwin Plc
M20-003 HARWIN-M20-003 Datasheet
41Kb / 1P
   LOOSE POLARISING PIN
logo
TRIAD MAGNETICS
FS24-045 TRIAD-FS24-045 Datasheet
44Kb / 1P
   FS24-045
logo
FCI connector
76196-014LF FCI-CONNECTOR-76196-014LF Datasheet
194Kb / 3P
   TRI-PIN LOOSE PIECE
logo
Molex Electronics Ltd.
08-52-1201 MOLEX11-08-52-1201 Datasheet
122Kb / 8P
   TERMINAL PIN 0.64 / .025 SQ. WIRE
logo
FCI connector
48115 FCI-CONNECTOR-48115 Datasheet
134Kb / 2P
   C.T.W. MALE PIN LOOSE PIECE
logo
First Components Intern...
48115 FCI-48115 Datasheet
124Kb / 2P
   C.T.W. MALE PIN LOOSE PIECE
Sep 04, 2009
logo
List of Unclassifed Man...
66182-1 ETC1-66182-1 Datasheet
40Kb / 1P
   PIN ASSEMBLY, LOOSE PIECE, TYPE III
66180-1 ETC1-66180-1 Datasheet
40Kb / 1P
   PIN ASSEMBLY, LOOSE PIECE, TYPE III
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com