Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS24B33 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS24B33
Description  1-Wire 4Kb EEPROM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS24B33 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS24B33 Datasheet HTML 1Page - Maxim Integrated Products DS24B33 Datasheet HTML 2Page - Maxim Integrated Products DS24B33 Datasheet HTML 3Page - Maxim Integrated Products DS24B33 Datasheet HTML 4Page - Maxim Integrated Products DS24B33 Datasheet HTML 5Page - Maxim Integrated Products DS24B33 Datasheet HTML 6Page - Maxim Integrated Products DS24B33 Datasheet HTML 7Page - Maxim Integrated Products DS24B33 Datasheet HTML 8Page - Maxim Integrated Products DS24B33 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
1-Wire 4Kb EEPROM
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(TA = -40°C to +85°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IO Voltage Range to GND ........................................-0.5V to +6V
IO Sink Current....................................................................20mA
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-55°C to +125°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow)
TO-92 ...........................................................................+250°C
All other packages, excluding SFN .............................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
IO PIN: GENERAL DATA
1-Wire Pullup Voltage
VPUP
(Notes 2, 3)
2.8
5.25
V
1-Wire Pullup Resistance
RPUP
(Notes 2, 4)
0.3
2.2
k
Input Capacitance
CIO
(Notes 5, 6)
2000
pF
Input Load Current
IL
IO at VPUPMAX
0.05
5
µA
High-to-Low Switching Threshold
VTL
(Notes 6, 7, 8)
0.5
VPUP -
1.8
V
Input Low Voltage
VIL
(Notes 2, 9)
0.5
V
Low-to-High Switching Threshold
VTH
(Notes 6, 7, 10)
1.0
VPUP -
1.0
V
Switching Hysteresis
VHY
(Notes 6, 7, 11)
0.2
1.7
V
Output Low Voltage
VOL
At 4mA (Note 12)
0.4
V
Standard speed
5
Overdrive speed
2
VPUP
+4.5V
1
Directly prior to reset pulse
640µ
s
5
Recovery Time
(Notes 2, 13)
tREC
Directly prior to reset pulse
> 640µs
10
µs
Standard speed
65
Standard speed, VPUP
+4.5V
61
Overdrive speed
8
Time-Slot Duration
(Notes 2, 14)
tSLOT
Overdrive speed, VPUP
+4.5V
7
µs
IO PIN: 1-Wire RESET, PRESENCE-DETECT CYCLE
Standard speed, tREC before reset = 10µs
480
960
Standard speed, tREC before reset = 5µs
480
640
Reset Low Time
(Note 2)
tRSTL
Overdrive speed
48
80
µs
Standard speed
15
60
Presence-Detect High Time
tPDH
Overdrive speed
2
6
µs
Standard speed
60
240
Presence-Detect Low Time
tPDL
Overdrive speed
8
24
µs
Standard speed
60
75
Presence-Detect Sample Time
(Notes 2, 15)
tMSP
Overdrive speed
6
10
µs


Similar Part No. - DS24B33

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS24B33 MAXIM-DS24B33 Datasheet
243Kb / 22P
   4Kb 1-Wire EEPROM with 200k Write/Erase Cycles
Rev 0; 2/11
DS24B33 MAXIM-DS24B33 Datasheet
289Kb / 22P
   1-Wire 4Kb EEPROM
Rev 1; 5/11
DS24B33 MAXIM-DS24B33 Datasheet
1Mb / 9P
   Compatible with Other 1-Wire Devices Purchased Separately
Rev 1; 4/16
DS24B33++ MAXIM-DS24B33+ Datasheet
243Kb / 22P
   4Kb 1-Wire EEPROM with 200k Write/Erase Cycles
Rev 0; 2/11
DS24B33++ MAXIM-DS24B33+ Datasheet
289Kb / 22P
   1-Wire 4Kb EEPROM
Rev 1; 5/11
More results

Similar Description - DS24B33

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2433 MAXIM-DS2433 Datasheet
701Kb / 23P
   4Kb 1-Wire EEPROM
19-5581; 10/10
DS24B33_1203 MAXIM-DS24B33_1203 Datasheet
352Kb / 22P
   1-Wire 4Kb EEPROM
Rev 2; 3/12
DS24B33_1105 MAXIM-DS24B33_1105 Datasheet
289Kb / 22P
   1-Wire 4Kb EEPROM
Rev 1; 5/11
DS24B33 MAXIM-DS24B33 Datasheet
243Kb / 22P
   4Kb 1-Wire EEPROM with 200k Write/Erase Cycles
Rev 0; 2/11
DS28E25 MAXIM-DS28E25 Datasheet
759Kb / 6P
   1-Wire SHA-256 Secure Authenticator with 4Kb User EEPROM
Rev 0; 7/12
DS1973 MAXIM-DS1973 Datasheet
75Kb / 3P
   4Kb EEPROM iButton
Rev 8/09
DS28EL25 MAXIM-DS28EL25 Datasheet
858Kb / 6P
   DeepCover Secure Authenticator with 1-Wire SHA-256 with 4Kb User EEPROM
Rev 0; 12/12
DS28E25 MAXIM-DS28E25_V01 Datasheet
725Kb / 6P
   DeepCover Secure Authenticator with 1-Wire SHA-256 and 4Kb User EEPROM
219-0019; Rev 4; 6/21
DS28EL25 MAXIM-DS28EL25_V01 Datasheet
735Kb / 6P
   DeepCover Secure Authenticator with 1-Wire SHA-256 with 4Kb User EEPROM
219-0022; Rev 1; 6/21
logo
Texas Instruments
BQ2028 TI-BQ2028 Datasheet
892Kb / 26P
[Old version datasheet]   4Kb EEPROM with Single-Wire HDQ Interface and Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com