Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4166-4(531) Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 4166-4(531)
Description  TERMINAL PIN 0.64 / .025 SQ. WIRE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

4166-4(531) Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  4166-4(531) Datasheet HTML 1Page - Molex Electronics Ltd. 4166-4(531) Datasheet HTML 2Page - Molex Electronics Ltd. 4166-4(531) Datasheet HTML 3Page - Molex Electronics Ltd. 4166-4(531) Datasheet HTML 4Page - Molex Electronics Ltd. 4166-4(531) Datasheet HTML 5Page - Molex Electronics Ltd. 4166-4(531) Datasheet HTML 6Page - Molex Electronics Ltd. 4166-4(531) Datasheet HTML 7Page - Molex Electronics Ltd. 4166-4(531) Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
4166
REV:
SHEET No.
SEE SHEET 1
AJ
TITLE:
KK .025 SQ PIN
- 2 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 4166-001
SCHAFER
SAMIEC
MARGULIS
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
PART NO:
ENG NO:
PART NO:
ENG NO:
08-52-1201
4166-1(102)
08-52-1233
4166-33(102)
08-52-1202
4166-2(102)
08-52-1234
4166-34(102)
08-52-1203
4166-3(102)
08-52-1235
4166-35(102)
08-52-1204
4166-4(102)
08-52-1238
4166-38(102)
08-52-1205
4166-5(102)
08-52-1239
4166-39(102)
4166-7(102)
08-52-1241
4166-41(102)
08-52-1208
4166-8(102)
08-52-1242
4166-42(102)
08-52-1209
4166-9(102)
08-52-1243
4166-43(102)
08-52-1210
4166-10(102)
08-52-0646
4166-46(102)
08-52-1211
4166-11(102)
4166-47(102)
08-52-1212
4166-12(102)
08-52-1258
4166-58(102)
4166-15(102)
4166-60(102)
4166-17(102)
08-52-1264
4166-64(102)
08-52-1218
4166-18(102)
4166-65(102)
08-52-1220
4166-20(102)
08-52-1266
4166-66(102)
08-52-1222
4166-22(102)
4166-67(102)
08-52-1225
4166-25(102)
4166-68(102)
08-52-1227
4166-27(102)
08-52-1269
4166-69(102)
08-52-1230
4166-30(102)
08-52-1274
4166-74(102)
08-52-0231
4166-31(102)


Similar Part No. - 4166-4(531)

ManufacturerPart #DatasheetDescription
logo
Heyco.
4166 HEYCO-4166 Datasheet
121Kb / 1P
   Lockit™ Loops
logo
Molex Electronics Ltd.
41661 MOLEX-41661 Datasheet
806Kb / 2P
   KK® 396 Reflow Process Compatible (RPC) Compatible (RPC)
2014.05
41661-0001 MOLEX5-41661-0001 Datasheet
379Kb / 15P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, 2 Circuits
41661-0001 MOLEX11-41661-0001 Datasheet
56Kb / 2P
   KK 396 Breakaway Header, Vertical, 2 Circuits, 0.38關m Gold (Au) Selective Plating
41661-0002 MOLEX5-41661-0002 Datasheet
379Kb / 15P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, 3 Circuits
More results

Similar Description - 4166-4(531)

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
038007222 MOLEX-038007222 Datasheet
266Kb / 4P
   WAFER, FRICTION LOCK KK (2.54)/.100 FOR (0.64)/.025 SQ. PINS
2005/03/11
logo
Tyco Electronics
5-146130-3 MACOM-5-146130-3 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
logo
Japan Aviation Electron...
MX57A JAE-MX57A Datasheet
924Kb / 6P
   0.64 (025) Non-waterproof SRS Connector
logo
Samtec, Inc
TSM-125-01-S-DV SAMTEC-TSM-125-01-S-DV Datasheet
1Mb / 2P
   SMT .025" SQ POST HEADER
TSM-105-01-T-DV-P-TR SAMTEC-TSM-105-01-T-DV-P-TR Datasheet
1Mb / 2P
   SMT .025" SQ POST HEADER
ZW-01-09-L-S-545-090 SAMTEC-ZW-01-09-L-S-545-090 Datasheet
164Kb / 1P
   FLEXIBLE .025 SQ BOARD STACKERS
ZW-05-13-G-S-370-430 SAMTEC-ZW-05-13-G-S-370-430 Datasheet
1Mb / 1P
   FLEXIBLE .025" SQ BOARD STACKERS
ZW-25-10-F-D-551-144 SAMTEC-ZW-25-10-F-D-551-144 Datasheet
1Mb / 1P
   FLEXIBLE .025" SQ BOARD STACKERS
logo
Tyco Electronics
5-146130-7 MACOM-5-146130-7 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
logo
Samtec, Inc
TSM-105-01-F-DV SAMTEC-TSM-105-01-F-DV Datasheet
1Mb / 2P
   SMT .025" SQ POST HEADER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com