Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

09-48-2107 Datasheet(PDF) 11 Page - Molex Electronics Ltd.

Part # 09-48-2107
Description  KK 156 HOUSING PCB 41815 SERIES
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

09-48-2107 Datasheet(HTML) 11 Page - Molex Electronics Ltd.

Back Button 09-48-2107 Datasheet HTML 3Page - Molex Electronics Ltd. 09-48-2107 Datasheet HTML 4Page - Molex Electronics Ltd. 09-48-2107 Datasheet HTML 5Page - Molex Electronics Ltd. 09-48-2107 Datasheet HTML 6Page - Molex Electronics Ltd. 09-48-2107 Datasheet HTML 7Page - Molex Electronics Ltd. 09-48-2107 Datasheet HTML 8Page - Molex Electronics Ltd. 09-48-2107 Datasheet HTML 9Page - Molex Electronics Ltd. 09-48-2107 Datasheet HTML 10Page - Molex Electronics Ltd. 09-48-2107 Datasheet HTML 11Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
KK 156 PCB ASSY 2-15 CKT
41815
SERIES
REV:
ECR/ECN INFORMATION:
TITLE:
KK 156 HOUSING ASSY PCB
41815 SERIES DWG
SHEET No.
AN1
EC NO.
UCP2012-3600
- 11 -
DATE:
5/14/2012
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SDA-41815
MMSTROH
MKIPPER
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
Assy. Proc:
RIGHT ANGLE
Assy. Proc:
TOP ENTRY
Assy. Proc:
RIGHT ANGLE
Housing No:
41815-N-DN
Housing No:
41815-N-DN
Housing No:
41815-N-AN
Options
WITHOUT RAMP
Options
WITHOUT RAMP
Options
WITH RAMP
Terminal No:
2144-BA-A1AA-197B
Terminal No:
2144-AA-A1AA-P909B
Terminal No:
2144-BA-A1AA-197B
Term Matl:
PHOS BRONZE
Term Matl:
BRASS
Term Matl:
PHOS BRONZE
Plating:
197 – TIN
Plating:
P909 – TIN
Plating:
197 TIN
Dim C:
(3.68) / .145
Dim C:
(3.05) / .120
Dim C:
(3.68) / .145
Voids:
NONE
Voids:
NONE
Voids:
TERMINAL VOID 2, 4
Hooks Cut:
NO
Hooks Cut:
YES
Hooks Cut:
NO
Packaging:
PK-41815-001 TRAY
Packaging:
PK-41815-001 TRAY
Packaging:
PK-41815-001 TRAY
Ckts
Material No
Engineer Number
Material No
Engineer Number
Material No
Engineer Number
2
41815-0630
A-41815-0630
3
41815-0631
A-41815-0631
4
41815-0632
A-41815-0632
41815-0646
A-41815-0646
5
41815-0633
A-41815-0633
41815-0661
A-41815-0661
6
41815-0634
A-41815-0634
7
41815-0635
A-41815-0635
8
41815-0636
A-41815-0636
9
41815-0637
A-41815-0637
10
41815-0638
A-41815-0638
11
41815-0639
A-41815-0639
12
41815-0640
A-41815-0640
13
41815-0641
A-41815-0641
14
41815-0642
A-41815-0642
15
41815-0643
A-41815-0643


Similar Part No. - 09-48-2107

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
09-48-2102 MOLEX-09-48-2102 Datasheet
343Kb / 11P
   KK 156 HOUSING PCB 41815 SERIES
1987/01/28
09-48-2105 MOLEX-09-48-2105 Datasheet
343Kb / 11P
   KK 156 HOUSING PCB 41815 SERIES
1987/01/28
More results

Similar Description - 09-48-2107

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
009481024 MOLEX-009481024 Datasheet
343Kb / 11P
   KK 156 HOUSING PCB 41815 SERIES
1987/01/28
09-52-1026 MOLEX11-09-52-1026 Datasheet
200Kb / 6P
   KK 156 PCB ASSY 2145 RIGHT ANGLE SERIES
09-62-6024 MOLEX11-09-62-6024 Datasheet
186Kb / 4P
   KK 156 PCB ASSY 2145 BOTTOM ENTRY SERIES
09-52-1023 MOLEX11-09-52-1023 Datasheet
183Kb / 4P
   KK 156 HOUSING ASSY PC TAIL TOP ENTRY
09-50-8021-P MOLEX11-09-50-8021-P Datasheet
261Kb / 2P
   (3.96)/.156 CENTERLINE CONNECTOR HOUSING FOR KK CRIMP TERMINALS
09-50-8020 MOLEX11-09-50-8020 Datasheet
263Kb / 1P
   (3.96) /.156 CENTERLINE CONNECTOR HOUSING FOR KK CRIMP TERMINAL
logo
Adam Technologies, Inc.
LHB12SA1 ADAM-TECH-LHB12SA1 Datasheet
129Kb / 1P
   .156 HEADER & HOUSING .156 [3.96] CENTERLINE
logo
Molex Electronics Ltd.
0026034030 MOLEX3-0026034030 Datasheet
424Kb / 4P
   3.96mm (.156") Pitch KK Crimp Terminal Housing - Use With Trifurcon Terminals, Friction Ramp
0026033181 MOLEX3-0026033181 Datasheet
424Kb / 4P
   3.96mm (.156") Pitch KK Crimp Terminal Housing - Use With Trifurcon Terminals, 18 Circuits
0026033221 MOLEX3-0026033221 Datasheet
424Kb / 4P
   3.96mm (.156") Pitch KK Crimp Terminal Housing - Use With Trifurcon Terminals, 22 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com