Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES51982 Datasheet(PDF) 10 Page - Cyrustek corporation

Part # ES51982
Description  3 1/2 CAP AUTO DMM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51982 Datasheet(HTML) 10 Page - Cyrustek corporation

Back Button ES51982 Datasheet HTML 6Page - Cyrustek corporation ES51982 Datasheet HTML 7Page - Cyrustek corporation ES51982 Datasheet HTML 8Page - Cyrustek corporation ES51982 Datasheet HTML 9Page - Cyrustek corporation ES51982 Datasheet HTML 10Page - Cyrustek corporation ES51982 Datasheet HTML 11Page - Cyrustek corporation ES51982 Datasheet HTML 12Page - Cyrustek corporation ES51982 Datasheet HTML 13Page - Cyrustek corporation ES51982 Datasheet HTML 14Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
11/01/05
10
ES51982
3 1/2 CAP AUTO DMM
2. Measurement Mode Switching
Measurement mode depends on the logic level of FC1, FC2, FC3, FC4, FC5, and KEY.
When FC5 is HIGH, the measurement modes are listed in the following table.
SLACDC FC1 FC2 FC3 FC4
Mode
Function of KEY
0
1
0
1
1
Voltage Measurement
DCV(initial) ↔ACV
0
1
1
0
1
Current Measurement(µA)
DCA(initial) ↔ACA
0
1
1
1
1
Current Measurement(mA)
DCA(initial) ↔ ACA
0
1
0
0
1
Manual Current Measurement(A)
DCA (initial) ↔ACA
0
0
0
0
0
Auto Current Measurement(A)
DCA(initial)
1
1
0
1
1
Voltage Measurement
ACV (initial) ↔DCV
1
1
1
0
1
Current Measurement(µA)
ACA(initial) ↔DCA
1
1
1
1
1
Current Measurement(mA)
ACA (initial) ↔DCA
1
1
0
0
1
Manual Current Measurement(A)
ACA (initial) ↔DCA
1
0
0
0
0
Auto Current Measurement(A)
ACA (initial)
X
0
0
1
1
Resistance Measurement
Ω ↔ Continuity
X
0
1
0
1
Resistance Measurement
Ω ↔ Diode
X
0
0
0
1
Continuity Check
Continuity Diode
X
0
1
1
1
Resistance Measurement
Ω ↔ Continuity ↔Diode
X
0
0
1
0
Frequency Measurement
X
0
1
1
0
Capacitance Measurement
X
0
1
0
0
Temperature(℃)
Ps. X means “don’t care”
When FC5 is LOW, KEY is disable. The corresponding measurement modes are list
below
SLACDC FC1 FC2 FC3 FC4
Mode
0
1
0
1
1
AC Voltage Measurement
0
1
1
0
1
AC Current Measurement(µA)
0
1
1
1
1
AC Current Measurement(mA)
0
1
0
0
1
Manual AC Current Measurement(A)
0
0
0
0
0
Auto AC Current Measurement(A)
1
1
0
1
1
DC Voltage Measurement
1
1
1
0
1
DC Current Measurement(µA)
1
1
1
1
1
DC Current Measurement(mA)
1
1
0
0
1
Manual DC Current Measurement(A)
1
0
0
0
0
Auto DC Current Measurement(A)
X
0
0
1
1
Resistance Measurement
X
0
1
0
1
Resistance Measurement
X
0
0
0
1
Continuity Check
X
0
1
1
1
Diode Measurement
X
0
0
1
0
Frequency Measurement
X
0
1
1
0
Capacitance Measurement
X
0
1
0
0
Temperature(℉)
Ps. X means “don’t care”


Similar Part No. - ES51982

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51982 CYRUSTEK-ES51982 Datasheet
396Kb / 21P
   3 1/2 CAP AUTO DMM
More results

Similar Description - ES51982

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51982 CYRUSTEK-ES51982 Datasheet
396Kb / 21P
   3 1/2 CAP AUTO DMM
ES51981 CYRUSTEK-ES51981_11 Datasheet
575Kb / 21P
   3 1/2 AUTO DMM
ES51981 CYRUSTEK-ES51981 Datasheet
355Kb / 21P
   3 1/2 AUTO DMM
ES51984 CYRUSTEK-ES51984 Datasheet
381Kb / 22P
   3 3/4 CAP AUTO DMM
logo
List of Unclassifed Man...
ES51983 ETC-ES51983 Datasheet
275Kb / 20P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51978 CYRUSTEK-ES51978 Datasheet
1,004Kb / 20P
   3 3/4 CAP AUTO DMM
logo
List of Unclassifed Man...
ES51962 ETC-ES51962 Datasheet
882Kb / 23P
   3 3/4 CAP AUTO DMM
ES51978 ETC1-ES51978 Datasheet
995Kb / 20P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51962 CYRUSTEK-ES51962 Datasheet
887Kb / 23P
   3 3/4 CAP AUTO DMM
ES51984 CYRUSTEK-ES51984_11 Datasheet
611Kb / 22P
   3 3/4 CAP AUTO DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com