Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES51982 Datasheet(PDF) 11 Page - Cyrustek corporation

Part # ES51982
Description  3 1/2 CAP AUTO DMM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51982 Datasheet(HTML) 11 Page - Cyrustek corporation

Back Button ES51982_11 Datasheet HTML 7Page - Cyrustek corporation ES51982_11 Datasheet HTML 8Page - Cyrustek corporation ES51982_11 Datasheet HTML 9Page - Cyrustek corporation ES51982_11 Datasheet HTML 10Page - Cyrustek corporation ES51982_11 Datasheet HTML 11Page - Cyrustek corporation ES51982_11 Datasheet HTML 12Page - Cyrustek corporation ES51982_11 Datasheet HTML 13Page - Cyrustek corporation ES51982_11 Datasheet HTML 14Page - Cyrustek corporation ES51982_11 Datasheet HTML 15Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11/01/05
11
ES51982
3 1/2 CAP AUTO DMM
The other combinations of FC1, FC2, FC3, and FC4 are for ADP modes. In ADP modes
, if FC5 is LOW, the minus sign on the LCD panel will not be displayed. And if KEY pin
is floating, the buzzer beeps when the input signal is overflow. The ADP mode function
is summarized below.
FC1
FC2
FC3
FC4
Mode
1
1
1
0
ADP0
1
1
0
0
ADP1
1
0
0
0
ADP2
1
0
1
0
ADP3
Note: Temperature measurement mode takes input signal from ADP pin. In temperature
measurement mode, VBAR pin is used to control the right most digit point on the
LCD panel. When VBAR is LOW, this digit point is displayed.
3. Push function
3.1 HOLD
HOLD mode makes the meter stop updating the LCD panel. This mode can be nested in
most of the special modes. Enabling HOLD function in automatic mode makes the
meter switch to manual mode, but the full scale range remains the same. HOLD function
can be cancelled by changing the measurement mode, pressing RANGE, or push HOLD
again.
3.2 Range
RANGE pin switches to and from automatic and manual mode, and while in manual
mode, changes the full scale range. The following figure shows the state transition.
Automatic
Mode
Manual
Mode
1 push < 1 sec
1 push > 1 sec
1 push < 1 sec
Range up


Similar Part No. - ES51982_11

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51982 CYRUSTEK-ES51982 Datasheet
396Kb / 21P
   3 1/2 CAP AUTO DMM
More results

Similar Description - ES51982_11

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51982 CYRUSTEK-ES51982 Datasheet
396Kb / 21P
   3 1/2 CAP AUTO DMM
ES51981 CYRUSTEK-ES51981_11 Datasheet
575Kb / 21P
   3 1/2 AUTO DMM
ES51981 CYRUSTEK-ES51981 Datasheet
355Kb / 21P
   3 1/2 AUTO DMM
ES51984 CYRUSTEK-ES51984 Datasheet
381Kb / 22P
   3 3/4 CAP AUTO DMM
logo
List of Unclassifed Man...
ES51983 ETC-ES51983 Datasheet
275Kb / 20P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51978 CYRUSTEK-ES51978 Datasheet
1,004Kb / 20P
   3 3/4 CAP AUTO DMM
logo
List of Unclassifed Man...
ES51962 ETC-ES51962 Datasheet
882Kb / 23P
   3 3/4 CAP AUTO DMM
ES51978 ETC1-ES51978 Datasheet
995Kb / 20P
   3 3/4 CAP AUTO DMM
logo
Cyrustek corporation
ES51962 CYRUSTEK-ES51962 Datasheet
887Kb / 23P
   3 3/4 CAP AUTO DMM
ES51984 CYRUSTEK-ES51984_11 Datasheet
611Kb / 22P
   3 3/4 CAP AUTO DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com