Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES51980 Datasheet(PDF) 9 Page - Cyrustek corporation

Part # ES51980
Description  DMM Analog front end with Inrush
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51980 Datasheet(HTML) 9 Page - Cyrustek corporation

Back Button ES51980 Datasheet HTML 5Page - Cyrustek corporation ES51980 Datasheet HTML 6Page - Cyrustek corporation ES51980 Datasheet HTML 7Page - Cyrustek corporation ES51980 Datasheet HTML 8Page - Cyrustek corporation ES51980 Datasheet HTML 9Page - Cyrustek corporation ES51980 Datasheet HTML 10Page - Cyrustek corporation ES51980 Datasheet HTML 11Page - Cyrustek corporation ES51980 Datasheet HTML 12Page - Cyrustek corporation ES51980 Datasheet HTML 13Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
ver. 2.8
12/01/12
9
ES51980(6000counts)
DMM Analog front end with Inrush
The ID byte of ES51980 is header of “110010” followed by a buzzer on/off control bit and
R/W bit. The start/stop bit definition is shown on the diagram below.
1.2 Read/Write command description
The write command includes one ID byte with four command bytes. If the valid write ID
code is received by ES51980 at any time, the write command operation will be enabled.
The next table shows the content of write command.
Byte
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
ID
1
1
0
0
1
0
BUZ
R/W=0
W1
SHBP
F3
F2
F1
F0
Q2
Q1
Q0
W2
B0
B1
B2
C0
C1
FQ2
FQ1
FQ0
W3
AC
0
0
EXT
FS60
LPF1
LPF0
FRES
W4
0
0
IRQ
INA/IRV
IRR
OP0
OP1
EXT_ADP
Auxiliary low-resistance detection control bit for Continuity and Diode modes: SHBP
Measurement function control bit: F3/F2/F1/F0
Range control bit for V/A/R/C modes: Q2/Q1/Q0
Range control bit for Freq mode: FQ2/FQ1/FQ0
Buzzer frequency selection: B2/B1/B0
Buzzer driver ON/OFF control bit: BUZ
ADC conversion rate control bit: C1/C0
AC mode control enable bit: AC
3dB BW for low-pass-filter selection: LPF1/LPF0
External source for Diode mode control bit: EXT
Inrush mode control bit: INA
OP configuration control bit: OP1/OP0
Frequency mode input resistance control bit: FRES
ADP mode control bit: EXT_ADP
ADP DC mode full scale control bit: FS60
Insulation mode control bit: IRQ/IRV/IRR


Similar Part No. - ES51980

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51981 CYRUSTEK-ES51981 Datasheet
355Kb / 21P
   3 1/2 AUTO DMM
ES51981 CYRUSTEK-ES51981 Datasheet
575Kb / 21P
   3 1/2 AUTO DMM
ES51981 CYRUSTEK-ES51981_11 Datasheet
575Kb / 21P
   3 1/2 AUTO DMM
ES51982 CYRUSTEK-ES51982 Datasheet
396Kb / 21P
   3 1/2 CAP AUTO DMM
ES51982 CYRUSTEK-ES51982 Datasheet
625Kb / 21P
   3 1/2 CAP AUTO DMM
More results

Similar Description - ES51980

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51970 CYRUSTEK-ES51970 Datasheet
782Kb / 26P
   DMM Analog front end with Inrush
ES222 CYRUSTEK-ES222 Datasheet
703Kb / 32P
   DMM Analog front end/Inrush
ES51990 CYRUSTEK-ES51990 Datasheet
772Kb / 26P
   DMM Analog front end
ES51997 CYRUSTEK-ES51997 Datasheet
829Kb / 28P
   DMM Analog front end
ES51995 CYRUSTEK-ES51995 Datasheet
780Kb / 27P
   DMM Analog front end with PEAK
ES51998 CYRUSTEK-ES51998 Datasheet
1Mb / 31P
   DMM Analog front end/Insulation
ES51996 CYRUSTEK-ES51996 Datasheet
1Mb / 30P
   DMM Analog front end/Insulation
logo
HYCON Technology Corpor...
HY3131 HYCON-HY3131 Datasheet
1Mb / 42P
   5,000/50,000 Counts DMM Analog Front End
HY3130 HYCON-HY3130 Datasheet
1,013Kb / 42P
   5,000/50,000 Counts DMM Analog Front End
logo
Fortune Semiconductor C...
FS970X FORTUNE-FS970X Datasheet
1Mb / 46P
   5,000/50,000 counts DMM analog front end.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com