Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES51967 Datasheet(PDF) 10 Page - Cyrustek corporation

Part # ES51967
Description  6,600 Counts Auto DMM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51967 Datasheet(HTML) 10 Page - Cyrustek corporation

Back Button ES51967 Datasheet HTML 6Page - Cyrustek corporation ES51967 Datasheet HTML 7Page - Cyrustek corporation ES51967 Datasheet HTML 8Page - Cyrustek corporation ES51967 Datasheet HTML 9Page - Cyrustek corporation ES51967 Datasheet HTML 10Page - Cyrustek corporation ES51967 Datasheet HTML 11Page - Cyrustek corporation ES51967 Datasheet HTML 12Page - Cyrustek corporation ES51967 Datasheet HTML 13Page - Cyrustek corporation ES51967 Datasheet HTML 14Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
V2.6
10/09/27
10
Mode
FC1~4
1VASEL
2VBAR
Full Scale
Input Terminal
Automatic1
1,1,0,1
1
0
660.0A / 6600A
IVSL/IVSH V.S. SGND
Automatic2
1,1,1,1
1
0
66.00A / 660.0A
IVSL/IVSH V.S. SGND
Manual1
1,1,0,0
1
X
6.600A
ADP V.S. SGND
Manual2
1,0,0,0
1
X
66.00A
ADP V.S. SGND
Manual3
1,0,1,0
1
X
660.0A
ADP V.S. SGND
Manual4
1,0,0,1
1
X
6600A
ADP V.S. SGND
Note:
1. Connect VASEL to V- will disable “A” and enable “V” units on LCD panel, so in other modes, this pin
must keep floating.
2. Connect VBAR to V- will disable the “µ2” / ”m2” symbol on LCD panel, so in the mV range of voltage
measurement, this pin must keep floating.
3. In DC current modes for clampmeter, ES51967 provides Zero function for offset removing.
4. The typical connection of input terminal is as the schematic below:
*The voltage results from induced current flows through a load resistor. Its input range is up to 3.3Vrms.
IVSL
IVSH
Vin*
9R
R
RL


Similar Part No. - ES51967

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51967 CYRUSTEK-ES51967 Datasheet
538Kb / 30P
   6,600 Counts Auto DMM
More results

Similar Description - ES51967

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51969 CYRUSTEK-ES51969_11 Datasheet
841Kb / 32P
   6,600 Counts Auto DMM
ES51967 CYRUSTEK-ES51967 Datasheet
538Kb / 30P
   6,600 Counts Auto DMM
ES51969 CYRUSTEK-ES51969 Datasheet
556Kb / 32P
   6,600 Counts Auto DMM
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
   11,000 Counts Auto DMM
ES51932 CYRUSTEK-ES51932 Datasheet
471Kb / 35P
   22,000 Counts Auto DMM
ES51921 CYRUSTEK-ES51921_10 Datasheet
587Kb / 35P
   22,000 Counts Auto DMM
logo
List of Unclassifed Man...
ES51918 ETC1-ES51918 Datasheet
510Kb / 32P
   11,000 Counts Auto DMM
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916 Datasheet
493Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918 Datasheet
515Kb / 32P
   11,000 Counts Auto DMM
ES51911 CYRUSTEK-ES51911_11 Datasheet
803Kb / 29P
   11,000 Counts Auto DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com