Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES51967 Datasheet(PDF) 6 Page - Cyrustek corporation

Part # ES51967
Description  6,600 Counts Auto DMM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51967 Datasheet(HTML) 6 Page - Cyrustek corporation

Back Button ES51967 Datasheet HTML 2Page - Cyrustek corporation ES51967 Datasheet HTML 3Page - Cyrustek corporation ES51967 Datasheet HTML 4Page - Cyrustek corporation ES51967 Datasheet HTML 5Page - Cyrustek corporation ES51967 Datasheet HTML 6Page - Cyrustek corporation ES51967 Datasheet HTML 7Page - Cyrustek corporation ES51967 Datasheet HTML 8Page - Cyrustek corporation ES51967 Datasheet HTML 9Page - Cyrustek corporation ES51967 Datasheet HTML 10Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
V2.6
10/09/27
6
2Capacitance measurement
accuracy
6.6nF-66mF range
-1.5
1.5
%F.S
-3
3
digits
Note
:
1.Full Scale
2.Above specification from 6.6nF to 6.6uF ranges are specified under REL mode.
Function Description
1.
Operating Modes
1.1 Voltage Measurement
A re-configurable voltage divider automatically provides a suitable range in voltage
measurement mode. The following table summarizes the full-scale ranges in each
configuration.
Configuration
Full Scale Range
Divider Ratio
Resister Connection
VR1
660.0mV1
1
VR1 (10MΩ)
VR2
6.600V
1/10
VR2 (1.111MΩ)
VR3
66.00V
1/100
VR3 (101KΩ)
VR4
660.0V2
1/1000
VR4 (10KΩ)
VR5
1000V
1/10000
VR5 (1KΩ)
Note:
1. 660.0mV range only exists in manual mode when VST pin is kept floating or DGND.
2. If VST is set to V- level, the auto range mode will start from 660.0V range. 660.0mV – 66.00V
ranges only exist in manual mode.
1.1.1 CE selection
ES51967 has a CE selection feature archived by configuring a CESEL pin. If pin
CESEL is connected to V-, ES51967 will have a 610.0V overflow level in DC and AC
660.0V ranges. And the 1000V range will not occur anymore. If pin CESEL is
connected to DGND or floating, the ES51967 will have a 1010V overflow level in DC
1000V range and have a 1010V overflow level in AC 1000V range. The meter will
Show OL when the measuring signal reaches the overflow level. The configuration of
CESEL is listed below.
CESEL
DCV
ACV
DGND or floating
1010V
1010V
V-
610.0V
610.0V


Similar Part No. - ES51967

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51967 CYRUSTEK-ES51967 Datasheet
538Kb / 30P
   6,600 Counts Auto DMM
More results

Similar Description - ES51967

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51969 CYRUSTEK-ES51969_11 Datasheet
841Kb / 32P
   6,600 Counts Auto DMM
ES51967 CYRUSTEK-ES51967 Datasheet
538Kb / 30P
   6,600 Counts Auto DMM
ES51969 CYRUSTEK-ES51969 Datasheet
556Kb / 32P
   6,600 Counts Auto DMM
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
   11,000 Counts Auto DMM
ES51932 CYRUSTEK-ES51932 Datasheet
471Kb / 35P
   22,000 Counts Auto DMM
ES51921 CYRUSTEK-ES51921_10 Datasheet
587Kb / 35P
   22,000 Counts Auto DMM
logo
List of Unclassifed Man...
ES51918 ETC1-ES51918 Datasheet
510Kb / 32P
   11,000 Counts Auto DMM
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916 Datasheet
493Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918 Datasheet
515Kb / 32P
   11,000 Counts Auto DMM
ES51911 CYRUSTEK-ES51911_11 Datasheet
803Kb / 29P
   11,000 Counts Auto DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com