Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES51950 Datasheet(PDF) 4 Page - Cyrustek corporation

Part # ES51950
Description  Dual Display/Cap
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51950 Datasheet(HTML) 4 Page - Cyrustek corporation

  ES51950 Datasheet HTML 1Page - Cyrustek corporation ES51950 Datasheet HTML 2Page - Cyrustek corporation ES51950 Datasheet HTML 3Page - Cyrustek corporation ES51950 Datasheet HTML 4Page - Cyrustek corporation ES51950 Datasheet HTML 5Page - Cyrustek corporation ES51950 Datasheet HTML 6Page - Cyrustek corporation ES51950 Datasheet HTML 7Page - Cyrustek corporation ES51950 Datasheet HTML 8Page - Cyrustek corporation ES51950 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
v2.3
10/06/25
4
ES51950(5000counts)
Dual Display/Cap
53
LPFC1
O
Capacitor C1 connection for internal low-pass filter
54
LPFC2
O
Capacitor C2 connection for internal low-pass filter
55
LPFC3
O
Capacitor C3 connection for internal low-pass filter
56
LPFOUT
O
Capacitor C1 connection for internal low-pass filter
57
SLEEP
O
Sleep mode indicator, asserts low in SLEEP mode.
58
BUZIN
I
Pull to V- to enable the BUZOUT.
59
FREQ
I
Frequency counter input, offset V-/2 internally by the chip.
60
CAL_EN
I
Pulled to V- to enable the semi-auto calibration scheme.
61
SDA
I/O
Input/Output from/to EEPROM 24C02 data
62
SCL
O
Output to EEPROM 24C02 clock
63-86
SEG24-SEG01
O
LCD segment output driver 01-24 (SEG signals)
87-90
BP4-BP1
O
LCD backplane 1-4 (COM signals)
91
ALARM
O
LED control output driver for HV indication and NCV detection
92
BUZOUT
O
Outputs a 2KHz audio frequency signal for driving piezoelectric
buzzer when BUZIN is low or functional key is active.
93
BKOUT
O
If BKLIT function is enabled, this pin will change from V- to V+
For 60 sec, once press BKLIT pin again within 60 sec, this pin will
Change back to V-.
94
OSC1
I
Crystal oscillator input connection
95
OSC2
O
Crystal oscillator output connection
96
LCDCAP
I
LCD bias voltage bypass capacitor connection
97
Opt_nF
I
Pull to V- to change the initial range to 50nF in Cap mode.
98
C_clamp
I
Pull to V- to change the initial range to 5uF in Cap mode.
99
S50V
I
Switch control for function selection
100
SVR
I
Switch control for function selection
101
APOSEL
I
Auto power off idle time selection
102
CAL_nF
I
Pulled to V- to enable the small capacitor calibration scheme.
103
CESEL
I
OL selection feature control pin in Voltage mode.
104
TSEL
I
Pulled to V- to cancel the 500oC auto range mode
105
ALARM1
O
LED control output driver for short-circuit detected in Cont. mode.
106
DIS_LPF
I
Pulled to V- to disable the low-pass-filter path in ACA mode
107
DIS_DGB
I
Pulled to V- to disable the buzzer beeper when HV danger appears.
108
DIS_DCA
I
Pulled to V- to disable DCA function in DCV mode.
109
NC
-
Not connected
110
BKLIT
I
Back light function. Pulse to V- to set BKOUT pin output.
111
SEL
I
Pulse to V- to enable function selection
112
HOLD
I
Pulse to V- to enable HOLD function.
113
RANGE
I
Pulse to V- to enable manual mode and manual range selection.
114
SAC
I
Switch for AC/DC function selection.
115-118
FC4-FC1
I
Switches for function selection.
119
C-
O
Negative capacitor connection for on-chip DC-DC converter.
120
C+
O
Positive capacitor connection for on-chip DC-DC converter.
121
LBAT9
I
Multi-level low battery configuration input. Simple external resistor
divider is required.
122
V-
P
Negative supply voltage.
123
V-
P
Negative supply voltage.
124
V+
O
Output of on-chip DC-DC converter and positive supply voltage.
125
V+
O
Output of on-chip DC-DC converter and positive supply voltage.
126
DGND
P/G Digital ground.
127
AGND
P/G Analog ground.
128
AGND
P/G Analog ground.


Similar Part No. - ES51950

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51955 CYRUSTEK-ES51955 Datasheet
624Kb / 31P
   Dual Display/Inrush
More results

Similar Description - ES51950

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51945 CYRUSTEK-ES51945 Datasheet
608Kb / 30P
   Dual Display/No Cap
ES51964 CYRUSTEK-ES51964 Datasheet
717Kb / 33P
   Dual Display
logo
Axiomtek Co., Ltd.
MANO871 AXIOMTEK-MANO871 Datasheet
232Kb / 1P
   Dual view display
logo
List of Unclassifed Man...
C-562H ETC1-C-562H Datasheet
73Kb / 1P
   DUAL DIGITS DISPLAY
logo
Cyrustek corporation
ES51965 CYRUSTEK-ES51965 Datasheet
617Kb / 33P
   Dual Display/PEAK
ES51968 CYRUSTEK-ES51968 Datasheet
697Kb / 33P
   Dual Display/Inrush
logo
List of Unclassifed Man...
QBD40IB1 ETC2-QBD40IB1 Datasheet
305Kb / 6P
   Dual Digit Display
logo
AAEON Technology
ACS-1U01-BT4 AAEON-ACS-1U01-BT4 Datasheet
314Kb / 2P
   dual independent display
logo
List of Unclassifed Man...
A-562H ETC1-A-562H Datasheet
114Kb / 1P
   DUAL DIGITS DISPLAY
logo
Cyrustek corporation
ES51955 CYRUSTEK-ES51955 Datasheet
624Kb / 31P
   Dual Display/Inrush
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com