Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES51926 Datasheet(PDF) 8 Page - Cyrustek corporation

Part # ES51926
Description  3000 Counts Smart DMM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51926 Datasheet(HTML) 8 Page - Cyrustek corporation

Back Button ES51926_10 Datasheet HTML 4Page - Cyrustek corporation ES51926_10 Datasheet HTML 5Page - Cyrustek corporation ES51926_10 Datasheet HTML 6Page - Cyrustek corporation ES51926_10 Datasheet HTML 7Page - Cyrustek corporation ES51926_10 Datasheet HTML 8Page - Cyrustek corporation ES51926_10 Datasheet HTML 9Page - Cyrustek corporation ES51926_10 Datasheet HTML 10Page - Cyrustek corporation ES51926_10 Datasheet HTML 11Page - Cyrustek corporation ES51926_10 Datasheet HTML 12Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Ver 2.9
8
10/06/25
ES51926
3000 Counts Smart DMM
1.2 Current Measurement
1.2.1 For multi-meter application
ES51926 has 2 automatic and 1 manual current measurement modes for
multi-meter. The following table summarizes the full-scale range of each mode.
When ES51926 operates in the current measurement modes for multi-meter, it
takes high input from pin IVSH or IVSL, low input from pin SGND and
reference voltage from pin VR.
Mode
Full Scale
Input Terminal
Full scale
Automatic1
300.0µA / 3000µA
IVSL/IVSH V.S. SGND
150.0mV
Automatic2
30.00mA / 300.0mA
IVSL/IVSH V.S. SGND
150.0mV
Manual
30.00A
IVSH V.S. SGND
150.0mV
1.2.2 For clamp meter application
ES51926 has 2 automatic and 4 manual current measurement modes for Clamp
meter. The following table summarizes the full-scale range of each mode. When
ES51926 operate in the automatic mode1&2, it takes high input from
IVSH/IVSL (higher range/lower range), low input from SGND and reference
voltage from VR. When ES51926 operate in the manual mode1~4, it takes high
input from ADP, low input from SGND and reference voltage from VA+ & VA-.
Mode
Full Scale
Input Terminal
Full scale
Automatic1
300.0A / 3000A
IVSL/IVSH V.S. SGND
300.0mV
Automatic2
30.00A / 300.0A
IVSL/IVSH V.S. SGND
300.0mV
Manual1
3.000A
ADP V.S. SGND
300.0mV
Manual2
30.00A
ADP V.S. SGND
300.0mV
Manual3
300.0A
ADP V.S. SGND
300.0mV
Manual4
3000A
ADP V.S. SGND
300.0mV


Similar Part No. - ES51926_10

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51926 CYRUSTEK-ES51926 Datasheet
347Kb / 22P
   3000 Counts Smart DMM
More results

Similar Description - ES51926_10

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51925 CYRUSTEK-ES51925_10 Datasheet
405Kb / 22P
   3000 Counts Smart DMM
ES51925 CYRUSTEK-ES51925 Datasheet
345Kb / 22P
   3000 Counts Smart DMM
ES51926 CYRUSTEK-ES51926 Datasheet
347Kb / 22P
   3000 Counts Smart DMM
ES51927 CYRUSTEK-ES51927 Datasheet
342Kb / 22P
   6000 Counts Smart DMM
ES51928 CYRUSTEK-ES51928 Datasheet
345Kb / 22P
   6000 Counts Smart DMM
ES51927 CYRUSTEK-ES51927_10 Datasheet
407Kb / 22P
   6000 Counts Smart DMM
ES51928 CYRUSTEK-ES51928_10 Datasheet
411Kb / 22P
   6000 Counts Smart DMM
ES51929 CYRUSTEK-ES51929 Datasheet
728Kb / 25P
   6000 Counts Smart DMM
ES252 CYRUSTEK-ES252 Datasheet
874Kb / 36P
   2000 Counts DMM
ES277 CYRUSTEK-ES277 Datasheet
463Kb / 25P
   4000 Counts DMM
V 1.1 2016/08/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com