Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES51921 Datasheet(PDF) 10 Page - Cyrustek corporation

Part # ES51921
Description  22,000 Counts Auto DMM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES51921 Datasheet(HTML) 10 Page - Cyrustek corporation

Back Button ES51921 Datasheet HTML 6Page - Cyrustek corporation ES51921 Datasheet HTML 7Page - Cyrustek corporation ES51921 Datasheet HTML 8Page - Cyrustek corporation ES51921 Datasheet HTML 9Page - Cyrustek corporation ES51921 Datasheet HTML 10Page - Cyrustek corporation ES51921 Datasheet HTML 11Page - Cyrustek corporation ES51921 Datasheet HTML 12Page - Cyrustek corporation ES51921 Datasheet HTML 13Page - Cyrustek corporation ES51921 Datasheet HTML 14Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Ver. 3.2
10/06/23
10
ES51921
22,000 Counts Auto DMM
1.4 Current measurement for clampmeter
ES51921 has 2 automatic and 4 manual current measurement modes for clampmeter.
The following table summarizes the full-scale range of each mode. When ES51921
operate in the automatic mode1&2, it takes high input from IVSH/IVSL (higher
range/lower range), low input from SGND and reference voltage from VR. When
ES51921 operates in the manual mode1~4, It takes high input from ADP, low input
from SGND and reference voltage from VA+ and VA-.
Mode
FC1~4
VBAR
Full Scale
Input Terminal
Automatic1
1,1,0,1
0
220.00A / 2200.0A
IVSL/IVSH V.S. SGND
Automatic2
1,1,1,1
0
22.000A / 220.00A
IVSL/IVSH V.S. SGND
Manual1
1,1,0,0
X
22.000A
ADP V.S. SGND
Manual2
1,0,0,0
X
220.00A
ADP V.S. SGND
Manual3
1,0,1,0
X
2200.0A
ADP V.S. SGND
Manual4
1,0,0,1
X
22000A
ADP V.S. SGND
Note:
1. Connect VBAR to V- will disable the “µ2” / ”m2” symbol on LCD panel.
2. In DC current modes for clampmeter, ES51921 provides Zero function for offset removing.
3. The typical connection of input terminal for automatic1&2 is as the schematic below:
IVSL
IVSH
Vin*
9R
R
RL


Similar Part No. - ES51921

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51921 CYRUSTEK-ES51921 Datasheet
586Kb / 35P
   22,000 Counts Auto DMM
More results

Similar Description - ES51921

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51931 CYRUSTEK-ES51931 Datasheet
628Kb / 34P
   22,000 Counts Auto DMM
ES51932 CYRUSTEK-ES51932 Datasheet
471Kb / 35P
   22,000 Counts Auto DMM
ES51921 CYRUSTEK-ES51921 Datasheet
586Kb / 35P
   22,000 Counts Auto DMM
ES51922 CYRUSTEK-ES51922 Datasheet
592Kb / 35P
   22,000 Counts Auto DMM
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
   11,000 Counts Auto DMM
logo
List of Unclassifed Man...
ES51918 ETC1-ES51918 Datasheet
510Kb / 32P
   11,000 Counts Auto DMM
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916 Datasheet
493Kb / 29P
   11,000 Counts Auto DMM
ES51918 CYRUSTEK-ES51918 Datasheet
515Kb / 32P
   11,000 Counts Auto DMM
ES51967 CYRUSTEK-ES51967 Datasheet
538Kb / 30P
   6,600 Counts Auto DMM
ES51969 CYRUSTEK-ES51969 Datasheet
556Kb / 32P
   6,600 Counts Auto DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com